Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTN1308E3 Datasheet(PDF) 3 Page - Cystech Electonics Corp.

Part # MTN1308E3
Description  N-Channel Enhancement Mode Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTN1308E3 Datasheet(HTML) 3 Page - Cystech Electonics Corp.

  MTN1308E3 Datasheet HTML 1Page - Cystech Electonics Corp. MTN1308E3 Datasheet HTML 2Page - Cystech Electonics Corp. MTN1308E3 Datasheet HTML 3Page - Cystech Electonics Corp. MTN1308E3 Datasheet HTML 4Page - Cystech Electonics Corp. MTN1308E3 Datasheet HTML 5Page - Cystech Electonics Corp. MTN1308E3 Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C440E3
Issued Date : 2009.02.23
Revised Date :
Page No. : 3/6
MTN1308E3
CYStek Product Specification
Characteristics (TC=25
°C, unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Static
BVDSS
75
-
-
V
VGS=0, ID=250μA
VGS(th)
1.5
2.5
4.0
V
VDS = VGS, ID=250μA
IGSS
-
-
±
100
nA
VGS=±30
IDSS
-
-
1
μA
VDS =60V, VGS =0
IDSS
-
-
25
μA
VDS =50V, VGS =0, Tj=125
°C
IDON
80
-
-
A
VDS =10V, VGS=10V
(Note 1)
RDS(ON)
-
10.5
13
VGS =10V, ID=30A
(Note 1)
GFS
-
38
-
S
VDS =5V, ID=30A
(Note 1)
Dynamic
Qg
-
42
-
Qgs
-
19
-
Qgd
-
17
-
nC
VDS=80V, ID=30A, VGS=10V
(Note 1 & 2)
td(ON)
-
25
-
tr
-
200
-
td(OFF)
-
100
-
tf
-
120
-
ns
VDS=50V, ID=1A, VGS=10V,
RGS=6Ω (Note 1 & 2)
Ciss
-
10587
-
Coss
-
340
-
Crss
-
242
-
pF
VGS=0V, VDS=25V, f=1MHz
Rg
-
2
-
Ω
VGS=15mV, VDS=0V, f=1MHz
Source-Drain Diode
IS
-
-
80
ISM
-
-
200
A
(Note 3)
VSD
-
-
1.3
V
IS=80A, VGS=0V
(Note 1)
trr
-
120
-
ns
Qrr
-
380
-
nC
VGS=0, IF=25A, dIF/dt=100A/μs
Note : 1. Pulse Test : Pulse Width
≤300μs, Duty Cycle≤2%
2. Independent of operating temperature
3. Pulse width limited by maximum junction temperature.
Ordering Information
Device
Package
Shipping
Marking
MTN1308E3
TO-220
(RoHS compliant)
50 pcs/tube, 20 tubes/box, 4 boxes / carton
13N08


Similar Part No. - MTN1308E3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTN1322S3 CYSTEKEC-MTN1322S3 Datasheet
316Kb / 9P
   20V N-CHANNEL Enhancement Mode MOSFET
logo
Marktech Corporate
MTN1356-11A MARKTECH-MTN1356-11A Datasheet
63Kb / 1P
   3&4 DIGIT DISPLAY
MTN1356-11C MARKTECH-MTN1356-11C Datasheet
63Kb / 1P
   3&4 DIGIT DISPLAY
logo
Cystech Electonics Corp...
MTN138KS3 CYSTEKEC-MTN138KS3 Datasheet
281Kb / 7P
   N-CHANNEL MOSFET
MTN138ZN3 CYSTEKEC-MTN138ZN3 Datasheet
272Kb / 7P
   N-CHANNEL MOSFET
More results

Similar Description - MTN1308E3

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com