Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

351514 Datasheet(PDF) 3 Page - Lumberg

Part # 351514
Description  RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

351514 Datasheet(HTML) 3 Page - Lumberg

  351514 Datasheet HTML 1Page - Lumberg 351514 Datasheet HTML 2Page - Lumberg 351514 Datasheet HTML 3Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
RAST 2.5 connectors, pitch 2.5/5.0 mm
Connecteurs RAST 2.5, pas 2,5/5,0 mm
3515
*f
*a konfektionierter Zustand
terminated connector
connecteur après montage
*b Farbkennzeichnung:
3515(-...) (M12)S01 blau/blue/bleu
color marking:
3515(-...) (M12)S02 grün/green/vert
marque en couleur:
3515(-...) (M12)S03 braun/brown/marron
*c K = Kodierung (wahlweise)
K = keying (alternatively)
K = codage (au choix)
P1, P2 = Positionierung (wahlweise)
P1, P2 = positioning (alternatively)
P1, P2 = positionnement (au choix)
V = Verrastung (bis 6-polig 1, ab 7-polig 2)
V = lock (1 up to 6 poles, 2 from 7 poles on)
V = verrouillage (1 jusqu’à 6 pôles, 2 à partir de 7 pôles)
*d Leiterplattenbeispiel
expamle of printed circuit board
exemple de carte imprimée
*e Verkettung der Bauteile (Lieferzustand)
chaining of the component parts (state of delivery)
composants en bande (état de livraison)
*f Kodierbeispiel mit außenliegenen Rasthaken
keying example with locking hooks on the edges
exemple d’un codage aux crochets de verrouillage aux bords
*g Sondervariante 2-polig
special 2 pole version
version 2 pôles spéciale
*g
11/2009
www.lumberg.com


Similar Part No. - 351514

ManufacturerPart #DatasheetDescription
logo
Lumberg
351514 LUMBERG-351514 Datasheet
713Kb / 5P
   RAST 2.5 connectors, pitch 2.5/5.0 mm
More results

Similar Description - 351514

ManufacturerPart #DatasheetDescription
logo
Lumberg
3518 LUMBERG-3518 Datasheet
283Kb / 3P
   RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
3542 LUMBERG-3542 Datasheet
94Kb / 2P
   RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
3500 LUMBERG-3500 Datasheet
92Kb / 2P
   RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
3513 LUMBERG-3513 Datasheet
109Kb / 2P
   RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
355299 LUMBERG-355299 Datasheet
763Kb / 2P
   RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
83545 LUMBERG-83545 Datasheet
100Kb / 2P
   RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
3554 LUMBERG-3554 Datasheet
91Kb / 2P
   RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
3557 LUMBERG-3557 Datasheet
91Kb / 2P
   RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
3517 LUMBERG-3517 Datasheet
277Kb / 3P
   RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
3510 LUMBERG-3510 Datasheet
117Kb / 2P
   RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
3520 LUMBERG-3520 Datasheet
122Kb / 2P
   RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com