Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTN3205E3 Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # MTN3205E3
Description  N-Channel Enhancement Mode Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTN3205E3 Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  MTN3205E3 Datasheet HTML 1Page - Cystech Electonics Corp. MTN3205E3 Datasheet HTML 2Page - Cystech Electonics Corp. MTN3205E3 Datasheet HTML 3Page - Cystech Electonics Corp. MTN3205E3 Datasheet HTML 4Page - Cystech Electonics Corp. MTN3205E3 Datasheet HTML 5Page - Cystech Electonics Corp. MTN3205E3 Datasheet HTML 6Page - Cystech Electonics Corp. MTN3205E3 Datasheet HTML 7Page - Cystech Electonics Corp. MTN3205E3 Datasheet HTML 8Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
CYStech Electronics Corp.
Spec. No. : C444E3
Issued Date : 2009.05.25
Revised Date :
Page No. : 1/8
MTN3205E3
CYStek Product Specification
N-Channel Enhancement Mode Power MOSFET
MTN3205E3
Description
The MTN3205E3 is a N-channel enhancement-mode MOSFET, providing the designer with the best
combination of fast switching, ruggedized device design, low on-resistance and cost effectiveness.
The TO-220 package is universally preferred for all commercial-industrial applications
Features
• Low On Resistance
• Simple Drive Requirement
• Low Gate Charge
• Fast Switching Characteristic
• RoHS compliant package
Applications
• E-bike
• UPS
Symbol
Outline
MTN3205E3
D:Drain
S:Source
G:Gate
TO-220
G D S
BVDSS
55V
RDSON(Max)
8 mΩ
ID
110A


Similar Part No. - MTN3205E3

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTN3200 MARKTECH-MTN3200 Datasheet
49Kb / 1P
   SINGLE DIGIT SEVEN SEGMENT DISPLAY
MTN3200-AG MARKTECH-MTN3200-AG Datasheet
49Kb / 1P
   SINGLE DIGIT SEVEN SEGMENT DISPLAY
logo
Cystech Electonics Corp...
MTN3207E3 CYSTEKEC-MTN3207E3 Datasheet
321Kb / 10P
   N-Channel Enhancement Mode Power MOSFET
MTN3207F3 CYSTEKEC-MTN3207F3 Datasheet
342Kb / 11P
   N-Channel Enhancement Mode Power MOSFET
More results

Similar Description - MTN3205E3

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com