Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT4194-HR-A Datasheet(PDF) 6 Page - Marktech Corporate

Part # MT4194-HR-A
Description  1.0횞4.8mm RECTANGULAR LAMP(STEP TYPE)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MT4194-HR-A Datasheet(HTML) 6 Page - Marktech Corporate

  MT4194-HR-A Datasheet HTML 1Page - Marktech Corporate MT4194-HR-A Datasheet HTML 2Page - Marktech Corporate MT4194-HR-A Datasheet HTML 3Page - Marktech Corporate MT4194-HR-A Datasheet HTML 4Page - Marktech Corporate MT4194-HR-A Datasheet HTML 5Page - Marktech Corporate MT4194-HR-A Datasheet HTML 6Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MT4194-HR-A
1.0×4.8mm RECTANGULAR
LAMP(STEP TYPE)
VER.: 01
Date: 2007/11/02
Page: 5/5
Precautions:
TAKE NOTE OF THE FOLLOWING IN USE OF LED
1.
Temperature in use
Since the light generated inside the LED needs to be emitted to outside efficiently, a resin with
high light transparency is used; therefore, additives to improve the heat resistance or moisture
resistance (silica gel , etc) which are used for semiconductor products such as transistors
cannot be added to the resin.
Consequently, the heat resistant ability of the resin used for LED is usually low; therefore,
please be careful on the following during use.
Avoid applying external force, stress, and excessive vibration to the resins and terminals at
high temperature. The glass transition temperature of epoxy resin used for the LED is
approximately 120-130℃.
At a temperature exceeding this limit, the coefficient of liner expansion of the resin doubles or
more compared to that at normal temperature and the resin is softened.
If external force or stress is applied at that time, it may cause a wire rupture.
2. Soldering
Please be careful on the following at soldering.
After soldering, avoided applying external force, stress, and excessive vibration until the
products go to cooling process (normal temperature), <Same for products with terminal leads>
(1)
Soldering measurements:
Distance between melted solder side to bottom of resin shall be 1.6mm or longer.
(2)
Solder dip: Preheat: 90℃ max. (Backside of PCB), Within 60 seconds
Solder bath: 260±5℃ (Solder temperature), Within 5 seconds
(3)
Soldering iron : 350℃ max. (Temperature of soldering iron tip), Within 3 seconds
3. Insertion
Pitch of the LED leads and pitch of mounting holes need to be same
4. Others
Since the heat resistant ability of the LED resin is low, SMD components are used on the same
PCB, please mount the LED after adhesive baking process for SMD components. In case
adhesive baking is done after LED lamp insertion due to a production process reason, make
sure not to apply external force, stress, and excessive vibration to the LED and follow the
conditions below.
Baking temperature: 120℃ max. Baking time: Within 60 seconds
If soldering is done sequentially after the adhesive baking, please perform the soldering after cooling down
the LED to normal temperature.


Similar Part No. - MT4194-HR-A

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT4194-HR MARKTECH-MT4194-HR Datasheet
136Kb / 2P
   1X5 RECTANGULAR LED LAMPS
More results

Similar Description - MT4194-HR-A

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-L2516SRC BETLUX-BL-L2516SRC Datasheet
91Kb / 3P
   Rectangular Type LED lamp
BL-L2506SRC BETLUX-BL-L2506SRC Datasheet
94Kb / 3P
   Rectangular Type LED lamp
logo
Yellow Stone Corp
BL-R1132R YSTONE-BL-R1132R Datasheet
176Kb / 2P
   STANDARD LED LAMP(RECTANGULAR TYPE)
logo
BetLux Electronics
BL-L2519EGW BETLUX-BL-L2519EGW Datasheet
61Kb / 3P
   Rectangular Type, BI-COLOR LED lamp
logo
Marktech Corporate
MT112T-RG-A MARKTECH-MT112T-RG-A_15 Datasheet
136Kb / 6P
   RECTANGULAR LED LAMP
MT112T-RG-A MARKTECH-MT112T-RG-A Datasheet
136Kb / 6P
   RECTANGULAR LED LAMP
MT212T-G-A MARKTECH-MT212T-G-A Datasheet
188Kb / 5P
   RECTANGULAR LED LAMP
MT212T-G-A MARKTECH-MT212T-G-A_15 Datasheet
188Kb / 5P
   RECTANGULAR LED LAMP
logo
Siemens Semiconductor G...
LRB4801111 SIEMENS-LRB4801111 Datasheet
94Kb / 1P
   RECTANGULAR LED LAMP
logo
Kingbright Corporation
WP1004ID KINGBRIGHT-WP1004ID Datasheet
171Kb / 4P
   1.1x3.4mm RECTANGULAR SOLID LAMP
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com