Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB560 Datasheet(PDF) 3 Page - Cystech Electonics Corp.

Part # SB560
Description  5.0Amp Schottky Barrier Rectifiers Reverse Voltage 20V to 60V Forward Current 5A
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

SB560 Datasheet(HTML) 3 Page - Cystech Electonics Corp.

  SB560 Datasheet HTML 1Page - Cystech Electonics Corp. SB560 Datasheet HTML 2Page - Cystech Electonics Corp. SB560 Datasheet HTML 3Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CYStech Electronics Corp.
Spec. No. : C762LD
Issued Date : 2009.05.15
Revised Date :
Page No. : 3/3
SB520 thru SB560
CYStek Product Specification
DO-201AD Dimension
DO-201AD Molded Plastic Package
CYStek Package Code: LD
Inches
Millimeters
Inches
Millimeters
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
ϕ0.048
ϕ0.052
ϕ1.20
ϕ1.30
D
1.000
-
25.40
-
B
1.000
-
25.40
-
E
ϕ0.190 ϕ0.210
ϕ4.80
ϕ5.30
C
0.285
0.375
7.20
9.50
Notes : 1.Controlling dimension : millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material :
• Lead : Axial leads, solderable per MIL-STD-750, Method 2026 guaranteed.
• Mold Compound : Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.


Similar Part No. - SB560

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
SB560 UTC-SB560 Datasheet
121Kb / 3P
   5.0A SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB560 PANJIT-SB560 Datasheet
57Kb / 2P
   HIGH CURRENT SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 5.0 Amperes)
logo
Chongqing Pingwei Enter...
SB560 CHONGQING-SB560 Datasheet
179Kb / 1P
   5.0AMPS. SCHOTTKY BARRIER RECTIFIERS
logo
Diodes Incorporated
SB560 DIODES-SB560 Datasheet
69Kb / 3P
   5.0A SCHOTTKY BARRIER RECTIFIER
DS23024 Rev. 8 - 2
logo
New Jersey Semi-Conduct...
SB560 NJSEMI-SB560 Datasheet
95Kb / 1P
   5.0A SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SB560

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
SB120 CYSTEKEC-SB120 Datasheet
219Kb / 3P
   Schottky Barrier Rectifiers Reverse Voltage 20V to 60V Forward Current 1.0 Amperes
logo
Leshan Radio Company
CSM360A LRC-CSM360A Datasheet
847Kb / 4P
   Schottky Barrier Rectifiers Reverse Voltage 60V Forward Current 3.0A
Rev.O Jun. 2021
logo
Hi-Sincerity Mocroelect...
HSR520 HSMC-HSR520 Datasheet
53Kb / 2P
   Schottky Barrier Rectifiers (Reverse Voltage 20 to 100V, Forward Current 5A)
logo
AiT Semiconductor Inc.
MBR120E AITSEMI-MBR120E Datasheet
484Kb / 5P
   SCHOTTKY BARRIER RECTIFIERS REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 1.0A
REV1.1
logo
Leshan Radio Company
LMBR120LFT1G LRC-LMBR120LFT1G Datasheet
428Kb / 11P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 60V Forward Current 1.0A
CSM260B LRC-CSM260B Datasheet
428Kb / 4P
   Surface Mount Schottky Barrier Rectifiers Reverse Voltage 60V Forward Current 2.0A
Rev.O Dec. 2021
CSM360B LRC-CSM360B Datasheet
325Kb / 4P
   Surface Mount Schottky Barrier Rectifiers Reverse Voltage 60V Forward Current 3.0A
Rev.O Jun. 2022
logo
AiT Semiconductor Inc.
MBR220F AITSEMI-MBR220F Datasheet
476Kb / 6P
   SCHOTTKY BARRIER RECTIFIER REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 2.0A
REV1.2
MBR240F AITSEMI-MBR240F Datasheet
476Kb / 6P
   SCHOTTKY BARRIER RECTIFIER REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 2.0A
REV1.2
MBR320F AITSEMI-MBR320F Datasheet
483Kb / 5P
   SCHOTTKY BARRIER RECTIFIER REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 3.0A
REV1.0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com