Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SK28 Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # SK28
Description  2.0Amp. Surface Mount Schottky Barrier Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

SK28 Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  SK28 Datasheet HTML 1Page - Cystech Electonics Corp. SK28 Datasheet HTML 2Page - Cystech Electonics Corp. SK28 Datasheet HTML 3Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CYStech Electronics Corp.
Spec. No. : C753SA
Issued Date : 2006.07.13
Revised Date :
Page No. : 1/3
SK3XSA
CYStek Product Specification
2.0Amp. Surface Mount Schottky Barrier Diodes
SK2XSA Series
Features
• For surface mounted applications.
• For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications
• Plastic material used carries Underwriters Laboratory Flammability Classification 94V-0
• Low leakage current
• High surge capability
• High temperature soldering: 250°C/10 seconds at terminals
• Exceeds environmental standards of MIL-S-19500/228
• Pb-free package
Mechanical Data
• Case: SMA/DO-214AC molded plastic.
• Terminals: Solder plated, solderable per MIL-STD-750 method 2026
• Polarity: Indicated by cathode band.
• Packaging: 12mm tape per EIA STD RS-481.
• Weight: 0.064 gram, 0.002 ounce
Maximum Ratings and Electrical Characteristics
(
Rating at 25
°C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz,
resistive or inductive load. For capacitive load, derate current by 20%. )
Type
Parameter
Symbol
SK22
SK24
SK26
SK28
SK2B
Units
Repetitive peak reverse voltage
VRRM
20
40
60
80
100
V
Maximum RMS voltage
VRMS
14
28
42
56
70
V
Maximum DC blocking voltage
VR
20
40
60
80
100
V
Maximum instantaneous forward voltage,
IF=2A
VF
0.5
0.7
0.85
V
Maximum average forward rectified current
@ TL = 100℃
IO
2.0
A
Peak forward surge current @8.3ms single half
sine wave superimposed on rated load (JEDEC
method)
IFSM
50
A
Maximum DC reverse current @ TJ = 25℃
At Rated DC Blocking Voltage @ TJ = 100℃
IR
0.5
10
mA
mA
Maximum thermal resistance, Junction to
ambient(Note 1)
Rth,JA
88 (typ)
℃/W
Diode junction capacitance @
f = 1MHz and applied 4V reverse voltage
CJ
110 (typ)
pF
Operating Junction and Storage temperature
Rang
TJ, Tstg
-55 ~ +125 / -55 ~ +150
Notes : .Mounted on PCB with 14mm² (0.013mm thickness) copper pad area.


Similar Part No. - SK28

ManufacturerPart #DatasheetDescription
logo
SHENZHEN YONGERJIA INDU...
SK28 WINNERJOIN-SK28 Datasheet
233Kb / 3P
   Amp Schottky Rectifier
logo
Pan Jit International I...
SK28 PANJIT-SK28 Datasheet
58Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 100 Volts CURRENT - 2.0 Amperes)
logo
Shanghai Leiditech Elec...
SK28 LEIDITECH-SK28 Datasheet
618Kb / 3P
   2 Amp Schottky Rectifier 20 to 100 Volts
logo
Nanjing International G...
SK28 DGNJDZ-SK28 Datasheet
133Kb / 2P
   2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
DAESAN ELECTRONIC CORP.
SK28 DAESAN-SK28 Datasheet
261Kb / 2P
   CURRENT 2.0Amperes VOLTAGE 20 to 100 Volts
More results

Similar Description - SK28

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
SK2BSB CYSTEKEC-SK2BSB Datasheet
252Kb / 6P
   2.0Amp. Surface Mount Schottky Barrier Diodes
SK28SA CYSTEKEC-SK28SA Datasheet
280Kb / 6P
   2.0Amp. Surface Mount Schottky Barrier Diodes
SK2BSA CYSTEKEC-SK2BSA Datasheet
280Kb / 6P
   2.0Amp. Surface Mount Schottky Barrier Diodes
SK260SC CYSTEKEC-SK260SC Datasheet
150Kb / 5P
   2.0Amp. Surface Mount Schottky Barrier Diodes
SK2DSA CYSTEKEC-SK2DSA Datasheet
469Kb / 6P
   2.0Amp. Surface Mount Schottky Barrier Diodes
SK2100SC CYSTEKEC-SK2100SC Datasheet
173Kb / 5P
   2.0Amp. Surface Mount Schottky Barrier Diodes
SK240SC CYSTEKEC-SK240SC Datasheet
150Kb / 5P
   2.0Amp. Surface Mount Schottky Barrier Diodes
SK2CSA CYSTEKEC-SK2CSA Datasheet
469Kb / 6P
   2.0Amp. Surface Mount Schottky Barrier Diodes
SK22SA CYSTEKEC-SK22SA Datasheet
280Kb / 6P
   2.0Amp. Surface Mount Schottky Barrier Diodes
SK26SA CYSTEKEC-SK26SA Datasheet
280Kb / 6P
   2.0Amp. Surface Mount Schottky Barrier Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com