Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZD4728ASA Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # ZD4728ASA
Description  1W Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

ZD4728ASA Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  ZD4728ASA Datasheet HTML 1Page - Cystech Electonics Corp. ZD4728ASA Datasheet HTML 2Page - Cystech Electonics Corp. ZD4728ASA Datasheet HTML 3Page - Cystech Electonics Corp. ZD4728ASA Datasheet HTML 4Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CYStech Electronics Corp.
Spec. No. : C500SA
Issued Date : 2006.12.14
Revised Date :
Page No. : 2/4
ZD4728ASA-4755ASA
CYStek Product Specification
Electrical Characteristics(Rating at 25
°C ambient temperature unless otherwise specified. )
Zener
voltage
Test
current
Zener
impedance
Leakage
current
Surge
current
VZ@IZT
IZT
ZZT@IZT
ZZK@IZK
IZK
IR
VR
Isurge
Device
Marking
Code
V
mA
mA
μA
V
mA
ZD4728A
Z3V3
3.3
76
10
400
1.0
100
1.0
1380
ZD4729A
Z3V6
3.6
69
10
400
1.0
100
1.0
1260
ZD4730A
Z3V9
3.9
64
9
400
1.0
50
1.0
1190
ZD4731A
Z4V3
4.3
58
9
400
1.0
10
1.0
1070
ZD4732A
Z4V7
4.7
53
8
500
1.0
10
1.0
970
ZD4733A
Z5V1
5.1
49
7
550
1.0
10
1.0
890
ZD4734A
Z5V6
5.6
45
5
600
1.0
10
2.0
810
ZD4735A
Z6V2
6.2
41
2
700
1.0
10
3.0
730
ZD4736A
Z6V8
6.8
37
3.5
700
1.0
10
4.0
660
ZD4737A
Z7V5
7.5
34
4.0
700
0.5
10
5.0
605
ZD4738A
Z8V2
8.2
31
4.5
700
0.5
10
6.0
550
ZD4739A
Z9V1
9.1
28
5
700
0.5
10
7.0
500
ZD4740A
Z10
10
25
7
700
0.25
10
7.6
454
ZD4741A
Z11
11
23
8
700
0.25
5
8.4
414
ZD4742A
Z12
12
21
9
700
0.25
5
9.1
380
ZD4743A
Z13
13
19
10
700
0.25
5
9.9
344
ZD4744A
Z15
15
17
14
700
0.25
5
11.4
304
ZD4745A
Z16
16
15.5
16
700
0.25
5
12.2
285
ZD4746A
Z18
18
14
20
750
0.25
5
13.7
250
ZD4747A
Z20
20
12.5
22
750
0.25
5
15.2
225
ZD4748A
Z22
22
11.5
23
750
0.25
5
16.7
205
ZD4749A
Z24
24
10.5
25
750
0.25
5
18.2
190
ZD4750A
Z27
27
9.5
35
750
0.25
5
20.6
170
ZD4751A
Z30
30
8.5
40
1000
0.25
5
22.8
150
ZD4752A
Z33
33
7.5
45
1000
0.25
5
25.4
135
ZD4753A
Z36
36
7.0
50
1000
0.25
5
27.4
125
ZD4754A
Z39
39
6.5
60
1000
0.25
5
29.7
115
ZD4755A
Z43
43
6.0
70
1500
0.25
5
32.7
105
Note: 5% tolerance of Zener voltage


Similar Part No. - ZD4728ASA

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
ZD4700 CYSTEKEC-ZD4700 Datasheet
277Kb / 8P
   500mW Zener Diode Series
ZD4700 CYSTEKEC-ZD4700 Datasheet
277Kb / 8P
   500mW Zener Diode Series
ZD4700 CYSTEKEC-ZD4700 Datasheet
277Kb / 8P
   500mW Zener Diode Series
ZD4700BSH CYSTEKEC-ZD4700BSH Datasheet
277Kb / 1P
   500mW Zener Diode Series
ZD4700SH CYSTEKEC-ZD4700SH Datasheet
277Kb / 1P
   500mW Zener Diode Series
More results

Similar Description - ZD4728ASA

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
1N4728A TAITRON-1N4728A Datasheet
200Kb / 4P
   1W Zener Diodes
logo
Formosa MS
1N4728 FORMOSA-1N4728 Datasheet
156Kb / 3P
   1W ZENER DIODES
logo
Nanjing International G...
1N4728 DGNJDZ-1N4728 Datasheet
954Kb / 2P
   1W ZENER DIODES
logo
TAITRON Components Inco...
TZ100B TAITRON-TZ100B Datasheet
168Kb / 4P
   1W Zener Diodes
logo
Kwang Myoung I.S. CO.,L...
1SMA4728A KISEMICONDUCTOR-1SMA4728A Datasheet
2Mb / 2P
   1W ZENER DIODES
logo
FutureWafer Tech Co.,Lt...
1SMA47XXA FUTUREWAFER-1SMA47XXA Datasheet
1Mb / 9P
   1W Zener Diodes
21-DEC-2021 V 2.0
logo
Shanghai Lunsure Electr...
1N4728THRU1N4764 CHENYI-1N4728THRU1N4764 Datasheet
55Kb / 3P
   1W SILICON PLANAR ZENER DIODES
logo
Zibo Seno Electronic En...
MM1W3V3 ZSELEC-MM1W3V3 Datasheet
297Kb / 3P
   1W Silicon Planar Zener Diodes
logo
Jinan Jingheng (Group) ...
1N4278 JINANJINGHENG-1N4278 Datasheet
131Kb / 3P
   1W SILICON PLANAR ZENER DIODES
logo
TAITRON Components Inco...
ZM4728A TAITRON-ZM4728A Datasheet
201Kb / 4P
   Surface Mount 1W Zener Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com