Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZD4753A Datasheet(PDF) 4 Page - Cystech Electonics Corp.

Part # ZD4753A
Description  1W Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

ZD4753A Datasheet(HTML) 4 Page - Cystech Electonics Corp.

  ZD4753A Datasheet HTML 1Page - Cystech Electonics Corp. ZD4753A Datasheet HTML 2Page - Cystech Electonics Corp. ZD4753A Datasheet HTML 3Page - Cystech Electonics Corp. ZD4753A Datasheet HTML 4Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CYStech Electronics Corp.
Spec. No. : C500SA
Issued Date : 2006.12.14
Revised Date :
Page No. : 4/4
SMA/DO-214AC Dimension
*:Typical
Inches
ZD4728ASA-4755ASA
CYStek Product Specification
Millimeters
Inches
Millimeters
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.177
0.185
4.4
4.8
E
0.060
0.067
1.5
1.7
B
0.094
0.110
2.4
2.8
F
0.04(typ)
1.0(typ)
C
0.012(typ)
0.3(typ)
G
0.04(typ)
1.0(typ)
D
0.150
0.165
3.8
4.2
-
-
-
-
-
Notes : 1.Controlling dimension : millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material :
• Lead : 42 Alloy ; solder plating
• Mold Compound : Epoxy resin family, flammability solid burning class:UL94V-0
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
B
A
C
D
E
F
G
SMA Plastic Surface
Mounted Package
CYStek Package Code:SA


Similar Part No. - ZD4753A

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
ZD4700 CYSTEKEC-ZD4700 Datasheet
277Kb / 8P
   500mW Zener Diode Series
ZD4700 CYSTEKEC-ZD4700 Datasheet
277Kb / 8P
   500mW Zener Diode Series
ZD4700 CYSTEKEC-ZD4700 Datasheet
277Kb / 8P
   500mW Zener Diode Series
ZD4700BSH CYSTEKEC-ZD4700BSH Datasheet
277Kb / 1P
   500mW Zener Diode Series
ZD4700SH CYSTEKEC-ZD4700SH Datasheet
277Kb / 1P
   500mW Zener Diode Series
More results

Similar Description - ZD4753A

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
1N4728A TAITRON-1N4728A Datasheet
200Kb / 4P
   1W Zener Diodes
logo
Formosa MS
1N4728 FORMOSA-1N4728 Datasheet
156Kb / 3P
   1W ZENER DIODES
logo
Nanjing International G...
1N4728 DGNJDZ-1N4728 Datasheet
954Kb / 2P
   1W ZENER DIODES
logo
TAITRON Components Inco...
TZ100B TAITRON-TZ100B Datasheet
168Kb / 4P
   1W Zener Diodes
logo
Kwang Myoung I.S. CO.,L...
1SMA4728A KISEMICONDUCTOR-1SMA4728A Datasheet
2Mb / 2P
   1W ZENER DIODES
logo
FutureWafer Tech Co.,Lt...
1SMA47XXA FUTUREWAFER-1SMA47XXA Datasheet
1Mb / 9P
   1W Zener Diodes
21-DEC-2021 V 2.0
logo
Shanghai Lunsure Electr...
1N4728THRU1N4764 CHENYI-1N4728THRU1N4764 Datasheet
55Kb / 3P
   1W SILICON PLANAR ZENER DIODES
logo
Zibo Seno Electronic En...
MM1W3V3 ZSELEC-MM1W3V3 Datasheet
297Kb / 3P
   1W Silicon Planar Zener Diodes
logo
Jinan Jingheng (Group) ...
1N4278 JINANJINGHENG-1N4278 Datasheet
131Kb / 3P
   1W SILICON PLANAR ZENER DIODES
logo
TAITRON Components Inco...
ZM4728A TAITRON-ZM4728A Datasheet
201Kb / 4P
   Surface Mount 1W Zener Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com