Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZD5252A Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # ZD5252A
Description  500mW Zener Diode Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

ZD5252A Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  ZD5252A Datasheet HTML 1Page - Cystech Electonics Corp. ZD5252A Datasheet HTML 2Page - Cystech Electonics Corp. ZD5252A Datasheet HTML 3Page - Cystech Electonics Corp. ZD5252A Datasheet HTML 4Page - Cystech Electonics Corp. ZD5252A Datasheet HTML 5Page - Cystech Electonics Corp. ZD5252A Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C326SH
Issued Date : 2009.10.07
Revised Date :
Page No. : 1/6
ZD5221ASH thru ZD5260ASH
CYStek Product Specification
500mW Zener Diode Series
ZD5221ASH thru ZD5260ASH
Description
The ZD5221ASH thru ZD5260ASH series covers zener voltage range from 2.4V to 43V, and is
encapsulated in SOD-123 package, very suitable for low cost, low power voltage regulation application.
Features
• VZ tolerance : ±2%
• Ultra small surface mount package
• General purpose, medium current
• Planar die construction
• Pb-free lead plating and halogen-free package
Symbol
Outline
SOD-123
Absolute Maximum Ratings(Tj=25℃, unless otherwise specified)
• Maximum Temperatures
Operating and Storage Temperature Range Tj,Tstg............................................................. -65~+150
°C
• Maximum Forward Voltage @ IF=10mA ………………………………………………………........0.9V
• Maximum Power Dissipation
Total Power Dissipation @TL=75
°C
Ptot (Note 1) ……………………………………………500 mW
• Thermal Resistance, Junction to Ambient Air RθJL (Note 1)……………………………….…….150℃/W
• Maximum Z-current………………………………………………………………………….. Ptot/VZ mA
Note : 1. Parts mounted on FR-5 board with area of 3.5inch × 1.5inch.


Similar Part No. - ZD5252A

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
ZD5252B CYSTEKEC-ZD5252B Datasheet
169Kb / 12P
   Zener Diode Series
ZD5252B CYSTEKEC-ZD5252B Datasheet
203Kb / 13P
   Zener Diode Series
ZD5252B CYSTEKEC-ZD5252B Datasheet
203Kb / 13P
   Zener Diode Series
ZD5252B CYSTEKEC-ZD5252B Datasheet
164Kb / 4P
   Zener Diode Series
ZD5252B CYSTEKEC-ZD5252B Datasheet
252Kb / 7P
   200mW SOD-323 Zener Voltage Regulators
More results

Similar Description - ZD5252A

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
ZD4688BSH CYSTEKEC-ZD4688BSH Datasheet
284Kb / 1P
   500mW Zener Diode Series
ZD4699BSH CYSTEKEC-ZD4699BSH Datasheet
277Kb / 1P
   500mW Zener Diode Series
ZD4705SH CYSTEKEC-ZD4705SH Datasheet
277Kb / 1P
   500mW Zener Diode Series
ZD4684SH CYSTEKEC-ZD4684SH Datasheet
277Kb / 8P
   500mW Zener Diode Series
ZD5228ASH CYSTEKEC-ZD5228ASH Datasheet
287Kb / 7P
   500mW Zener Diode Series
ZD5227BSH CYSTEKEC-ZD5227BSH Datasheet
322Kb / 7P
   500mW Zener Diode Series
ZD5223ASH CYSTEKEC-ZD5223ASH Datasheet
287Kb / 7P
   500mW Zener Diode Series
ZD5234BN3 CYSTEKEC-ZD5234BN3 Datasheet
229Kb / 7P
   500mW Zener Diode Series
ZD5265BSH CYSTEKEC-ZD5265BSH Datasheet
448Kb / 7P
   500mW Zener Diode Series
ZD5228BSH CYSTEKEC-ZD5228BSH Datasheet
322Kb / 7P
   500mW Zener Diode Series
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com