Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MID-95A45 Datasheet(PDF) 1 Page - Unity Opto Technology

Part # MID-95A45
Description  SIDE LOOK PACKAGE NPN PHOTODETECTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UOT [Unity Opto Technology]
Direct Link  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

MID-95A45 Datasheet(HTML) 1 Page - Unity Opto Technology

  MID-95A45 Datasheet HTML 1Page - Unity Opto Technology MID-95A45 Datasheet HTML 2Page - Unity Opto Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SIDE LOOK PACKAGE
NPN PHOTODETECTOR
MID-95A45
Description
Package Dimensions
The MID-95A45 is a Two Bits silicon phototransistor
mounted in a special dark plastic side looking package
and suitable for the IRED (940nm) Type.
Features
l
Wide range of collector current
l
Low cost plastic package
l
High resolution for mouse application
Absolute Maximum Ratings
@ TA=25
oC
Parameter
Maximum Rating
Unit
Power Dissipation
100
mW
Collector-Emitter Voltage
30
V
Emitter-Collector Voltage
5
V
Operating Temperature Range
-55
oC to +100oC
Storage Temperature Range
-55
oC to +100oC
Lead Soldering Temperature
260
oC for 5 seconds
02/04/2002
Unity Opto Technology Co., Ltd.
NOTES :
1. All dimensions are in millimeters.(inches).
2. Tolerance is ± 0.25mm (.010") unless otherwise noted .
3. Protruded resin under flange is 1.5mm (.059")max.
4. Lead spacing is measured where the leads emerge from the package.
Unit: mm ( inches )
0.94
(.037)
1.50
(.059)
2.49
(.098)
3.05
(.112)
1.00
(.040)
EMITTER (PTR A)
COLLECTOR(COM)
EMITTER (PTR B)
1
2
3
4.90
(.193)
.50 TYP.
(.020)
2.54
(.100)
2.54
(.100)
6.80
(.270)
A
B
4.50
(.180)
3.00MIN.
(.118)
13.00MIN
(.511)
5.00
(.200)
1.00MIN.
(.040)
RADIANT SENSITIVE AREA
1
2
3
1
2
3
1.0
(.040)


Similar Part No. - MID-95A45

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MID-95A3L UOT-MID-95A3L Datasheet
31Kb / 2P
   SIDE LOOK PACKAGE NPN PHOTOTRANSISTOR
MID-95A3LH UOT-MID-95A3LH Datasheet
31Kb / 2P
   SIDE LOOK PACKAGE NPN PHOTOTRANSISTOR
More results

Similar Description - MID-95A45

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MID-11422 UOT-MID-11422 Datasheet
30Kb / 2P
   SIDE LOOK PACKAGE NPN PHOTODETECTOR
MID-11H22 UOT-MID-11H22 Datasheet
30Kb / 2P
   SIDE LOOK PACKAGE NPN PHOTODETECTOR
MID-11A22 UOT-MID-11A22 Datasheet
30Kb / 2P
   SIDE LOOK PACKAGE NPN PHOTODETECTOR
MID-95R3L UOT-MID-95R3L Datasheet
31Kb / 2P
   SIDE LOOK PACKAGE NPN PHOTOTRANSISTOR
MID-95A3LH UOT-MID-95A3LH Datasheet
31Kb / 2P
   SIDE LOOK PACKAGE NPN PHOTOTRANSISTOR
MID-94A3L UOT-MID-94A3L Datasheet
30Kb / 2P
   SIDE LOOK PACKAGE NPN PHOTOTRANSISTOR
MID-14H22 UOT-MID-14H22 Datasheet
30Kb / 2P
   SIDE LOOK PACKAGE NPN PHOTOTRANSISTOR
MID-94A46 UOT-MID-94A46 Datasheet
39Kb / 2P
   SIDE LOOK PACKAGE NPN PHOTOTRANSISTOR
MID-95A3L UOT-MID-95A3L Datasheet
31Kb / 2P
   SIDE LOOK PACKAGE NPN PHOTOTRANSISTOR
MID-13A45 UOT-MID-13A45 Datasheet
36Kb / 2P
   SIDE LOOK PACKAGE NPN PHOTOTRSNSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com