Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1238AD65R2G Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP1238AD65R2G
Description  Fixed Frequency Current Mode Controller for Flyback Converters
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1238AD65R2G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP1238AD65R2G Datasheet HTML 3Page - ON Semiconductor NCP1238AD65R2G Datasheet HTML 4Page - ON Semiconductor NCP1238AD65R2G Datasheet HTML 5Page - ON Semiconductor NCP1238AD65R2G Datasheet HTML 6Page - ON Semiconductor NCP1238AD65R2G Datasheet HTML 7Page - ON Semiconductor NCP1238AD65R2G Datasheet HTML 8Page - ON Semiconductor NCP1238AD65R2G Datasheet HTML 9Page - ON Semiconductor NCP1238AD65R2G Datasheet HTML 10Page - ON Semiconductor NCP1238AD65R2G Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
NCP1238
http://onsemi.com
7
ELECTRICAL CHARACTERISTICS (For typical values TJ = 25°C, for min/max values TJ = −40°C to +125°C, VHV = 120 V,
VCC = 11 V unless otherwise noted)
Characteristics
Unit
Max
Typ
Min
Symbol
Test Condition
LATCH−OFF INPUT
High Threshold
VLatch going up
VOVP
2.37
2.5
2.63
V
Low Threshold
VLatch going down
VOTP
0.76
0.8
0.84
V
Current Source for Direct NTC Connection
During normal operation
During soft−start
VLatch = 0 V
INTC
INTC(SSTART)
78
156
91
182
104
208
mA
Blanking Duration on High Latch Detection
tLatch(OVP)
40
55
70
ms
Blanking Duration on Low Latch Detection
tLatch(OTP)
400
ms
Clamping Voltage
ILatch = 0 mA
ILatch = 1 mA
Vclamp0(Latch)
Vclamp1(Latch)
1.0
1.8
1.2
2.3
1.4
2.8
V
TEMPERATURE SHUTDOWN
Temperature Shutdown
TJ going up
TTSD
135
150
165
°C
Temperature Shutdown Hysteresis
TJ going down
TTSD(HYS)
20
30
40
°C
6. Internal supply current only, current in FB pin not included (current flowing through GND pin only).


Similar Part No. - NCP1238AD65R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1230 ONSEMI-NCP1230 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP1230 ONSEMI-NCP1230 Datasheet
739Kb / 6P
   Power Factor Controllers
Rev. 7, Sep-2006
NCP1230 ONSEMI-NCP1230 Datasheet
199Kb / 21P
   Low-Standby Power High Performance PWM Controller
January, 2008 - Rev. 9
NCP1230 ONSEMI-NCP1230 Datasheet
233Kb / 21P
   Low-Standby Power High Performance PWM Controller
February, 2011 ??Rev. 11
NCP1230 ONSEMI-NCP1230 Datasheet
233Kb / 21P
   Low-Standby Power High Performance PWM
February, 2011 ??Rev. 11
More results

Similar Description - NCP1238AD65R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1246 ONSEMI-NCP1246 Datasheet
1Mb / 38P
   Fixed Frequency Current Mode Controller for Flyback Converters
April, 2012 Rev. P0
NCP1234 ONSEMI-NCP1234 Datasheet
284Kb / 33P
   Fixed Frequency Current Mode Controller for Flyback Converters
October, 2011 ??Rev. 1
NCP1246-D ONSEMI-NCP1246-D Datasheet
1Mb / 39P
   Fixed Frequency Current Mode Controller for Flyback Converters
October, 2012 ??Rev. 1
NCP12400 ONSEMI-NCP12400 Datasheet
4Mb / 46P
   Fixed Frequency Current Mode Controller for Flyback Converters
October, 2019 ??Rev. 5
NCP1236AD65R2G ONSEMI-NCP1236AD65R2G Datasheet
302Kb / 34P
   Fixed Frequency Current Mode Controller for Flyback Converters
April, 2013 ??Rev. 3
NCP1288 ONSEMI-NCP1288 Datasheet
274Kb / 32P
   Fixed Frequency Current Mode Controller for Flyback Converters
February, 2010 ??Rev. 1
NCP1236 ONSEMI-NCP1236 Datasheet
295Kb / 34P
   Fixed Frequency Current Mode Controller for Flyback Converters
January, 2012 ??Rev. 2
NCP1246 ONSEMI-NCP1246_V01 Datasheet
1Mb / 41P
   Fixed Frequency Current Mode Controller for Flyback Converters
March, 2017 - Rev. 7
NCP12401 ONSEMI-NCP12401 Datasheet
4Mb / 44P
   Fixed Frequency Current Mode Controller for Flyback Converters
July, 2020 ??Rev. 1
NCP12400 ONSEMI-NCP12400_V01 Datasheet
4Mb / 47P
   Fixed Frequency Current Mode Controller for Flyback Converters
February, 2022 - Rev. 8
NCP1246 ONSEMI-NCP1246_12 Datasheet
1Mb / 39P
   Fixed Frequency Current Mode Controller for Flyback Converters
October, 2012 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com