Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1380CDR2G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP1380CDR2G
Description  Quasi-Resonant Current-Mode Controller for High-Power Universal Off-Line Supplies
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1380CDR2G Datasheet(HTML) 5 Page - ON Semiconductor

  NCP1380CDR2G Datasheet HTML 1Page - ON Semiconductor NCP1380CDR2G Datasheet HTML 2Page - ON Semiconductor NCP1380CDR2G Datasheet HTML 3Page - ON Semiconductor NCP1380CDR2G Datasheet HTML 4Page - ON Semiconductor NCP1380CDR2G Datasheet HTML 5Page - ON Semiconductor NCP1380CDR2G Datasheet HTML 6Page - ON Semiconductor NCP1380CDR2G Datasheet HTML 7Page - ON Semiconductor NCP1380CDR2G Datasheet HTML 8Page - ON Semiconductor NCP1380CDR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
NCP1380
http://onsemi.com
5
FB
Ct
ICt
+
+
ZCD
La ux
10 V
ESD
Vth
DRV
de ma g
S
R
Q
/ 4
VCC
VDD
VDD
VCC
aux
V CC management
latch
VDD
Rpullup
fa ul t
DRV
ga te
gr a nd
reset
gr a nd
reset
gr a nd
reset
DRV
clamp
IpFl a g
P W Mreset
OVP/BO
GN D
Up
Down
TIMER
Res et
VCCstop
HV
+
IBO
noi s e de l a y
VBO
BO r es et
+
Vclamp
VOVP
nois e de la y
BO reset
LOGIC BLOCK
VDD
Rclamp
VDD
C :
l a tc he d
CS
Rsense
LEB 1
Soft-start
Soft−s ta r t e nd ? the n 1
else 0
IpFlag
+
SS end
P W Mreset
OPP
VILIMIT
LEB 2
+
VCS ( stop)
CsS top
LEB 2 is shorter than LEB 1
CsS top
5 ms
Time Out
40 ms
Time Out
SS end
The 40 ms Time Out is active
only during s oft−sta r t
SS end
Figure 4. Internal Circuit Architecture for Versions C and D
S
R
Q
Q
Q
Ipeak(VCO) = 17.5% VILIMIT
Ct se tpoint
3 ms blanking
Ct
discharge


Similar Part No. - NCP1380CDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1380CDR2G ONSEMI-NCP1380CDR2G Datasheet
424Kb / 28P
   Quasi-Resonant Current-Mode Controller for High-Power Universal Off-Line Supplies
February, 2018 - Rev. 6
More results

Similar Description - NCP1380CDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1380 ONSEMI-NCP1380_12 Datasheet
388Kb / 26P
   Quasi-Resonant Current-Mode Controller for High-Power Universal Off-Line Supplies
June, 2012 ??Rev. 4
NCP1336A ONSEMI-NCP1336A_V01 Datasheet
1,022Kb / 27P
   Quasi-Resonant Current Mode Controller for High Power Universal Off-Line Supplies
March, 2017 - Rev. 4
NCP1379 ONSEMI-NCP1379 Datasheet
346Kb / 22P
   Quasi-Resonant Current-Mode Controller for High-Power Universal Off-line Supplies
December, 2009 ??Rev. P0
NCP1336A ONSEMI-NCP1336A Datasheet
1,004Kb / 26P
   Quasi-Resonant Current Mode Controller for High Power Universal Off-Line Supplies
July, 2012 ??Rev. 0
NCP1379 ONSEMI-NCP1379_11 Datasheet
314Kb / 22P
   Quasi-Resonant Current-Mode Controller for High-Power Universal Off-line Supplies
July, 2011 ??Rev. 2
NCP1380 ONSEMI-NCP1380_V01 Datasheet
424Kb / 28P
   Quasi-Resonant Current-Mode Controller for High-Power Universal Off-Line Supplies
February, 2018 - Rev. 6
NCP1216P065 ONSEMI-NCP1216P065 Datasheet
287Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
DAP011 ONSEMI-DAP011 Datasheet
827Kb / 24P
   PWM Current−Mode Controller for High−Power Universal Off−Line Supplies
November, 2005 - Rev. 2
DAP018A ONSEMI-DAP018A Datasheet
792Kb / 28P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
July, 2009 - Rev. 0
NCP1216 ONSEMI-NCP1216 Datasheet
182Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
September, 2004 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com