Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB62701ANG Datasheet(PDF) 2 Page - Marktech Corporate

Part # TB62701ANG
Description  16BIT SHIFT REGISTER, LATCH & CONSTANT CURRENT DRIVERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TB62701ANG Datasheet(HTML) 2 Page - Marktech Corporate

  TB62701ANG Datasheet HTML 1Page - Marktech Corporate TB62701ANG Datasheet HTML 2Page - Marktech Corporate TB62701ANG Datasheet HTML 3Page - Marktech Corporate TB62701ANG Datasheet HTML 4Page - Marktech Corporate TB62701ANG Datasheet HTML 5Page - Marktech Corporate TB62701ANG Datasheet HTML 6Page - Marktech Corporate TB62701ANG Datasheet HTML 7Page - Marktech Corporate TB62701ANG Datasheet HTML 8Page - Marktech Corporate TB62701ANG Datasheet HTML 9Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
TB62701ANG
2007-02-02
1
TOSHIBA Bi−CMOS INTEGRATED CIRCUIT SILICON MONOLITHIC
TB62701ANG
16BIT SHIFT REGISTER, LATCH & CONSTANT CURRENT DRIVERS
The TB62701ANG is specifically designed for LED and
LED−DISPLAY constant current drivers.
This constant current output circuit is able to set up external
resister (IOUT = 5 to 50mA).
This IC is monolithic integrated circuit designed to be used
together with Bi−CMOS process.
The devices consist of 16bit Shift Register, Latch, AND−GATE
and Constant Current Driver.
FEATURES
OUTPUT CURRENT : Set−up at 50mA maximum with an
external resister.
A LITTLE CHANGE OF OUTPUT CURRENT (Ta = 25°C, VDD = 5.0 V)
OUTPUT−GND VOLTAGE
A LITTLE CHANGE OF
CHANNEL
IOUT [mA]
≥ 0.4 V
≥ 0.7 V
± 7 %
5 ~ 50 mA
5V CMOS Compatible Input
PACKAGE
: SDIP−24 (SDIP24−P−300)
MAXIMUM CLOCK FREQUENCY : fMAX = 2.5 MHz (cascade operation, Ta = 25°C)
PIN CONNECTION (TOP VIEW)
Weight: 1.22 g (typ.)


Similar Part No. - TB62701ANG

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
TB62701AN MARKTECH-TB62701AN Datasheet
353Kb / 10P
   16BIT SHIFT REGISTER, LATCH & CONSTANT CURRENT DRIVERS
More results

Similar Description - TB62701ANG

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
TB62701AN MARKTECH-TB62701AN Datasheet
353Kb / 10P
   16BIT SHIFT REGISTER, LATCH & CONSTANT CURRENT DRIVERS
logo
Toshiba Semiconductor
TB62701N TOSHIBA-TB62701N Datasheet
372Kb / 11P
   16BIT SHIFT REGISTER, LATCH & CONSTANT CURRENT DRIVERS
TB62706BN TOSHIBA-TB62706BN Datasheet
467Kb / 13P
   16BIT SHIFT REGISTER, LATCHES & CONSTANT CURRENT DRIVERS
logo
Marktech Corporate
TB62706BNG MARKTECH-TB62706BNG Datasheet
885Kb / 14P
   16BIT SHIFT REGISTER, LATCHES & CONSTANT CURRENT DRIVERS
logo
Toshiba Semiconductor
TB62706BN TOSHIBA-TB62706BN_06 Datasheet
479Kb / 16P
   16BIT SHIFT REGISTER, LATCHES & CONSTANT CURRENT DRIVERS
logo
Marktech Corporate
TB62706BNG MARKTECH-TB62706BNG_09 Datasheet
1Mb / 15P
   16BIT SHIFT REGISTER, LATCHES & CONSTANT CURRENT DRIVERS
logo
Toshiba Semiconductor
TB62717NG TOSHIBA-TB62717NG Datasheet
670Kb / 21P
   24 Bit Constant Current Drivers (3 × 8 Bit Shift Register & Latch)
2007-12-06
TB62705CP TOSHIBA-TB62705CP Datasheet
494Kb / 14P
   8BIT SHIFT REGISTER, LATCHES & CONSTANT CURRENT DRIVERS
TB62717N TOSHIBA-TB62717N Datasheet
585Kb / 17P
   24 BIT CONSTANT CURRENT DRIVERS (3 x 8 BIT SHIFT REGISTER & LATCH)
TB62705CP TOSHIBA-TB62705CP_06 Datasheet
621Kb / 17P
   8-BIT SHIFT REGISTER, LATCHES & CONSTANT-CURRENT DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com