Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB62726ANG Datasheet(PDF) 8 Page - Marktech Corporate

Part # TB62726ANG
Description  16-bit Constant-Current LED Driver with Operating Voltage of 3.3-V and 5-V
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TB62726ANG Datasheet(HTML) 8 Page - Marktech Corporate

Back Button TB62726ANG Datasheet HTML 4Page - Marktech Corporate TB62726ANG Datasheet HTML 5Page - Marktech Corporate TB62726ANG Datasheet HTML 6Page - Marktech Corporate TB62726ANG Datasheet HTML 7Page - Marktech Corporate TB62726ANG Datasheet HTML 8Page - Marktech Corporate TB62726ANG Datasheet HTML 9Page - Marktech Corporate TB62726ANG Datasheet HTML 10Page - Marktech Corporate TB62726ANG Datasheet HTML 11Page - Marktech Corporate TB62726ANG Datasheet HTML 12Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
TB62726ANG/AFG
2005-12-21
7
Switching Characteristics (Topr = 25°C unless otherwise specifed)
Characteristics
Symbol
Conditions
Min
Typ.
Max
Unit
tpLH1
CLK- OUTn ,
LATCH
= “H”,
ENABLE
= “L”
150
300
tpLH2
LATCH - OUTn ,
ENABLE
= “L”
140
300
tpLH3
ENABLE - OUTn ,
LATCH = “H”
140
300
tpLH
CLK-SERIAL OUT
3
6
tpHL1
CLK- OUTn , LATCH
= “H”,
ENABLE
= “L”
170
340
tpHL2
LATCH - OUTn ,
ENABLE
= “L”
170
340
tpHL3
ENABLE - OUTn ,
LATCH
= “H”
170
340
Propagation delay
tpLH
CLK-SERIAL OUT
4
7
ns
Output rise time
tor
10 to 90% of voltage waveform
40
85
150
ns
Output fall time
tof
90 to 10% of voltage waveform
40
70
150
ns
Maximum CLOCK rise time
tr
5
µs
Maximum CLOCK fall time
tf
When not on PCB
(Note 5)
5
µs
Conditions: (Refer to test circuit.)
Topr = 25°C, VDD = VIH = 3.3 V and 5 V, VOUT = 0.7 V, VIL = 0 V, REXT = 490 Ω,
VL = 3.0 V, RL = 60 Ω, CL = 10.5 pF
Note 5: If the device is connected in a cascade and tr/tf for the waveform is large, it may not be possible to achieve
the timing required for data transfer. Please consider the timings carefully.
Test Circuit
Logic input
waveform
VDD = VIH = 3.3 V
VIL = 0 V
tr = tf = 10 ns
(10% to 90%)
GND
SERIAL-IN
LATCH
CLOCK
OUT0
VDD
R-EXT
SERIAL-OUT
ENABLE
OUT15
Function
generator
IOL
VIH, VIL
Iref
CL
VL
RL
CL
IDD


Similar Part No. - TB62726ANG

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
TB62726ANG MARKTECH-TB62726ANG Datasheet
389Kb / 17P
   16-bit Constant-Current LED Driver with Operating Voltage of 3.3-V and 5-V
logo
Toshiba Semiconductor
TB62726ANG TOSHIBA-TB62726ANG Datasheet
251Kb / 19P
   16-bit Constant-Current LED Driver with Operating Voltage of 3.3-V and 5-V
More results

Similar Description - TB62726ANG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB62726ANG TOSHIBA-TB62726ANG Datasheet
251Kb / 19P
   16-bit Constant-Current LED Driver with Operating Voltage of 3.3-V and 5-V
TB62726AN TOSHIBA-TB62726AN Datasheet
254Kb / 18P
   16-bit Constant-Current LED Driver with Operating Voltage of 3.3-V and 5-V
logo
Marktech Corporate
TB62726ANG MARKTECH-TB62726ANG Datasheet
389Kb / 17P
   16-bit Constant-Current LED Driver with Operating Voltage of 3.3-V and 5-V
logo
Toshiba Semiconductor
TB62726N TOSHIBA-TB62726N Datasheet
535Kb / 16P
   16 BIT CONSTANT CURRENT LED DRIVER WITH OPERATING VOLTAGE OF 3.3 V
TC62D776CFNAG TOSHIBA-TC62D776CFNAG Datasheet
567Kb / 33P
   16-Channel Constant-Current LED Driver of the 3.3-V and 5-V Power Supply
TC62D776CFG TOSHIBA-TC62D776CFG Datasheet
525Kb / 33P
   16-Channel Constant-Current LED Driver of the 3.3-V and 5-V Power Supply
logo
Marktech Corporate
TB62725BPG MARKTECH-TB62725BPG Datasheet
514Kb / 17P
   8-BIT CONSTANT - CURRENT LED DRIVER OF THE 3.3-V AND 5-V POWER SUPPLY VOLTAGE OPERATION
TB62778FNG MARKTECH-TB62778FNG Datasheet
247Kb / 23P
   8-Channel Constant-Current LED Driver of the 3.3-V and 5-V Power Supply Voltage Operation
TB62777FNG MARKTECH-TB62777FNG Datasheet
194Kb / 17P
   8-Channel Constant-Current LED Driver of the 3.3-V and 5-V Power Supply Voltage Operation
logo
Toshiba Semiconductor
TB62D612FTG TOSHIBA-TB62D612FTG Datasheet
616Kb / 24P
   24-Channel Constant-Current LED Driver of the 3.3-V and 5-V Power Supply Voltage Operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com