Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIE-11RA2 Datasheet(PDF) 1 Page - Unity Opto Technology

Part # MIE-11RA2
Description  GaAs HIGH POWER SIDE LOOK PACKAGE INFRARED EMITTING DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UOT [Unity Opto Technology]
Direct Link  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

MIE-11RA2 Datasheet(HTML) 1 Page - Unity Opto Technology

  MIE-11RA2 Datasheet HTML 1Page - Unity Opto Technology MIE-11RA2 Datasheet HTML 2Page - Unity Opto Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GaAs HIGH POWER SIDE LOOK PACKAGE
INFRARED EMITTING DIODE
MIE-11RA2
Description
Package Dimensions
The MIE-11RA2 is a GaAs infrared emitting diode
molded in red , lensed side looking package .
The MIE-11RA2 provides a broad range of
intensity selection .
Features
l
Selected to specific on-line intensity and
radiant intensity ranges
l
Low cost, plastic side looking package
l
Mechanically and spectrally matched to
the MID-11422 of phototransistor .
Absolute Maximum Ratings
@ TA=25
oC
Parameter
Maximum Rating
Unit
Power Dissipation
75
mW
Peak Forward Current
1
A
Continuos Forward Current
50
mA
Reverse Voltage
5
V
Operating Temperature Range
-55
oC to +100oC
Storage Temperature Range
-55
oC to +100oC
Lead Soldering Temperature
260
oC for 5 seconds
02/04/2002
Unity Opto Technology Co., Ltd.
NOTES :
1. Tolerance is ± 0.25 mm (.010") unless otherwise noted.
2. Protruded resin under flange is 1.5 mm (.059") max.
3. Lead spacing is measured where the leads emerge from the package.
2.54 NOM.
(.100)
0.76±0.10
(.030±.008)
1.55±0.02
(.061±.008)
4.45±0.20
(.175±.008)
(.087)
2.22
(.087)
1.0 MIN.
(.040)
0.5 TYP.
(.020)
Unit: mm ( inches )
SEE NOTE 3
1.22±0.10
(.048±.004)
C
A
5.72±0.2
(.225±.008)
12.7 MIN.
(.500)


Similar Part No. - MIE-11RA2

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MIE-11RG1 UOT-MIE-11RG1 Datasheet
29Kb / 2P
   GaAs SIDE LOOK PACKAGE INFRARED EMITTING DIODE
More results

Similar Description - MIE-11RA2

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MIE-114A2 UOT-MIE-114A2 Datasheet
31Kb / 2P
   GaAs HIGH POWER SIDE LOOK PACKAGE INFRARED EMITTING DIODE
MIE-134A1-02 UOT-MIE-134A1-02 Datasheet
38Kb / 2P
   GaAs HIGH POWER SIDE LOOK PACKAGE INFRARED EMITTING DIODE
MIE-11RG1 UOT-MIE-11RG1 Datasheet
29Kb / 2P
   GaAs SIDE LOOK PACKAGE INFRARED EMITTING DIODE
MIE-114G1 UOT-MIE-114G1 Datasheet
30Kb / 2P
   GaAs SIDE LOOK PACKAGE INFRARED EMITTING DIODE
MIE-144G1 UOT-MIE-144G1 Datasheet
31Kb / 2P
   GaAs SIDE LOOK PACKAGE INFRARED EMITTING DIODE
MIE-134G2 UOT-MIE-134G2 Datasheet
39Kb / 2P
   GaAs/GaAs SIDE LOOK PACKAGE INFRARED EMITTING DIODE
MIE-114A1 UOT-MIE-114A1 Datasheet
29Kb / 2P
   GaAlAs/GaAs HIGH POWER SIDE LOOK PACKAGE INFRARED EMITTING DIODE
MIE-144A4 UOT-MIE-144A4 Datasheet
31Kb / 2P
   AlGaAs/GaAs High POWER SIDE LOOK PACKAGE INFRARED EMITTING DIODE
MIE-111A1 UOT-MIE-111A1 Datasheet
28Kb / 2P
   AlGaAs/GaAs HIGH POWER SIDE LOOK PACKAGE INFRARED EMITTING DIODE
MIE-134A1 UOT-MIE-134A1 Datasheet
38Kb / 2P
   AlGaAs/GaAs SIDE LOOK PACKAGE INFRARED EMITTING DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com