Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIE-11RG1 Datasheet(PDF) 2 Page - Unity Opto Technology

Part # MIE-11RG1
Description  GaAs SIDE LOOK PACKAGE INFRARED EMITTING DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UOT [Unity Opto Technology]
Direct Link  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

MIE-11RG1 Datasheet(HTML) 2 Page - Unity Opto Technology

  MIE-11RG1 Datasheet HTML 1Page - Unity Opto Technology MIE-11RG1 Datasheet HTML 2Page - Unity Opto Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MIE-11RG1
Optical-Electrical Characteristics
@ TA=25
oC
Parameter
Test Conditions
Symbol
Min.
Typ .
Max.
Unit
Radiant Incidance
IF=20mA
Ee
-
0.6
-
mW/cm
2
Forward Voltage
IF=20mA
VF
-
1.25
1.40
V
Reverse Current
VR=5V
IR
-
-
100
µA
Peak Wavelength
IF=20mA
λ
-
940
-
nm
Spectral Bandwidth
IF=20mA
∆λ
-
50
-
nm
Viewing Angle
IF=20mA
1/2
-
80
-
deg .
Typical Optical-Electrical Characteristic Curves
02/04/2002
Unity Opto Technology Co., Ltd.
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-40
-20
0
20
40
60
Ambient Temperature TA(
oC)
FIG.3 RELATIVE RADIANT INTENSITY
VS. AMBIENT TEMPERATURE
0
0.5
1
840
880
920
960
1000
1040
Wavelength (nm)
FIG.1 SPECTRAL DISTRIBUTION
0
1
2
3
4
5
0
20
40
60
80
100
Forward Current (mA)
FIG.4 RELATIVE RADIANT INTENSITY
VS. FORWARD CURRENT
0.5 0.3 0.1
0.2 0.4 0.6
1.0
0.9
0.8
10°
20°
FIG.5 RADIATION DIAGRAM
0
20
40
60
80
100
0.0 0.4 0.8 1.2 1.6 2.0 2.4 2.8
Forward Voltage (V)
FIG.2 FORWARD CURRENT VS.
FORWARD VOLTAGE
30°
40°
50°
60°
70°
80°
90°


Similar Part No. - MIE-11RG1

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MIE-11RA2 UOT-MIE-11RA2 Datasheet
29Kb / 2P
   GaAs HIGH POWER SIDE LOOK PACKAGE INFRARED EMITTING DIODE
More results

Similar Description - MIE-11RG1

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MIE-114G1 UOT-MIE-114G1 Datasheet
30Kb / 2P
   GaAs SIDE LOOK PACKAGE INFRARED EMITTING DIODE
MIE-144G1 UOT-MIE-144G1 Datasheet
31Kb / 2P
   GaAs SIDE LOOK PACKAGE INFRARED EMITTING DIODE
MIE-134G2 UOT-MIE-134G2 Datasheet
39Kb / 2P
   GaAs/GaAs SIDE LOOK PACKAGE INFRARED EMITTING DIODE
MIE-134A1 UOT-MIE-134A1 Datasheet
38Kb / 2P
   AlGaAs/GaAs SIDE LOOK PACKAGE INFRARED EMITTING DIODE
MIE-11RA2 UOT-MIE-11RA2 Datasheet
29Kb / 2P
   GaAs HIGH POWER SIDE LOOK PACKAGE INFRARED EMITTING DIODE
MIE-114A2 UOT-MIE-114A2 Datasheet
31Kb / 2P
   GaAs HIGH POWER SIDE LOOK PACKAGE INFRARED EMITTING DIODE
MIE-134A1-02 UOT-MIE-134A1-02 Datasheet
38Kb / 2P
   GaAs HIGH POWER SIDE LOOK PACKAGE INFRARED EMITTING DIODE
MIE-114A1 UOT-MIE-114A1 Datasheet
29Kb / 2P
   GaAlAs/GaAs HIGH POWER SIDE LOOK PACKAGE INFRARED EMITTING DIODE
MIE-144A4 UOT-MIE-144A4 Datasheet
31Kb / 2P
   AlGaAs/GaAs High POWER SIDE LOOK PACKAGE INFRARED EMITTING DIODE
MIE-114L3 UOT-MIE-114L3 Datasheet
29Kb / 2P
   GaAlAs SIDE LOOK PACKAGE INFRARED EMITTING DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com