Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADAM-4510S Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ADAM-4510S
Description  RS-232 to RS-422/485 Converter Addressable RS-422/485 to RS-232 Converter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ADAM-4510S Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ADAM-4510S Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RS-485 I/O Modules
ADAM-4510/S
ADAM-4520/4522
ADAM-4521
Specifications
General
Connectors
2 x plug-in terminal blocks
(#14 ~ 22 AWG)
(RS-422/485)
Isolation Voltage
3000 VDC
(4510S only)
Power Consumption 1.4 W @ 24 VDC
Serial Communications
Input
RS-485 (2-wire) or
RS-422 (4-wire)
Output
RS-485 (2-wire) or
RS-422 (4-wire)
Speed Modes (bps) 1,200, 2,400, 4,800, 9,600,
19.2 k, 38.4 k, 57.6 k,
115.2 k, RTS control and
RS-422 (switchable)
Specifications
General
Connectors
1 x plug-in terminal block
(#14 ~ 22 AWG)
(RS-422/485)
1 x DB9-F (RS-232)
Isolation Voltage
1,000 VDC
Power Consumption 1.0 W @ 24 VDC
Built-in microprocessor and watchdog timer
Serial Communications
Input
RS-485 (2-wire) or
RS-422 (4-wire)
Output
RS-232 (4-wire)
Speed Modes (bps) 300, 600, 1,200, 2,400,
4,800, 9,600, 19.2 k,
38.4 k, 57.6 k, 115.2 k
(software configurable)
RS-232 and 485 can be set to different
baudrates
RS-485 surge protection and automatic
RS-485 data flow control
Software configurable to either addressable
or non-addressable mode
Specifications
General
Connectors
1 x plug-in terminal block
(#14 ~ 22 AWG)
(RS-422/485)
1 x DB9-F (RS-232)
Isolation Voltage
3,000 VDC
(4520 only)
Power Consumption 1.2 W @ 24 VDC
Serial Communications
Input
RS-232 (4-wire)
Output
RS-485 (2-wire) or
RS-422 (4-wire)
Speed Modes (bps) 1,200, 2,400, 4,800, 9,600,
19.2 k, 38.4 k, 57.6 k,
115.2 k, RTS control and
RS-422 (switchable)
RS-422/485 Repeater
RS-232 to RS-422/485 Converter
Addressable RS-422/485 to RS-232
Converter
ADAM-4521
ADAM-4520/4522
ADAM-4510/4510S
Common Specifications
General
Power Input
Unregulated 10 ~ 30 VDC w/power reversal protection
Environment
Operating
- 10 ~ 70° C (14 ~ 158° F)
Temperature
Storage Temperature - 25 ~ 85°C (-13 ~ 185° F)
Humidity
5 ~ 95% RH
Ordering Information
ADAM-4510
RS-422/485 Repeater
ADAM-4510S
Isolated RS-422/485
Repeater
ADAM-4520
Isolated RS-232 to
RS-422/485 Converter
ADAM-4522
RS-232 to RS-422/485
Converter
ADAM-4521
Addressable RS-
422/485 to RS-232
Converter
RoHS
COMPLIANT
2002/95/EC
RoHS
COMPLIANT
2002/95/EC
RoHS
COMPLIANT
2002/95/EC


Similar Part No. - ADAM-4510S

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-4510S ADVANTECH-ADAM-4510S Datasheet
486Kb / 1P
   RS-422/485 Repeater
26-Mar-2021
More results

Similar Description - ADAM-4510S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADAM-4521 ETC-ADAM-4521 Datasheet
164Kb / 1P
   Addressable RS-422/485 to RS-232 Converter
logo
Advantech Co., Ltd.
BB-485DRCI ADVANTECH-BB-485DRCI Datasheet
497Kb / 2P
   Industrial RS-232 to RS-422/485 Converter
logo
Exar Corporation
SP338E EXAR-SP338E Datasheet
1Mb / 25P
   RS-232/RS-485/RS-422 TRANSCEIVER
SP335E EXAR-SP335E Datasheet
356Kb / 22P
   RS-232/RS-485/RS-422 TRANSCEIVER
logo
Advantech Co., Ltd.
BB-422LCOR ADVANTECH-BB-422LCOR Datasheet
346Kb / 1P
   RS-232 to RS-422 Converter
logo
Exar Corporation
XR3160E EXAR-XR3160E Datasheet
365Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER
logo
Advantech Co., Ltd.
BB-485DRCI-PH ADVANTECH-BB-485DRCI-PH Datasheet
374Kb / 2P
   Heavy Industrial RS-232 to RS-422/485 Isolated Converter
BB-422LCON ADVANTECH-BB-422LCON Datasheet
578Kb / 2P
   RS-232 to RS-422 Converter
logo
ORing Industrial Networ...
ISC-1112 ORING-ISC-1112 Datasheet
719Kb / 3P
   Industrial RS-232 to RS-422/485 Serial Media Converter
logo
Advantech Co., Ltd.
SCP211-DFTB3 ADVANTECH-SCP211-DFTB3 Datasheet
318Kb / 1P
   Industrial RS-232 to RS-422/485 Converters
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com