Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N914BWRH Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # 1N914BWRH
Description  400mW High Speed SMD Switching Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1N914BWRH Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  1N914BWRH Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1N914BWRH Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1N4148W/1N4448W/1N914BW
400mW High Speed SMD Switching Diode
Small Signal Diode
Fast switching device(Trr<4.0nS)
Surface device type mounting
Moisture sensitivity level 1
Matte Tin(Sn) lead finish with Nickel(Ni) underplate
Pb free version and RoHS compliant
Min
Max
Min
Max
Case : Flat lead SOD-123 small outline plastic package
1.5
1.7
0.059 0.067
3.3
3.7
0.130 0.146
0.5
0.7
0.020 0.028
2.5
2.7
0.098 0.106
0.8
1.0
0.031 0.039
0.05
0.2
0.002 0.008
Package
SOD-123F
Maximum Ratings
Electrical Characteristics
IR=100uA
IR=5uA
Forward Voltage
1N4448W, 1N914BW
IF=5.0mA
1N4148W
IF=10.0mA
1N4448W, 1N914BW
IF=100.0mA
VR=20V
VR=75V
Junction Capacitance
VR=0, f=1.0MHz
Reverse Recovery Time (Note 2)
Notes:1. Valid provided that electrodes are kept at ambient temperature
Notes:2. Reverse Recovery Test Conditions: IF=10mA, IR=60mA, RL=100Ω, IRR=1mA
SOD-123F
Maximum Ratings and Electrical Characteristics
Features
Mechanical Data
Terminal: Matte tin plated, lead free., solderable
per MIL-STD-202, Method 208 guaranteed
Unit (mm)
Unit (inch)
Dimensions
A
B
C
Green compound (Halogen free) with suffix "G" on
packing code and prefix "G" on date code
Value
Symbol
High temperature soldering guaranteed: 260°C/10s
Ordering Information
Part No.
Packing
1NxxxxW RH
Non-Repetitive Peak Reverse Voltage
VRSM
75
D
E
F
400
100
Reverse Leakage Current
Reverse Breakdown Voltage
VF
IR
V(BR)
CJ
0.62
μA
Units
V
V
Min
Max
ns
1.0
1.0
25
4.0
nA
pF
4.0
5.0
Type Number
Symbol
75
100
0.72
Trr
V
V
mA
mA
°C
-65 to + 150
300
150
°C/W
450
VRRM
Junction and Storage Temperature Range
Mean Forward Current
IFRM
IO
TJ, TSTG
RθJA
Repetitive Peak Forward Current
Repetitive Peak Reverse Voltage
Thermal Resistance (Junction to Ambient) (Note 1)
mW
Polarity : Indicated by cathode band
Weight : 8.85±0.5 mg
Rating at 25°C ambient temperature unless otherwise specified.
Type Number
Units
PD
Power Dissipation
3Kpcs / 7" Reel
D
A
B
C
E
F
Version : C09


Similar Part No. - 1N914BWRH

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
1N914BW TAK_CHEONG-1N914BW Datasheet
189Kb / 5P
   400mW SOD-123 SURFACE MOUNT Small Outline Flat Lead Plastic Package General Purpose Application Fast Switching Diode
1N914BW TAK_CHEONG-1N914BW Datasheet
691Kb / 4P
   400mW SOD-123 SURFACE MOUNT Small Outline Flat Lead Plastic Package General Purpose Application Fast Switching Diode
logo
PACELEADER INDUSTRIAL
1N914BW PACELEADER-1N914BW Datasheet
295Kb / 2P
   SURFACE MOUNT SWITCHING DIODES
logo
Taiwan Semiconductor Co...
1N914BW TSC-1N914BW Datasheet
193Kb / 4P
   400mW High Speed SMD Switching Diode
logo
Yangzhou yangjie electr...
1N914BW YANGJIE-1N914BW Datasheet
213Kb / 3P
   Small Signal Switching Diode
More results

Similar Description - 1N914BWRH

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS4148RYG TSC-TS4148RYG Datasheet
122Kb / 2P
   400mW High Speed SMD Switching Diode
TS4148RX TSC-TS4148RX Datasheet
80Kb / 2P
   400mW High Speed SMD Switching Diode
TS4148RY TSC-TS4148RY Datasheet
115Kb / 2P
   400mW High Speed SMD Switching Diode
1N4148W TSC-1N4148W_10 Datasheet
193Kb / 3P
   400mW High Speed SMD Switching Diode
logo
DIYI Electronic Technol...
1N4148W DYELEC-1N4148W Datasheet
637Kb / 2P
   400mW High Speed SMD Switching Diode
logo
Taiwan Semiconductor Co...
TS4148RXG TSC-TS4148RXG Datasheet
118Kb / 2P
   400mW High Speed SMD Switching Diode
1N4148W TSC-1N4148W_14 Datasheet
193Kb / 4P
   400mW High Speed SMD Switching Diode
logo
Micro Commercial Compon...
1N4148W-TP MCC-1N4148W-TP Datasheet
209Kb / 3P
   High Speed Switching Diode 400mW
1N4148WL MCC-1N4148WL Datasheet
482Kb / 3P
   High Speed Switching Diode 400mW
1N4148W MCC-1N4148W_16 Datasheet
331Kb / 3P
   High Speed Switching Diode 400mW
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com