Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADAM-4571W Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ADAM-4571W
Description  1-port RS-232/422/485 to 802.11b WLAN Serial Device Server
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ADAM-4571W Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ADAM-4571W Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
www.advantech.com/products
Online Download
Specifications
Ethernet Communications
Compatibility
IEEE 802.11b
Speed
11 Mbps
Connectors
Wireless
Serial Communications
Type
RS-232/422/485
Connectors
ADAM-4571W: 1 x RJ-48
ADAM-4570W: 2 x RJ-48
Ports
ADAM-4571W: 1
ADAM-4570W: 2
Data Bits
5, 6, 7, 8
Stop Bits
1, 1.5, 2
Parity Bits
Odd, even, none, space, mark
Baud Rate
50 bps ~ 230 kbps
Data Signals
RS-232: TxD, RxD, CTS, RTS, DTR, DSR, DCD, RI,
GND
RS-422: TxD+, TxD-, RxD+, RxD-, GND
RS-485: Data+, Data-, GND
Software
Driver Supported
Windows NT/2000/XP
Utility Software
Auto-detecting configuration utility
Port mapping utility
Operation Modes
Virtual COMport
ADAM-4571W
ADAM-4570W
1-port RS-232/422/485 to 802.11b WLAN
Serial Device Server
2-port RS-232/422/485 to 802.11b WLAN
Serial Device Server
Mechanics
Dimensions (H x W x D) 70 x 130 x 30 mm
Enclosure
ABS+PC with solid mounting hardware
Mounting
DIN-rail, stack, wall
General
Certifications
CE, FCC class B
LED Indicators
System: Status, Power
WLAN: Active, Quality
Serial: Tx, Rx
Power
Power Input
Unregulated 10 to 30 VDC
Power Consumption
4 Watt
Environment
Operating Temperature 0 ~ 55° C (32 ~ 131° F)
Storing Temperature
-20 ~ 80° C (-4 ~ 176° F)
Operating Humidity
20 ~ 95% (non-condensing)
Storage Humidity
0 ~ 95% (non-condensing)
Ordering Information
ADAM-4571W
1-port RS-232/422/485 to 802.11b WLAN Serial
Device Server (1 pcs of OPT1A included)
ADAM-4570W
2-port RS-232/422/485 to 802.11b WLAN Serial
Device Server (2 pcs of OPT1A included)
Introduction
ADAM-4570W and ADAM-4571W are a cost-effective data gateway between RS-232/422/485 and 802.11b Wireless LAN interfaces. Functionally transparent and efficient, ADAM-
4570W and ADAM-4571W save costs when existing H/W & S/W must continue to be used. ADAM-4570W and ADAM-4571W bring the advantages of remote management and data
accessibility to thousands of RS-232/422/485 devices that cannot connect to the network.
ADAM-4570W and ADAM-4571W provide one or two RS-232/422/485 serial ports, and the transmission speed is up to 230 kbps, meeting the demand for high-speed data exchange.
In addition, you can use a Windows utility to configure ADAM-4570W and ADAM-4571W without further programming. This not only protects your current hardware investment but also
ensures future network expandability. Since the protocol conversion is transparent, all your existing devices can be seamlessly integrated with the 802.11b wireless LAN network.
Supports 802.11b
Supports wireless LAN Ad-Hoc and Infrastructure modes
Supports high transmission speeds up to 230 kbps
Supports an advanced security mechanism to avoid unauthorized access
Auto-reconnection
Remote download firmware
Auto-detecting
Easy-managing Port Mapping Utility
Supports Windows® NT/2000/XP drivers
Surge protection for serial signals
Automatic RS-485 data flow control


Similar Part No. - ADAM-4571W

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-4571W ADVANTECH-ADAM-4571W Datasheet
102Kb / 1P
   1-port RS-232/422/485 to 802.11b WLAN Serial Device Server
More results

Similar Description - ADAM-4571W

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-4571W ADVANTECH-ADAM-4571W Datasheet
102Kb / 1P
   1-port RS-232/422/485 to 802.11b WLAN Serial Device Server
EKI-1351 ADVANTECH-EKI-1351 Datasheet
552Kb / 1P
   1-port RS-232/422/485 to 802.11b/g WLAN Serial Device Server
ADAM-4570 ADVANTECH-ADAM-4570 Datasheet
587Kb / 1P
   1-port RS-232/422/485 Serial Device Server
EKI-1521 ADVANTECH-EKI-1521 Datasheet
562Kb / 1P
   1-port RS-232/422/485 Serial Device Server
EKI-1361 ADVANTECH-EKI-1361 Datasheet
430Kb / 2P
   1-Port RS-232/422/485 to 802.11a/b/g/n WLAN Serial Device Server
28-Oct-2020
EKI-1524 ADVANTECH-EKI-1524 Datasheet
546Kb / 1P
   4-port RS-232/422/485 Serial Device Server
EKI-1526 ADVANTECH-EKI-1526 Datasheet
656Kb / 2P
   8-port RS-232/422/485 Serial Device Server
EKI-1524 ADVANTECH-EKI-1524_15 Datasheet
621Kb / 2P
   4-port RS-232/422/485 Serial Device Server
logo
Coolgear Inc.
MSD-SRP1XM-PRO COOLGEAR-MSD-SRP1XM-PRO Datasheet
275Kb / 3P
   1-Port RS-232 / RS-422 / RS-485 Serial to Ethernet Device Server, PoE Powered
7/8/21
logo
Moxa Inc.
5100 MOXA-5100 Datasheet
788Kb / 5P
   1-port RS-232/422/485 serial device servers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com