Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4744G Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # 1N4744G
Description  1W DO-41 Zener Voltage Regulators
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1N4744G Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  1N4744G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1N4744G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Notes :
VF Forward Voltage = 1.2 V Maximum @ IF = 200 mA for all types
1.
TOLERANCE AND TYPE NUMBER DESIGNATION (VZ)
The type numbers listed have a standard tolerance on the nominal zener voltage of
5%. Device tolerance of
2% is indicated by a C instead of an G
2.
SPECIALS AVAILABLE INCLUDE
Nominal zener voltages between the voltages shown and tighter voltage, for detailed information on price,
availability and delivery, contact you nearest TAIWAN SEMICONDUCTOR CO
3.
ZENER VOLTAGE (VZ) MEASUREMENT
The zener voltage (VZ) is tested under pulse condition. The measured VZ is guaranteed to be within specification
with device junction in thermal equilibrium.
4.
ZENER IMPEDANCE (ZZ) DERIVATION
The zener impedance is derived from the 60 cycle AC voltage, which results when an AC current having
an RMS value equal to 10% of the DC zener current (IZT or IZK) is superimposed on IZT or IZK.
2 of 2
Version : B08


Similar Part No. - 1N4744G

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
1N4744G EIC-1N4744G Datasheet
34Kb / 2P
   ZENER DIODES
logo
Taiwan Semiconductor Co...
1N4744G TSC-1N4744G Datasheet
111Kb / 5P
   1W DO-41 Zener Volatge Regulators
More results

Similar Description - 1N4744G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1N4728G TSC-1N4728G_14 Datasheet
111Kb / 5P
   1W DO-41 Zener Volatge Regulators
logo
Leshan Radio Company
1N4733AM LRC-1N4733AM Datasheet
599Kb / 7P
   1W DO-41 Zener voltage regulator diodes
logo
America Semiconductor, ...
1N4728A AMERICASEMI-1N4728A Datasheet
1Mb / 6P
   1 Watt DO-41 Zener Voltage Regulators
logo
Rectron Semiconductor
1N4728A RECTRON-1N4728A Datasheet
19Kb / 2P
   1W 5% DO-41 ZENER DIODE
logo
ON Semiconductor
MZP4729AG ONSEMI-MZP4729AG Datasheet
83Kb / 6P
   3 Watt DO-41 Surmetic 30 Zener Voltage Regulators
July, 2007 - Rev. 4
3EZ6.2D5 ONSEMI-3EZ6.2D5 Datasheet
90Kb / 5P
   3 Watt DO-41 Surmetic??30 Zener Voltage Regulators
August, 2007 - Rev. 0
1N59XXBRNG ONSEMI-1N59XXBRNG Datasheet
194Kb / 8P
   3 W DO-41 Surmetic 30 Zener Voltage Regulators
December, 2019 ??Rev. 1
MZP4729A ONSEMI-MZP4729A Datasheet
57Kb / 8P
   3 Watt DO-41 Surmetic 30 Zener Voltage Regulators
February, 2002 ??Rev. 2
1N5929BRNG ONSEMI-1N5929BRNG Datasheet
117Kb / 7P
   3 W DO-41 Surmetic 30 Zener Voltage Regulators
January, 2012 ??Rev. 0
logo
Tak Cheong Electronics ...
TCBZX85C3V3 TAK_CHEONG-TCBZX85C3V3_11 Datasheet
168Kb / 4P
   1.3 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com