Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SMA4750 Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # 1SMA4750
Description  1.25 Watts Surface Mount Silicon Zener Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1SMA4750 Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  1SMA4750 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1SMA4750 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 1SMA4750 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 1SMA4750 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
FIG.6- TYPICAL CAPACITANCE versus Vz
FIG.7- TEMPERATURE COEFFICIENTS
FIG.8- TEMPERATURE COEFFICIENTS
FIG.9- EFFECT OF ZENER CURRENT
V , FORWARD VOLTAGE (VOLTS)
Z
V , ZENER VOLTAGE (VOLTS)
Z
V , ZENER VOLTAGE (VOLTS)
Z
V , ZENER VOLTAGE (VOLTS)
Z
0V BIAS
1.0V BIAS
50% OF BREAKDOWN BIAS
1
10
100
4
8
10
100
200
300
400
b-RANGE FOR UNITS 11 TO 100 VOLTS
V@ I
ZZT
RANGE
10
20
30
50
70
100
1
2
3
5
7
10
20
30
50
70
100
a-RANGE FOR UNITS TO 12 VOLTS
V@ I
ZZT
RANGE
23
4
5
6
7
8
9
10
11
12
-2.0
-4.0
0
+2.0
+4.0
+6.0
+8.0
+10
+12
V@ I
TJ=25 C
ZZT
o
20mA
0.01mA
1.0mA
NOTE: BELOW 3 VOLTS AND ABOVE a VOLTS
CHANGES IN ZENER CURRENT OO NOT
AFFECT TEMPERATURE COEFFICIENTS
34
5
6
7
8
-4.0
-2.0
0
+2.0
+4.0
+6.0
Version: C08
FIG.10- MAXIMUM SURGE POWER
PW, PULSE WIDTH (ms)
RECTANGULAR
WAVEFORM
TJ = 25 C PRIOR TO
INITIAL PULSE
o
11V-91V
NON-REPETITIVE
0.8V
-10V
NON-REPETITIVE
5% DUTY
CYCLE
10% DUTY CYCLE
20% DUTY CYCLE
1
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20
50
100
200
500
1000
2
3
5
7
10
20
30
50
70
100
RATINGS AND CHARACTERISTIC CURVES (1SMA4737 THRU 1SMA200Z)


Similar Part No. - 1SMA4750

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1SMA4750 TRSYS-1SMA4750 Datasheet
301Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Taiwan Semiconductor Co...
1SMA4750 TSC-1SMA4750 Datasheet
297Kb / 6P
   1.0 Watt Surface Mount Silicon Zener Diodes
1SMA4750 TSC-1SMA4750 Datasheet
166Kb / 5P
   Surface Mount Silicon Zener Diode
1SMA4750 TSC-1SMA4750 Datasheet
199Kb / 4P
   1.0 Watt Surface Mount Silicon Zener Diodes
logo
Continental Device Indi...
1SMA4750 CDIL-1SMA4750 Datasheet
230Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
More results

Similar Description - 1SMA4750

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1SMB5926 TSC-1SMB5926 Datasheet
331Kb / 4P
   3.0 Watts Surface Mount Silicon Zener Diode
1SMB5926 TSC-1SMB5926_10 Datasheet
654Kb / 4P
   3.0 Watts Surface Mount Silicon Zener Diode
1SMA4741 TSC-1SMA4741_1 Datasheet
339Kb / 4P
   1.0 Watts Surface Mount Silicon Zener Diode
1SMA5926 TSC-1SMA5926_1 Datasheet
336Kb / 4P
   1.5 Watts Surface Mount Silicon Zener Diode
logo
Shenzhen Luguang Electr...
1SMA5926 LUGUANG-1SMA5926 Datasheet
212Kb / 4P
   1.Watts Surface Mount Silicon Zener Diode
logo
SeCoS Halbleitertechnol...
SMB3EZXXD5 SECOS-SMB3EZXXD5 Datasheet
265Kb / 4P
   3.0 Watts Surface Mount Zener Diode
3EZXXXD5 SECOS-3EZXXXD5 Datasheet
738Kb / 4P
   3 Watts Surface Mount Zener Diode
SMA59XXB SECOS-SMA59XXB Datasheet
264Kb / 3P
   1.5 Watts Surface Mount Zener Diode
ZTS270X SECOS-ZTS270X Datasheet
240Kb / 2P
   1.0 Watts Surface Mount Zener Diode
SMB5921 SECOS-SMB5921 Datasheet
201Kb / 4P
   3.0 Watts Surface Mount Zener Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com