Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC817-16RF Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # BC817-16RF
Description  300mW, NPN Small Signal Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BC817-16RF Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  BC817-16RF Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BC817-16RF Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BC817-16/-25/-40
300mW, NPN Small Signal Transistor
Small Signal Diode
Rating and Sharacteristic Curves
FIG 1 Typical Pulsed Current Gain vs
Collector Current
0.001
0.01
0.1
1
10
0
100
200
300
400
500
Ambient Temperature (°C)
Reverse Voltage (V)
FIG 2 Collector-Emitter Saturation Voltage vs
Collector Current
0.01
0.1
1
10
0
0.1
0.2
0.3
0.4
0.5
0.6
VCE=5
25
oC
hFE
VCE(sat), Collector-Emitter Voltage (V)
FIG 3 Base-Emitter Saturation Voltage vs
Collector Current
1
10
100
1000
0
0.2
0.4
0.6
0.8
1
1.2
1.4
VBE(sat),Base-Emitter Voltage (V)
25
oC
25
oC
FIG 4 Base-Emitter on Voltage vs
Collector Current
0.001
0.01
0.1
1
0
0.2
0.4
0.6
0.8
1
1.2
1.4
25
o
VBE(sat),Base-Emitter on Voltage (V)
FIG 5 Collector-Base Capacitance vs
Collector-Base Voltage
0
10
20
30
40
0
4
8
12
16
20
24
28
VCB,Collector-Base Voltage (V)
Version : C09


Similar Part No. - BC817-16RF

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BC817-16RFG TSC-BC817-16RFG Datasheet
255Kb / 4P
   300mW, NPN Small Signal Transistor
More results

Similar Description - BC817-16RF

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MMBTA05 TSC-MMBTA05_15 Datasheet
749Kb / 4P
   300mW, NPN Small Signal Transistor
BC817-16 TSC-BC817-16_14 Datasheet
255Kb / 4P
   300mW, NPN Small Signal Transistor
MMBT3904 TSC-MMBT3904_11 Datasheet
518Kb / 3P
   300mW, NPN Small Signal Transistor
MMBT2222A TSC-MMBT2222A_15 Datasheet
256Kb / 4P
   300mW, NPN Small Signal Transistor
MMBT3904L TSC-MMBT3904L Datasheet
253Kb / 4P
   300mW, NPN Small Signal Transistor
BC817-16 TSC-BC817-16_10 Datasheet
902Kb / 2P
   300mW, NPN Small Signal Transistor
MMBT3904 TSC-MMBT3904_14 Datasheet
221Kb / 4P
   300mW, NPN Small Signal Transistor
MMBT2222A TSC-MMBT2222A Datasheet
214Kb / 3P
   300mW, NPN Small Signal Transistor
MMBT3904 TSC-MMBT3904_10 Datasheet
309Kb / 3P
   300mW, NPN Small Signal Transistor
logo
Micro Commercial Compon...
BC847BS MCC-BC847BS_11 Datasheet
286Kb / 5P
   Dual NPN Small Signal Transistor 300mW
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com