Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZT52B6V8S Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # BZT52B6V8S
Description  200mW, 2% Tolerance SMD Zener Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZT52B6V8S Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  BZT52B6V8S Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZT52B6V8S Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZT52B6V8S Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BZT52B2V4S-BZT52B75S
200mW, 2% Tolerance SMD Zener Diode
Small Signal Diode
VZ Tolerance Selection of ±2%
Moisture sensitivity level 1
Matte Tin(Sn) lead finish with Nickel(Ni) underplate
Pb free version and RoHS compliant
Min
Max
Min
Max
Case : Flat lead SOD-323 small outline plastic package
1.15
1.35
0.045 0.053
2.30
2.70
0.091 0.106
0.25
0.40
0.010 0.016
1.60
1.80
0.063 0.071
0.80
1.00
0.031 0.039
0.05
0.20
0.002 0.008
Package
SOD-323F
Maximum Ratings
IF=10mA
Notes:1. Valid provided that electrodes are kept at ambient temperature
VBR
: Voltage at IZK
IZK
: Test current for voltage VBR
ZZK
: Dynamic impedance at IZK
IZT
: Test current for voltage VZ
VZ
: Voltage at current IZT
ZZT
: Dynamic impedance at IZT
IZM
: Maximum steady state current
VZM
: Voltage at IZM
SOD-323F
Green compound (Halogen free) with suffix "G" on
packing code and prefix "G" on date code
A
B
Unit (inch)
Dimensions
E
Packing
C
Features
Mechanical Data
Terminal: Matte tin plated, lead free., solderable
per MIL-STD-202, Method 208 guaranteed
Unit (mm)
Wide zener voltage range selection : 2.4V to 75V
Ordering Information
Part No.
D
Rating at 25°C ambient temperature unless otherwise specified.
Maximum Ratings and Electrical Characteristics
BZT52BxxS RR
3Kpcs / 7" Reel
F
High temperature soldering guaranteed: 260°C/10s
Polarity : Indicated by cathode band
Weight : 4.02±0.5 mg
Type Number
-65 to + 150
Value
200
Junction and Storage Temperature Range
Power Dissipation
Symbol
Units
PD
VF
mW
Zener I vs. V Characteristics
V
Thermal Resistance (Junction to Ambient)
(Note 1)
RθJA
625
°C/W
Forward Voltage
1
TJ, TSTG
°C
Voltage
Current
IF
VF
VR
IR
VBR
IZK
VZ
IZT
VZM
IZM
Forward Region
Leakage Region
BreakdownRegion
D
A
B
C
E
F
Version : B09


Similar Part No. - BZT52B6V8S

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BZT52B6V8S RECTRON-BZT52B6V8S Datasheet
233Kb / 3P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 3 to 39 Volts POWER RATING 410 mWatts
logo
Taiwan Semiconductor Co...
BZT52B6V8S TSC-BZT52B6V8S Datasheet
238Kb / 6P
   200mW, 2% Tolerance SMD Zener Diode
logo
Jiangsu Changjiang Elec...
BZT52B6V8S JIANGSU-BZT52B6V8S Datasheet
775Kb / 5P
   ZENER DIODE
logo
Diode Semiconductor Kor...
BZT52B6V8S DSK-BZT52B6V8S Datasheet
252Kb / 4P
   Surface mount zener diode
logo
Jiangsu High diode Semi...
BZT52B6V8S HDSEMI-BZT52B6V8S Datasheet
1Mb / 5P
   SOD323 Plastic-Encapsulate Diodes
More results

Similar Description - BZT52B6V8S

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZT52B2V4S TSC-BZT52B2V4S_14 Datasheet
238Kb / 6P
   200mW, 2% Tolerance SMD Zener Diode
BZT52C2V4S TSC-BZT52C2V4S Datasheet
177Kb / 3P
   200mW, 5% Tolerance SMD Zener Diode
BZY55B2V4 TSC-BZY55B2V4_14 Datasheet
241Kb / 5P
   2% Tolerance SMD Zener Diode
BZX584B4V7 TSC-BZX584B4V7 Datasheet
247Kb / 6P
   2% Zener Voltage Tolerance SMD Zener Diode
BZT55B2V4 TSC-BZT55B2V4 Datasheet
128Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
BZX55B2V4 TSC-BZX55B2V4 Datasheet
126Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
BZS55B2V4 TSC-BZS55B2V4 Datasheet
137Kb / 3P
   500mW,2% Tolerance SMD Zener Diode
BZY55B2V4 TSC-BZY55B2V4 Datasheet
146Kb / 3P
   500mW,2% Tolerance SMD Zener Diode
BZT52B2V4 TSC-BZT52B2V4 Datasheet
124Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
BZT52B2V4 TSC-BZT52B2V4_14 Datasheet
227Kb / 6P
   500mW, 2% Tolerance SMD Zener Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com