Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZT55B4V3 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # BZT55B4V3
Description  500mW, 2% Tolerance SMD Zener Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZT55B4V3 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  BZT55B4V3 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZT55B4V3 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZT55B4V3 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BZT55B2V4-BZT55B75
500mW, 2% Tolerance SMD Zener Diode
Small Signal Diode
Electrical Characteristics
Ta = 25°C unless otherwise noted
VF Forward Voltage = 1.0V Maximum @ IF = 10 mA for all part numbers
Nom
Min
Max
BZT55B2V4
2.4
2.35
2.45
5
85
1
600
50
1
BZT55B2V7
2.7
2.65
2.75
5
85
1
600
10
1
BZT55B3V0
3.0
2.94
3.06
5
85
1
600
4
1
BZT55B3V3
3.3
3.23
3.37
5
85
1
600
2
1
BZT55B3V6
3.6
3.53
3.67
5
85
1
600
2
1
BZT55B3V9
3.9
3.82
3.98
5
85
1
600
2
1
BZT55B4V3
4.3
4.21
4.39
5
75
1
600
1
1
BZT55B4V7
4.7
4.61
4.79
5
60
1
600
0.5
1
BZT55B5V1
5.1
5.00
5.20
5
35
1
550
0.1
1
BZT55B5V6
5.6
5.49
5.71
5
25
1
450
0.1
1
BZT55B6V2
6.2
6.08
6.32
5
10
1
200
0.1
2
BZT55B6V8
6.8
6.66
6.94
5
8
1
150
0.1
3
BZT55B7V5
7.5
7.35
7.65
5
7
1
50
0.1
5
BZT55B8V2
8.2
8.04
8.36
5
7
1
50
0.1
6.2
BZT55B9V1
9.1
8.92
9.28
5
10
1
50
0.1
6.8
BZT55B10
10
9.80
10.20
5
15
1
70
0.1
7.5
BZT55B11
11
10.78
11.22
5
20
1
70
0.1
8.2
BZT55B12
12
11.76
12.24
5
20
1
90
0.1
9.1
BZT55B13
13
12.74
13.26
5
26
1
110
0.1
10
BZT55B15
15
14.70
15.30
5
30
1
110
0.1
11
BZT55B16
16
15.68
16.32
5
40
1
170
0.1
12
BZT55B18
18
17.64
18.36
5
50
1
170
0.1
13
BZT55B20
20
19.60
20.40
5
55
1
220
0.1
15
BZT55B22
22
21.56
22.44
5
55
1
220
0.1
16
BZT55B24
24
23.52
24.48
5
80
1
220
0.1
18
BZT55B27
27
26.46
27.54
5
80
1
220
0.1
20
BZT55B30
30
29.40
30.60
5
80
1
220
0.1
22
BZT55B33
33
32.34
33.66
5
80
1
220
0.1
24
BZT55B36
36
35.28
36.72
5
80
1
220
0.1
27
BZT55B39
39
38.22
39.78
2.5
90
0.5
500
0.1
28
BZT55B43
43
42.14
43.86
2.5
90
0.5
600
0.1
32
BZT55B47
47
46.06
47.94
2.5
110
0.5
700
0.1
35
BZT55B51
51
49.98
52.02
2.5
125
0.5
700
0.1
38
BZT55B56
56
54.88
57.12
2.5
135
0.5
1000
0.1
42
BZT55B62
62
60.76
63.24
2.5
150
0.5
1000
0.1
47
BZT55B68
68
66.64
69.36
2.5
160
0.5
1000
0.1
51
BZT55B75
75
73.50
76.50
2.5
170
0.5
1000
0.1
56
Notes:
1. The Zener Voltage (VZ) is tested under pulse condition of 10ms.
2. The device numbers listed have a standard tolerance on the nominal zener voltage of ±2%.
ZZT @ IZT(Ω)
Max
4. The zener impedance is derived from the 60-cycle ac voltage, which results when an ac current having an rms value
equal to 10% of the DC zener current ( IZT or IZK) is superimposed to IZT or IZK.
ZZK @ IZK(Ω)
Max
VZ @ IZT (Volt)
IR @ VR(μA)
Max
IZK(mA)
IZT(mA)
VR(V)
3. For detailed information on price, availability and delivery of nominal zener voltages between the voltages shown and
tighter voltage tolerances, contact your nearest Taiwan semiconductor representative.
Part Number
Version : E09


Similar Part No. - BZT55B4V3

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZT55B4V3 TSC-BZT55B4V3 Datasheet
91Kb / 4P
   0.5 Watts Hermetically Sealed Glass Zener Voltage Regulators
logo
Vishay Siliconix
BZT55B4V3 VISHAY-BZT55B4V3 Datasheet
193Kb / 8P
   Small Signal Zener Diodes
Rev. 1.5, 10-Mar-06
logo
SEMTECH ELECTRONICS LTD...
BZT55B4V3 SEMTECH_ELEC-BZT55B4V3 Datasheet
312Kb / 5P
   SILICON EPITAXIAL PLANAR ZENER DIODES
logo
Vishay Siliconix
BZT55B4V3 VISHAY-BZT55B4V3 Datasheet
119Kb / 7P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-11
BZT55B4V3 VISHAY-BZT55B4V3 Datasheet
117Kb / 7P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-11
More results

Similar Description - BZT55B4V3

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZT52B2V4 TSC-BZT52B2V4_14 Datasheet
227Kb / 6P
   500mW, 2% Tolerance SMD Zener Diode
BZT55B2V4 TSC-BZT55B2V4_14 Datasheet
187Kb / 6P
   500mW , 2% Tolerance SMD Zener Diode
BZX55B2V4 TSC-BZX55B2V4 Datasheet
126Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
BZS55B2V4 TSC-BZS55B2V4 Datasheet
137Kb / 3P
   500mW,2% Tolerance SMD Zener Diode
BZY55B2V4 TSC-BZY55B2V4 Datasheet
146Kb / 3P
   500mW,2% Tolerance SMD Zener Diode
BZT52B2V4 TSC-BZT52B2V4 Datasheet
124Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
BZV55B2V4 TSC-BZV55B2V4_11 Datasheet
371Kb / 4P
   500mW,2% Tolerance Zener Diode
BZV55B2V4 TSC-BZV55B2V4_14 Datasheet
458Kb / 5P
   500mW, 2% Tolerance Zener Diode
MMSZ5221B TSC-MMSZ5221B_09 Datasheet
124Kb / 3P
   500mW, 5% Tolerance SMD Zener Diode
BZT52C2V4 TSC-BZT52C2V4 Datasheet
145Kb / 3P
   500mW, 5% Tolerance SMD Zener Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com