Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSF2429 Datasheet(PDF) 1 Page - Silikron Semiconductor Co.,LTD.

Part # SSF2429
Description  Battery protection
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSF2429 Datasheet(HTML) 1 Page - Silikron Semiconductor Co.,LTD.

  SSF2429 Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSF2429 Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSF2429 Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSF2429 Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSF2429 Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SSF2429
DESCRIPTION
D
G
S
The SSF2429 uses advanced trench technology to
provide excellent RDS(ON), low gate charge and operation
with gate voltages as low as 2.5V.
GENERAL FEATURES
V = -20V,I
PACKAGE MARKING AND ORDERING INFORMATION
Device Marking
Device
Device Package
Reel Size
Tape width
Quantity
2429
SSF2429
SOT23-6
Ø180mm
8mm
3000 units
ABSOLUTE MAXIMUM RATINGS(TA=25℃unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
-20
V
Gate-Source Voltage
VGS
±12
V
ID
-5
A
Drain Current-Continuous@ Current-Pulsed (Note 1)
IDM
-20
A
Maximum Power Dissipation
PD
1.4
W
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 To 150
THERMAL CHARACTERISTICS
Thermal Resistance,Junction-to-Ambient (Note 2)
RθJA
90
/W
ELECTRICAL CHARACTERISTICS (TA=25℃unless otherwise noted)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V ID=-250μA
-20
V
DS
D =-5A
Schematic diagram
< 35mΩ @ V
RDS(ON)
GS=-4.5V
< 48mΩ @ V
RDS(ON)
GS=-2.5V
High Power and current handing capability
Lead free product is acquired
Surface Mount Package
Marking and pin Assignment
Application
Battery protection
Load switch
Power management
SOT23-6 top view
©Silikron Semiconductor CO.,LTD.
1
http://www.silikron.com
v1.0


Similar Part No. - SSF2429

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SSF2429 GOOD-ARK-SSF2429 Datasheet
405Kb / 4P
   20V P-Channel MOSFET
SSF2429 GOOD-ARK-SSF2429_15 Datasheet
405Kb / 4P
   20V P-Channel MOSFET
More results

Similar Description - SSF2429

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF2341E SILIKRON-SSF2341E Datasheet
408Kb / 5P
   Battery protection
SSF2312 SILIKRON-SSF2312 Datasheet
288Kb / 1P
   Battery protection
SSF2334 SILIKRON-SSF2334 Datasheet
271Kb / 5P
   Battery protection
SSF8205A SILIKRON-SSF8205A Datasheet
553Kb / 7P
   Battery protection
SSF8822 SILIKRON-SSF8822 Datasheet
400Kb / 5P
   Battery protection
SSF2302 SILIKRON-SSF2302 Datasheet
393Kb / 7P
   Battery protection
SSF2336 SILIKRON-SSF2336 Datasheet
271Kb / 5P
   Battery protection
SSF3344 SILIKRON-SSF3344 Datasheet
310Kb / 5P
   Battery protection
SSF3402 SILIKRON-SSF3402 Datasheet
309Kb / 5P
   Battery protection
SSF2316E SILIKRON-SSF2316E Datasheet
375Kb / 5P
   Battery protection
SSF2306 SILIKRON-SSF2306 Datasheet
309Kb / 5P
   Battery protection
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com