Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSF5508 Datasheet(PDF) 3 Page - Silikron Semiconductor Co.,LTD.

Part # SSF5508
Description  Power switching application
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSF5508 Datasheet(HTML) 3 Page - Silikron Semiconductor Co.,LTD.

  SSF5508 Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSF5508 Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSF5508 Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSF5508 Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSF5508 Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
©Silikron Semiconductor CO.,LTD.
2009.12.26
Version : 1.0
page
3of5
SSF5508
Transfer Characteristic
Capacitance
On Resistance vs Junction Temperature
Breakdown Voltage vs Junction Temperature
Switch Waveforms:
Switch Time Test Circuit:


Similar Part No. - SSF5508

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SSF5508 GOOD-ARK-SSF5508 Datasheet
1Mb / 7P
   55V N-Channel MOSFET
logo
Silikron Semiconductor ...
SSF5508A SILIKRON-SSF5508A Datasheet
533Kb / 6P
   Advanced trench MOSFET process technology
logo
GOOD-ARK Electronics
SSF5508A GOOD-ARK-SSF5508A Datasheet
717Kb / 6P
   55V N-Channel MOSFET
SSF5508A GOOD-ARK-SSF5508A_15 Datasheet
717Kb / 6P
   55V N-Channel MOSFET
SSF5508D GOOD-ARK-SSF5508D Datasheet
826Kb / 6P
   Preliminary
More results

Similar Description - SSF5508

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF7509 SILIKRON-SSF7509 Datasheet
359Kb / 5P
   Power switching application
SSF1016 SILIKRON-SSF1016 Datasheet
338Kb / 5P
   Power switching application
SSF1020 SILIKRON-SSF1020 Datasheet
335Kb / 5P
   Power switching application
SSF6808 SILIKRON-SSF6808 Datasheet
340Kb / 5P
   Power switching application
SSF6008 SILIKRON-SSF6008 Datasheet
339Kb / 5P
   Power switching application
SSF7510 SILIKRON-SSF7510 Datasheet
335Kb / 5P
   Power switching application
SSF6807 SILIKRON-SSF6807 Datasheet
339Kb / 5P
   Power switching application
SSF6014 SILIKRON-SSF6014 Datasheet
298Kb / 5P
   Power switching application
logo
Shenzhen Huazhimei Semi...
HM25N06Q HMSEMI-HM25N06Q Datasheet
681Kb / 6P
   Power switching application
logo
Silikron Semiconductor ...
SSF6010 SILIKRON-SSF6010 Datasheet
298Kb / 5P
   Power switching application
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com