Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DVMB-554E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # DVMB-554E
Description  Intel짰 Core??2 Duo Based Digital Video Main Board with 4 Channel Video Input
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

DVMB-554E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  DVMB-554E Datasheet HTML 1Page - Advantech Co., Ltd. DVMB-554E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Block Diagram
DVMB-554E
Internal I/O Connector
2 x connectors for 4 additional USB 2.0/1.1 ports
1 x LVDS LCD panel connector
1 x LCD/inverter power connectors
1 x Digital I/O connector
1 x CD Audio-in connector
1 x IrDA connector
1 x 44-pin IDE 1 connector
Internal I/O Connector
1 x ATX power supply connector
1 x front panel connector
3 x fan connectors
2 x SATA connectors
1 x video input connectors (optional)
1 x video loop through connectors (optional)
External I/O Connector
1 x VGA
2 x COM
1 x PS/2 keyboard and mouse Y cable
1 x Audio I/O
2 x RJ-45
4 x USB 2.0/1.1
1 x DVI
1 x composite
Digital Video
4 x BT-878 on board with box header
Operating Temperature
0° C ~ 60° C (32° F ~ 140° F)
External Power Terminal
ATX power connector
Ordering Information
Part Number
Form Factor
Description
Chipset
DVMB-554E
mini-ITX (170 x 170 mm)
Socket 479 Intel Core Duo/Core Solo processor based with 4 channels video capture/PCI-E/Dual Giga LAN
Intel 945GM
LVDS+TV Out
RJ45
10/100/1000Mb
RJ45
10/100/1000Mb
LAN 1
AUDIO
ALC655
SIO
DMI
PCIE X4
2G/1G
KB/MS
Marvell 88E8503
ICH7M
UDMA/100
SATA/3Gb
USB
2 DIMM
945GM
2PORT
IDE Primary(2.0")
SATA
Core 2 Duo / Core Duo Processor
LPC
IMVP 6
USB PORT 1- 8
USB 2.0
CK_410
AGTL+ BUS
FirmWare Hub
DDR2
FSB 533/667
533/667
PCI CNTRL
PCI ADDR/DATA
PCI EXPRESS X4
LAN 2
Marvell 88E8503
PCI EXPRESS X1
Yonah-1M
Yonah-2M
FCBGA 1466
(Calistoga)
BGA 652
Audio
Connector
Bt878*4
+
CF(TypeII)
SNMP1000
DVI(CH7307)
VGA Connector
COM1/COM2(RS-232/
RS-422/RS-485)
SELECTABLE


Similar Part No. - DVMB-554E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
DVMB-764 ADVANTECH-DVMB-764 Datasheet
207Kb / 3P
   16 CH D1 480 FPS MPEG4 Hardware Encoding ATX Main Board with Intel짰 Q965 Platform
DVMB-764-08D1E ADVANTECH-DVMB-764-08D1E Datasheet
207Kb / 3P
   16 CH D1 480 FPS MPEG4 Hardware Encoding ATX Main Board with Intel짰 Q965 Platform
DVMB-764-16CFE ADVANTECH-DVMB-764-16CFE Datasheet
207Kb / 3P
   16 CH D1 480 FPS MPEG4 Hardware Encoding ATX Main Board with Intel짰 Q965 Platform
DVMB-764-16D1E ADVANTECH-DVMB-764-16D1E Datasheet
207Kb / 3P
   16 CH D1 480 FPS MPEG4 Hardware Encoding ATX Main Board with Intel짰 Q965 Platform
More results

Similar Description - DVMB-554E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
DVS-355M ADVANTECH-DVS-355M Datasheet
395Kb / 2P
   Embedded/Mobile Digital Video Platform with Intel Core Duo Mobile Processor
logo
AAEON Technology
COM-965 AAEON-COM-965 Datasheet
367Kb / 1P
   Intel짰 Core??2 Duo/ Celeron짰 M (Socket-P Based) Processors
logo
Advantech Co., Ltd.
DPX-S410 ADVANTECH-DPX-S410 Datasheet
1Mb / 2P
   Intel짰 Core 2 Duo??Gaming Platform
DPX-S410 ADVANTECH-DPX-S410_14 Datasheet
1Mb / 2P
   Intel짰 Core 2 Duo??Gaming Platform
PCA-6010 ADVANTECH-PCA-6010_11 Datasheet
1Mb / 2P
   LGA775 Intel짰 Core?? Duo SBC LGA775 Intel짰 Core?? Duo SBC
MIC-3392 ADVANTECH-MIC-3392 Datasheet
1,001Kb / 2P
   6U CompactPCI Intel짰 Core??2 Duo Processor-based Board with Dual PCIe GbE/DDR2/SATA/PMC
logo
List of Unclassifed Man...
AIS-I7514 ETC2-AIS-I7514 Datasheet
805Kb / 1P
   Leading Intel짰 Core 2 Duo processor based Mini-ITX board with Dual Display and One GbE
logo
Advantech Co., Ltd.
POC-S176 ADVANTECH-POC-S176 Datasheet
456Kb / 2P
   17 Slim Point-of-Care Terminal with Intel짰 Core??Duo/Core??2 Duo Processor
PPC-177T ADVANTECH-PPC-177T Datasheet
232Kb / 2P
   17 Panel PC with Intel짰 Core??2 Duo Processor
PPC-125T ADVANTECH-PPC-125T Datasheet
286Kb / 2P
   12 Panel PC with Intel짰 Core??2 Duo Processor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com