Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DVS-355-SU25E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # DVS-355-SU25E
Description  Embedded/Mobile Digital Video Platform with Intel Core Duo Mobile Processor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

DVS-355-SU25E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  DVS-355-SU25E Datasheet HTML 1Page - Advantech Co., Ltd. DVS-355-SU25E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.advantech.com/products
Online Download
Features
DVS-355M
Embedded/Mobile Digital Video Platform
with Intel Core Duo Mobile Processor
Up to 6 channel composite inputs that can share a total frame rate of 60/50 fps
Fanless design within sealed construction
Supports Intel® Core™ Duo Mobile Processor
x86 architecture for easy application development & integration
Anti-vibration, anti-shock design to ensure maximum reliability
Wide power source (9 ~ 30V DC)
CardBus interface for optional mobile communication module
Supports Window® 2000/XP with driver and SDK
Introduction
The DVS-355M provides the digital video market a perfect solution for applications in harsh environments. The DVS-355M is the smallest industrial grade PC-based system that
supports 6 camera inputs. The x86 open platform eases application software integration. It is designed for installation in any mission-critical environment with its fanless, anti-vibration
and anti-shock protection. A wide power range of 9 to 30 V DC can protect the system from power surges while used on vehicles. These features combined with TV-OUT, WLAN,
CardBus interface make the DVS-355M the best solution for embedded/mobile applications.
Specifications
Video System
Video Standard
Composite for NTSC/PAL
Video Input
6 channels share a total of 60 fps
Encoding
Up to 60 fps@D1 resolution with software encoding
Capture Resolution
Up to D1 resolution - 720 x 480 (NTSC) / 768 x 576 (Full PAL)
Total Capture Frame Rate
60/50 fps (NTSC/PAL)
Image Processing
Hardware adjustment of hue, contrast, saturation, and brightness
Data Output Format
YUY2 planar formats supported
Processor & System
CPU
Intel Core Duo U2500 1.2GHz Mobile Processor
Chipset
Intel 945GM / ICH7M-DH
L2 Cache
2M
BIOS
AWARD 4-Mbit BIOS
Front Side Bus
667 MHz
Memory
Technology
Dual channel DDR2 533/667
Max. Capacity
2 GB
Socket
2 x 200-pin SODIMM
Graphics
Chipset
Intel Graphics Media Accelerator 950
Memory Size
Shared system memory up to 224 MB
Resolution
Up to 2048 x 1536 at 75 Hz
Ethernet
Interface
Gigabit LAN Controller
Controller
Marvell 88E8053
Connector
2 x RJ-45
Storage
IDE-0
2.5" HDD Tray
IDE-1
CompactFlash socket for type I/II
I/O Interface
DVI
1 (DVI - I connector , digital signal output only)
VGA
1 (D-sub 15-pin)
LAN
Dual Gigabit LAN (RJ-45)
USB
4 (USB 2.0 compliant, 480Mbps)
Audio
AC97 - Line-out, Mic-in, Line-in
Serial
COM1 – RS-232, COM2 – RS-232
PS/2
1 (For keyboard and mouse with Y cable)
CardBus
1 x slot
Mini-PCI
1 (For Integrated WLAN module)
TV Out
S-video and Composite video
Power Requirement
Management
APM 1.2, ACPI supported
Power Consumption
Average 15 W, Maximum 49 W
Input Voltage
9 ~ 30 VDC, Typical 9 VDC @ 5.4 A, 19 VDC @ 2.9 A
Others
Support Boot on Power failure and schedule boot up function
Watchdog Timer
Output
Interrupt, system reset
Interval
Programmable 1 ~ 255 sec.
RoHS
COMPLIANT
2002/95/EC


Similar Part No. - DVS-355-SU25E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
DVS-355-SU25E ADVANTECH-DVS-355-SU25E Datasheet
235Kb / 2P
   Rugged Vehicle/Embedded Platform with Intel Core Duo Mobile Processor
More results

Similar Description - DVS-355-SU25E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
DVS-355Z ADVANTECH-DVS-355Z Datasheet
235Kb / 2P
   Rugged Vehicle/Embedded Platform with Intel Core Duo Mobile Processor
DSA-3400 ADVANTECH-DSA-3400 Datasheet
443Kb / 2P
   Network Digital Signage Platform with Intel Core??2 Duo Mobile Processor
logo
Intel Corporation
T7600 INTEL-T7600 Datasheet
1Mb / 91P
   Intel Core2 Duo Mobile Processor for Intel Centrino Duo Mobile Processor Technology
logo
Advantech Co., Ltd.
DVS-350M ADVANTECH-DVS-350M Datasheet
185Kb / 2P
   Embedded/Mobile Digital Video Platform with 2.5 HDD
logo
AAEON Technology
EMB-945T AAEON-EMB-945T Datasheet
373Kb / 2P
   Embedded Motherboard with Intel Core 2 Duo/ Core Duo/ Celeron M Processor
EMB-9458T AAEON-EMB-9458T Datasheet
296Kb / 2P
   Embedded Motherboard with Intel Core 2 Duo/ Core Duo/ Celeron M Processor
logo
Intel Corporation
320032-001 INTEL-320032-001 Datasheet
552Kb / 57P
   Mobile Intel Atom Processor N270 Single Core
logo
AAEON Technology
AEC-6930 AAEON-AEC-6930 Datasheet
273Kb / 2P
   Advanced Fanless Embedded Controller With Intel Core 2 Duo Processor
AEC-6924 AAEON-AEC-6924 Datasheet
289Kb / 2P
   Advanced Fanless Embedded Controller With Intel Core 2 Duo Processor
IMBI-QM57 AAEON-IMBI-QM57 Datasheet
307Kb / 2P
   Industrial Motherboard with Intel Core i7/i5 Mobile Processor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com