Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBU601 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # KBU601
Description  Single Phase 6.0 AMPS. Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

KBU601 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  KBU601_09 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd KBU601_09 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Rating and Sharacteristic Curves (KBU601 - KBU607)
FIG 1 Maximum Derating Curve for Output
Current
Mounted on
Heat Sink
Size with 2" x
3" x 0.25" Al-
plate
0
1
2
3
4
5
6
7
0
20
40
60
80
100
120
140
160
Case Temperature (oC)
FIG 3 Typical Reverse Characteristics per Leg
Ta=25oC
Ta=125oC
0.1
1
10
100
1000
0
20
40
60
80
100
120
140
Percent of Rated Peak Reverse Volatge (V)
FIG 2 Maximum Forward Surge Current per Leg
8.3mS Single
Half Sin-wave
(Jedec Method)
0
25
50
75
100
125
150
175
200
1
10
100
Number of cycles at 60 Hz
FIG 4 Typical Forward Characteristics per Leg.
0.1
1
10
100
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
Instantaneous Forward Voltage (V)
FIG 5 Typical Junction Capacitance
10
100
1000
0.1
1
10
100
Reverse Voltage (V)
2 of 2
Version : D09


Similar Part No. - KBU601_09

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
KBU601-G COMCHIP-KBU601-G Datasheet
49Kb / 2P
   Silicon Bridge Rectifiers
KBU601-G COMCHIP-KBU601-G Datasheet
87Kb / 3P
   Silicon Bridge Rectifiers
logo
Chongqing Pingwei Enter...
KBU601-RS602-KBU6B CHONGQING-KBU601-RS602-KBU6B Datasheet
42Kb / 1P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
List of Unclassifed Man...
KBU6010 ETC1-KBU6010 Datasheet
37Kb / 1P
   BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
KBU601G TSC-KBU601G Datasheet
206Kb / 4P
   Glass Passivated Bridge Rectifiers`
More results

Similar Description - KBU601_09

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
KBU601 TSC-KBU601_10 Datasheet
496Kb / 2P
   Single Phase 6.0 AMPS. Bridge Rectifiers
logo
Jinan Gude Electronic D...
KBU600 JGD-KBU600 Datasheet
139Kb / 2P
   SINGLE PHASE 6.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
KBL601 TSC-KBL601_1 Datasheet
259Kb / 2P
   Single Phase 6.0 AMPS. Silicon Bridge Rectifiers
logo
Yangzhou yangjie electr...
KBPC6-BR6 YANGJIE-KBPC6-BR6 Datasheet
255Kb / 2P
   SINGLE PHASE 6.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
Surge Components
KBU601 SURGE-KBU601 Datasheet
114Kb / 2P
   Single Phase 6.0 AMPS. Silicon Bridge Rectifiers?
logo
List of Unclassifed Man...
KBL605 ETC-KBL605 Datasheet
70Kb / 2P
   Single Phase 6.0 AMPS. Silicon Bridge Rectifiers
logo
Jinan Gude Electronic D...
KBPC600 JGD-KBPC600 Datasheet
131Kb / 2P
   SINGLE PHASE 6.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
KBU601 TSC-KBU601_1 Datasheet
168Kb / 2P
   Single Phase 6.0 AMPS. Silicon Bridge Rectifiers
KBL601 TSC-KBL601 Datasheet
76Kb / 2P
   Single Phase 6.0 AMPS. Silicon Bridge Rectifiers
KBU601 TSC-KBU601 Datasheet
53Kb / 2P
   Single Phase 6.0 AMPS. Silicon Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com