Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBU801 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # KBU801
Description  Single Phase 8.0 AMPS. Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

KBU801 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  KBU801 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd KBU801 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KBU801 - KBU807
Symbol
KBU
801
KBU
802
KBU
803
KBU
804
KBU
805
KBU
806
KBU
807
Units
VRRM
50
100
200
400
600
800
1000
V
VRMS
35
70
140
280
420
560
700
V
VDC
50
100
200
400
600
800
1000
V
I(AV)
A
IFSM
A
I2tA2S
VF
V
IR
uA
Cj
pF
RθJA
RθJC
oC/W
TJ
OC
TSTG
OC
400
Typical Junction Capacitance per leg (Note 1)
Maximum Instantaneous Forward Voltage @ 4.0A
@ 8.0A
Maximum Average Forward Rectified Current
@ T A = 65oC
UL Recoganized File # E-326243
1.0
1.1
Single Phase 8.0 AMPS. Bridge Rectifiers
High case dielectric strength
Plastic material has Underwriters laboratory
flammability Classification 94V-0
KBU
Features
Ideal for printed circuit board
Mechanical Data
High temperature soldering guaranteed:
260℃ / 10 seconds at 5 lbs., ( 2.3 kg ) tension
High surge current capability
Typical Thermal Resistance (Note 2)
Peak Forward Surge Current, 8.3 ms Single Half Sine-
wave Superimposed on Rated Load (JEDEC method )
Terminal : Pure tin plated , Lead free. Leads solderable per
MIL-STD-202 Method 208
Maximum DC Blocking Voltage
Maximum Recurrent Peak Reverse Voltage
Case : Molded plastic body
Weight : 8.0 grams (0.3 ounce)
Operating Temperature Range
Storage Temperature Range
Note 1 : Measured at 1MHz and applied Reverse bias of 4.0V DC.
2. Unit case mounted on 4" x 6" x 0.25" Al plate heat sink.
18
3.0
-55 to +125
-55 to +150
Typical IR less than 0.1uA
Rating of fusing ( t < 8.3mS )
373.0
Maximum DC Reverse Current @ TA=25℃
at Rated DC Blocking Voltage @ TA=125℃
8.0
300
10.0
500
Dimension in inches and (millimeter)
Green compound with suffix “G” on packing code &
prefix “G” on datecode.
Mounting Torque : 5 in lbs max.
Maximum RMS Voltage
Maximum Ratings and Electrical Characteristics
Rating at 25℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE
1 of 2
Version : D09


Similar Part No. - KBU801

ManufacturerPart #DatasheetDescription
logo
SAMYANG ELECTRONICS CO....
KBU801 SAMYANG-KBU801 Datasheet
500Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Won-Top Electronics
KBU801 WTE-KBU801 Datasheet
42Kb / 3P
   8.0A BRIDGE RECTIFIER
logo
Diotech Company.
KBU801 DIOTECH-KBU801 Datasheet
764Kb / 2P
   SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
KBU801 YFWDIODE-KBU801 Datasheet
478Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
ASEMI TECHNOLOGY., LTD
KBU801 ASEMI-KBU801 Datasheet
115Kb / 2P
   ASEMI Bridge Rectifier
2018.11 Rev.3.1
More results

Similar Description - KBU801

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
KBU401 TSC-KBU401_09 Datasheet
167Kb / 2P
   Single Phase 8.0 AMPS. Bridge Rectifiers
KBU801 TSC-KBU801_10 Datasheet
499Kb / 2P
   Single Phase 8.0 AMPS. Bridge Rectifiers
logo
Jinan Gude Electronic D...
KBPC800 JGD-KBPC800 Datasheet
124Kb / 2P
   SINGLE PHASE 8.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
KBU801 TSC-KBU801 Datasheet
56Kb / 2P
   Single Phase 8.0 AMPS. Silicon Bridge Rectifiers
KBU801 TSC-KBU801_1 Datasheet
169Kb / 2P
   Single Phase 8.0 AMPS. Silicon Bridge Rectifiers
logo
Yangzhou yangjie electr...
KBPC8-BR8 YANGJIE-KBPC8-BR8 Datasheet
254Kb / 2P
   SINGLE PHASE 8.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
SB801 TSC-SB801 Datasheet
69Kb / 2P
   Single Phase 8.0 AMPS. Silicon Bridge Rectifiers
logo
Jinan Gude Electronic D...
KBU800 JGD-KBU800 Datasheet
139Kb / 2P
   SINGLE PHASE 8.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
TS8P01G TSC-TS8P01G_11 Datasheet
138Kb / 2P
   Single Phase 8.0 AMPS. Glass Passivated Bridge Rectifiers
logo
Nanjing International G...
GBJ8005 DGNJDZ-GBJ8005 Datasheet
165Kb / 2P
   SINGLE PHASE 8.0 AMPS GLASS PASSIVATED BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com