Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBU801G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # KBU801G
Description  Single Phase 8.0 AMPS. Glass Passivated Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

KBU801G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  KBU801G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd KBU801G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KBU801G - KBU807G
Symbol
KBU
801G
KBU
802G
KBU
803G
KBU
804G
KBU
805G
KBU
806G
KBU
807G
Units
VRRM
50
100
200
400
600
800
1000
V
VRMS
35
70
140
280
420
560
700
V
VDC
50
100
200
400
600
800
1000
V
I(AV)
A
IFSM
A
I2tA2S
VF
V
IR
uA
Cj
pF
RθJA
RθJC
oC/W
TJ
OC
TSTG
OC
400
Typical Junction Capacitance per leg (Note 1)
Maximum Instantaneous Forward Voltage @ 4.0A
@ 8.0A
Maximum Average Forward Rectified Current
@ T A = 65oC
UL Recoganized File # E-326243
1.0
1.1
Single Phase 8.0 AMPS.
Glass Passivated Bridge Rectifiers
Glass passivated junction
High case dielectric strength
Plastic material has Underwriters laboratory
flammability Classification 94V-0
KBU
Features
Ideal for printed circuit board
Mechanical Data
High temperature soldering guaranteed:
260℃ / 10 seconds at 5 lbs., ( 2.3 kg ) tension
High surge current capability
Typical Thermal Resistance (Note 2)
Peak Forward Surge Current, 8.3 ms Single Half Sine-
wave Superimposed on Rated Load (JEDEC method )
Terminal : Pure tin plated , Lead free. Leads solderable per
MIL-STD-202 Method 208
Maximum DC Blocking Voltage
Maximum Recurrent Peak Reverse Voltage
Case : Molded plastic body
Weight : 8.0 grams (0.3 ounce)
Operating Temperature Range
Storage Temperature Range
Note 1 : Measured at 1MHz and applied Reverse bias of 4.0V DC.
2. Unit case mounted on 4" x 6" x 0.25" Al plate heat sink.
18
3.0
-55 to +150
-55 to +150
Typical IR less than 0.1uA
Rating of fusing ( t < 8.3mS )
166.0
Maximum DC Reverse Current @ TA=25℃
at Rated DC Blocking Voltage @ TA=125℃
8.0
200
5.0
500
Dimension in inches and (millimeter)
Green compound with suffix “G” on packing code &
prefix “G” on datecode.
Mounting Torque : 5 in lbs max.
Maximum RMS Voltage
Maximum Ratings and Electrical Characteristics
Rating at 25℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE
1 of 2
Version : D09


Similar Part No. - KBU801G

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBU801G WTE-KBU801G Datasheet
43Kb / 3P
   8.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
KBU801G JGD-KBU801G Datasheet
138Kb / 2P
   SINGLE PHASE 8.0 AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Won-Top Electronics
KBU801G WTE-KBU801G Datasheet
52Kb / 4P
   8.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Taiwan Semiconductor Co...
KBU801G TSC-KBU801G Datasheet
54Kb / 2P
   Single Phase 8.0 AMPS. Glass Passivated Bridge Rectifiers
KBU801G TSC-KBU801G Datasheet
171Kb / 2P
   Single Phase 8.0 AMPS Glass Passivated Bridge Rectifiers
More results

Similar Description - KBU801G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS8P01G TSC-TS8P01G_11 Datasheet
138Kb / 2P
   Single Phase 8.0 AMPS. Glass Passivated Bridge Rectifiers
logo
Nanjing International G...
GBJ8005 DGNJDZ-GBJ8005 Datasheet
165Kb / 2P
   SINGLE PHASE 8.0 AMPS GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
SB801G TSC-SB801G Datasheet
69Kb / 2P
   Single Phase 8.0 AMPS. Glass Passivated Bridge Rectifiers
GBU801 TSC-GBU801 Datasheet
49Kb / 2P
   Single Phase 8.0 AMPS. Glass Passivated Bridge Rectifiers
KBU801G TSC-KBU801G Datasheet
54Kb / 2P
   Single Phase 8.0 AMPS. Glass Passivated Bridge Rectifiers
GBU801 TSC-GBU801_10 Datasheet
526Kb / 2P
   Single Phase 8.0 AMPS. Glass Passivated Bridge Rectifiers
logo
Nanjing International G...
KBJ8005 DGNJDZ-KBJ8005 Datasheet
158Kb / 2P
   SINGLE PHASE 8.0 AMPS GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Jinan Gude Electronic D...
KBPC800G JGD-KBPC800G Datasheet
128Kb / 2P
   SINGLE PHASE 8.0 AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
KBU800G JGD-KBU800G Datasheet
138Kb / 2P
   SINGLE PHASE 8.0 AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
TS8P01G TSC-TS8P01G Datasheet
49Kb / 2P
   Single Phase 8.0 Amps. Glass Passivated Bridge Rectifiers
GBU801 TSC-GBU801_1 Datasheet
187Kb / 2P
   Single Phase 8.0 AMPS. Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com