Electronic Components Datasheet Search |
|
KBU805 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd |
|
KBU805 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd |
1 / 2 page KBU801 - KBU807 Symbol KBU 801 KBU 802 KBU 803 KBU 804 KBU 805 KBU 806 KBU 807 Units VRRM 50 100 200 400 600 800 1000 V VRMS 35 70 140 280 420 560 700 V VDC 50 100 200 400 600 800 1000 V I(AV) A IFSM A I2tA2S VF V IR uA Cj pF RθJA RθJC oC/W TJ OC TSTG OC 400 Typical Junction Capacitance per leg (Note 1) Maximum Instantaneous Forward Voltage @ 4.0A @ 8.0A Maximum Average Forward Rectified Current @ T A = 65oC UL Recoganized File # E-326243 1.0 1.1 Single Phase 8.0 AMPS. Bridge Rectifiers High case dielectric strength Plastic material has Underwriters laboratory flammability Classification 94V-0 KBU Features Ideal for printed circuit board Mechanical Data High temperature soldering guaranteed: 260℃ / 10 seconds at 5 lbs., ( 2.3 kg ) tension High surge current capability Typical Thermal Resistance (Note 2) Peak Forward Surge Current, 8.3 ms Single Half Sine- wave Superimposed on Rated Load (JEDEC method ) Terminal : Pure tin plated , Lead free. Leads solderable per MIL-STD-202 Method 208 Maximum DC Blocking Voltage Maximum Recurrent Peak Reverse Voltage Case : Molded plastic body Weight : 8.0 grams (0.3 ounce) Operating Temperature Range Storage Temperature Range Note 1 : Measured at 1MHz and applied Reverse bias of 4.0V DC. 2. Unit case mounted on 4" x 6" x 0.25" Al plate heat sink. 18 3.0 -55 to +125 -55 to +150 Typical IR less than 0.1uA Rating of fusing ( t < 8.3mS ) 373.0 Maximum DC Reverse Current @ TA=25℃ at Rated DC Blocking Voltage @ TA=125℃ 8.0 300 10.0 500 Dimension in inches and (millimeter) Green compound with suffix “G” on packing code & prefix “G” on datecode. Mounting Torque : 5 in lbs max. Maximum RMS Voltage Maximum Ratings and Electrical Characteristics Rating at 25℃ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Type Number Pb RoHS COMPLIANCE RoHS COMPLIANCE 1 of 2 Version : D09 |
Similar Part No. - KBU805 |
|
Similar Description - KBU805 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |