Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBU807G Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # KBU807G
Description  Single Phase 8.0 AMPS. Glass Passivated Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

KBU807G Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  KBU807G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd KBU807G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Rating and Sharacteristic Curves (KBU801G Thru KBU807G)
FIG 1 Maximum Derating Curve for Output Current
Mounted on 4"
x 6" x 0.25" Al-
plate heat sink
0
2
4
6
8
0
20
40
60
80
100
120
140
160
Ambient Temperature (oC)
FIG 3 Typical Reverse Characteristics per Leg
Ta=25oC
Ta=125oC
0.1
1
10
100
1000
0
20
40
60
80
100
120
140
Percent of Rated Peak Reverse Volatge (V)
FIG 2 Maximum Forward Surge Current per Leg
8.3mS Single
Half Sin-wave
(Jedec Method)
0
20
40
60
80
100
120
140
160
180
200
1
10
100
Number of cycles at 60 Hz
FIG 4 Typical Forward Characteristics per Leg.
0.1
1
10
100
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
Instantaneous Forward Voltage (V)
FIG 5 Typical Junction Capacitance
10
100
1000
0.1
1
10
100
Reverse Voltage (V)
2 of 2
Version : D09


Similar Part No. - KBU807G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
KBU807G TSC-KBU807G Datasheet
54Kb / 2P
   Single Phase 8.0 AMPS. Glass Passivated Bridge Rectifiers
KBU807G TSC-KBU807G Datasheet
171Kb / 2P
   Single Phase 8.0 AMPS Glass Passivated Bridge Rectifiers
KBU807G TSC-KBU807G Datasheet
522Kb / 2P
   Single Phase 8.0 AMPS. Glass Passivated Bridge Rectifiers
KBU807G TSC-KBU807G Datasheet
189Kb / 2P
   Single Phase 8.0AMPS. Glass Passivated Bridge Rectifiers
KBU807G TSC-KBU807G Datasheet
192Kb / 4P
   Glass Passivated Bridge Rectifiers
More results

Similar Description - KBU807G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS8P01G TSC-TS8P01G_11 Datasheet
138Kb / 2P
   Single Phase 8.0 AMPS. Glass Passivated Bridge Rectifiers
logo
Nanjing International G...
GBJ8005 DGNJDZ-GBJ8005 Datasheet
165Kb / 2P
   SINGLE PHASE 8.0 AMPS GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
SB801G TSC-SB801G Datasheet
69Kb / 2P
   Single Phase 8.0 AMPS. Glass Passivated Bridge Rectifiers
GBU801 TSC-GBU801 Datasheet
49Kb / 2P
   Single Phase 8.0 AMPS. Glass Passivated Bridge Rectifiers
KBU801G TSC-KBU801G Datasheet
54Kb / 2P
   Single Phase 8.0 AMPS. Glass Passivated Bridge Rectifiers
GBU801 TSC-GBU801_10 Datasheet
526Kb / 2P
   Single Phase 8.0 AMPS. Glass Passivated Bridge Rectifiers
logo
Nanjing International G...
KBJ8005 DGNJDZ-KBJ8005 Datasheet
158Kb / 2P
   SINGLE PHASE 8.0 AMPS GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Jinan Gude Electronic D...
KBPC800G JGD-KBPC800G Datasheet
128Kb / 2P
   SINGLE PHASE 8.0 AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
KBU800G JGD-KBU800G Datasheet
138Kb / 2P
   SINGLE PHASE 8.0 AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
TS8P01G TSC-TS8P01G Datasheet
49Kb / 2P
   Single Phase 8.0 Amps. Glass Passivated Bridge Rectifiers
GBU801 TSC-GBU801_1 Datasheet
187Kb / 2P
   Single Phase 8.0 AMPS. Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com