Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBU1007 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # KBU1007
Description  Single Phase 10.0 AMPS. Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

KBU1007 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  KBU1007 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd KBU1007 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Rating and Sharacteristic Curves (KBU1001 - KBU1007)
FIG 1 Maximum Derating Curve for Output
Current
Mounted on 4"
x 6" x 0.25" Al-
plate heat sink
0
2
4
6
8
10
0
20
40
60
80
100
120
140
160
Ambient Temperature (oC)
FIG 3 Typical Reverse Characteristics per Leg
Ta=25oC
Ta=125oC
0.1
1
10
100
1000
0
20
40
60
80
100
120
140
Percent of Rated Peak Reverse Volatge (V)
FIG 2 Maximum Forward Surge Current per Leg
8.3mS Single
Half Sin-wave
(Jedec Method)
0
50
100
150
200
250
300
1
10
100
Number of cycles at 60 Hz
FIG 4 Typical Forward Characteristics per Leg.
0.1
1
10
100
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
Instantaneous Forward Voltage (V)
FIG 5 Typical Junction Capacitance
10
100
1000
0.1
1
10
100
Reverse Voltage (V)
2 of 2
Version : D09


Similar Part No. - KBU1007

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
KBU1007 TSC-KBU1007 Datasheet
55Kb / 2P
   Single Phase 10 AMPS. Silicon Bridge Rectifiers
KBU1007 TSC-KBU1007 Datasheet
168Kb / 2P
   Single Phase 10 AMPS. Silicon Bridge Rectifiers
KBU1007 TSC-KBU1007 Datasheet
495Kb / 2P
   Single Phase 10.0 AMPS. Bridge Rectifiers
logo
Kwang Myoung I.S. CO.,L...
KBU1007 KISEMICONDUCTOR-KBU1007 Datasheet
69Kb / 2P
   10 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Goodwork Semiconductor ...
KBU1007 GWSEMI-KBU1007 Datasheet
64Kb / 2P
   SINGLE PHASE 10 AMP BRIDGE RECTIFIERS
More results

Similar Description - KBU1007

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
KBU1001 TSC-KBU1001_10 Datasheet
495Kb / 2P
   Single Phase 10.0 AMPS. Bridge Rectifiers
logo
Yangzhou yangjie electr...
KBPC10-BR10 YANGJIE-KBPC10-BR10 Datasheet
254Kb / 2P
   SINGLE PHASE 10.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
GBU1001 TSC-GBU1001 Datasheet
49Kb / 2P
   Single Phase 10.0 AMPS. Glass Passivated Bridge Rectifiers
TS10P01G TSC-TS10P01G Datasheet
50Kb / 2P
   Single Phase 10.0 Amps. Glass Passivated Bridge Rectifiers
GBU1001 TSC-GBU1001_1 Datasheet
192Kb / 2P
   Single Phase 10.0 AMPS. Glass Passivated Bridge Rectifiers
TS10B01G TSC-TS10B01G Datasheet
109Kb / 2P
   Single Phase 10.0 Amps. Glass Passivated Bridge Rectifiers
logo
Bytesonic Electronics C...
GBJ10005 BYTESONIC-GBJ10005 Datasheet
547Kb / 2P
   SINGLE PHASE 10.0 AMPS GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
TS10B01G TSC-TS10B01G_10 Datasheet
132Kb / 2P
   Single Phase 10.0 AMPS. Glass Passivated Bridge Rectifiers
TS10B01G TSC-TS10B01G_09 Datasheet
194Kb / 2P
   Single Phase 10.0 Amps. Glass Passivated Bridge Rectifiers
TS10P01G TSC-TS10P01G_11 Datasheet
138Kb / 2P
   Single Phase 10.0 AMPS. Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com