Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EKI-7656C Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # EKI-7656C
Description  162G Combo Port Gigabit Managed Redundant Industrial Ethernet Switch
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

EKI-7656C Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  EKI-7656C Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Industrial Ethernet Solutions
Features
RoHS
COMPLIANT
2002/95/EC
EKI-7656C/CI
Specifications
Communications
ƒ
Standard
IEEE 802.3, 802.3u, 802.3x, 802.3z, 802.1D, 802.1w,
802.1p, 802.1Q, 802.1X, 802.3ad, 802.3ab
ƒ
LAN
10/100/1000Base-T(X), Optional 100Base-FX,
1000Base-SX/LX/LHX/XD/ZX/EZX
ƒ
Transmission Distance Ethernet: Up to 100 m (4- wire Cat.5e, Cat.6 RJ-45
cable suggested for Gigabit port)
ƒ
Transmission Speed
Ethernet: 10/100Mbps Auto-Negotiation
Gigabit Copper: 10/100/1000 Mbps, Auto-Negotiation,
SFP: Up to 1000 Mbps
Interface
ƒ
Connectors
16 x RJ-45 (Ethernet)
2 x RJ-45/SFP (mini-GBIC) combo ports
6-pin removable screw terminal (Power&Relay)
ƒ
LED Indicators
System: PWR, PWR1, PWR2, R.M., P-Fail
Ethernet: Link/Activity, Duplex/Collision
Gigabit Copper: Link/Activity, Speed (1000Mbps)
SFP: Link/Activity
ƒ
Console
RS-232 (RJ-45)
Network Management
ƒ
Diagnostics
Port Mirroring, Real-time traffic statistic, MAC Address
Table, SNTP, Syslog, E-Mail Alert, SNMP Trap, RMON
ƒ
VLAN
IEEE 802.1Q, GVRP, Port-based VLAN
ƒ
Configuration
Web browser, Telnet, Serial consloe, TFTP, SNMPv1/
v2c/v3, Port Speed/Duplex Configuration
ƒ
Redundancy
ADVANTECH X-Ring (Recovery time < 10ms at 30pcs
full loading ring structure), Dual Homing, Couple Ring,
802.1w/D RSTP/STP
ƒ
Security
IP Access security, port security, DHCP Server, Port
and IP Binding, 802.1X Port Access Control
ƒ
Traffic Control
IGMP Snooping/Query for multicast group
management Port Trunking, Static/802.3ad LACP
Rate limit and storm control
IEEE 802.1p QoS CoS/TOS/DSCP priority queuing
IEEE 802.3x flow control
Mechanism
ƒ
Enclosure
IP30, metal shell with solid mounting kits
ƒ
Dimensions (W x H x D) 79 x 152 x 105 mm
ƒ
Mounting
DIN-rail, wall
Power
ƒ
Power Consumption
Max. 10.7 W
ƒ
Power Input
12~ 48 VDC, redundant dual inpuds
ƒ
Fault Output
1 Relay Output
Protection
ƒ
ESD (Ethernet)
4,000 VDC
ƒ
Surge (EFT for power) 3,000 VDC
ƒ
Power Reverse
Present
ƒ
Overload
3.5 A @ 12 VDC (Fuse)
Environment
ƒ
Operating Temperature -10 ~ 60° C (14 ~ 140° F)
Wide Temp. Model
-40 ~ 75° C (-40 ~ 167° F)
ƒ
Storage Temperature
-40 ~ 85° C (-40 ~ 185° F)
ƒ
Operating Humidity
5 ~ 95% (non-condensing)
ƒ
Storage Humidity
0 ~ 95% (non-condensing)
ƒ
MTBF
295,000 hours
Certifications
ƒ
Safety
UL 60950-1, CAN/CSA-C22.2 No.60950
ƒ
EMC
EU: EN55011, EN61000-6-4, EN55022 Class A,
EN61000-3-2/3, EN55024,
IEC61000-4-2/3/4/5/6/8, EN61000-6-2
ƒ
Shock
IEC60068-2-27
ƒ
Freefall
IEC60068-2-32
ƒ
Vibration
IEC60068-2-6
Ordering Information
ƒ
EKI-7656C
16+2G Giga Managed Ethernet Switch
ƒ
EKI-7656CI
16+2G Giga Managed Ethernet Switch w/ Wide Temp
Introduction
EKI-7656C supports 16 Fast Ethernet ports and 2 Gigabit combo ports. To create reliability in your network, the EKI-7656C comes equipped with a proprietary redundant network
protocol -- X-Ring that was developed by Advantech, which provides users with an easy way to establish a redundant Ethernet network with ultra high-speed recovery time less than
10 ms. Furthermore, EKI-7656C also supports many advanced network standards to optimize network performance, ease maintenance issues, and secure network safety.
ƒ 2 Gigabit Copper/SFP combo ports, plus 16 Fast Ethernet ports
ƒ SFP socket for Easy and Flexible Fiber Expansion
ƒ Redundancy: Gigabit X-Ring (ultra high-speed recovery time < 10 ms),
RSTP/STP (802.1w/1D)
ƒ Management: Web, Telnet, Serial Console, SNMP
ƒ Control: VLAN/GVRP, QOS, IGMP Snooping/Query, LACP, Rate Limit
ƒ Security: IP/MAC and port binding, DHCP Server, IP access list, 802.1X,
SNMPv3
ƒ Diagnostic: Port Statistic, Port Mirroring, RMON, Trap, Email Alert, Syslog
ƒ Dual 12 ~ 48 VDC power inputs and 1 relay output
ƒ Supports wide operating temperatures from -40 ~ 75° C (EKI-7656CI)
16+2G Combo Port Gigabit Managed
Redundant Industrial Ethernet Switch


Similar Part No. - EKI-7656C

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EKI-7656C ADVANTECH-EKI-7656C Datasheet
552Kb / 1P
   162G Combo Port Gigabit Managed Redundant Industrial Ethernet Switch
EKI-7656C ADVANTECH-EKI-7656C Datasheet
329Kb / 2P
   162G Combo Port Gigabit Managed Redundant Industrial Ethernet Switch
EKI-7656C-AE ADVANTECH-EKI-7656C-AE Datasheet
329Kb / 2P
   162G Combo Port Gigabit Managed Redundant Industrial Ethernet Switch
EKI-7656CI ADVANTECH-EKI-7656CI Datasheet
329Kb / 2P
   162G Combo Port Gigabit Managed Redundant Industrial Ethernet Switch
EKI-7656CI ADVANTECH-EKI-7656CI_15 Datasheet
329Kb / 2P
   162G Combo Port Gigabit Managed Redundant Industrial Ethernet Switch
More results

Similar Description - EKI-7656C

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EKI-7656CI ADVANTECH-EKI-7656CI_15 Datasheet
329Kb / 2P
   162G Combo Port Gigabit Managed Redundant Industrial Ethernet Switch
EKI-7656C-AE ADVANTECH-EKI-7656C-AE Datasheet
329Kb / 2P
   162G Combo Port Gigabit Managed Redundant Industrial Ethernet Switch
EKI-7656C ADVANTECH-EKI-7656C Datasheet
552Kb / 1P
   162G Combo Port Gigabit Managed Redundant Industrial Ethernet Switch
EKI-7654C ADVANTECH-EKI-7654C Datasheet
555Kb / 1P
   42G Combo Port Gigabit Managed Redundant Industrial Ethernet Switch
EKI-7659CI ADVANTECH-EKI-7659CI Datasheet
557Kb / 1P
   82G Combo Port Gigabit Managed Redundant Industrial Ethernet Switch
EKI-7710G-2CI-AE ADVANTECH-EKI-7710G-2CI-AE Datasheet
329Kb / 2P
   8G2G Port Gigabit Managed Redundant Industrial Switch
EKI-7710G-2C ADVANTECH-EKI-7710G-2C Datasheet
409Kb / 2P
   8G2G Port Gigabit Managed Redundant Industrial Switch
15-Jun-2021
EKI-7710E-2CI-AE ADVANTECH-EKI-7710E-2CI-AE Datasheet
329Kb / 2P
   8FE2G Port Gigabit Managed Redundant Industrial Switch
EKI-7710G-2C-AE ADVANTECH-EKI-7710G-2C-AE Datasheet
329Kb / 2P
   8G2G Port Gigabit Managed Redundant Industrial Switch
EKI-7710E-2C ADVANTECH-EKI-7710E-2C Datasheet
396Kb / 2P
   8FE2G Port Gigabit Managed Redundant Industrial Switch
5-Feb-2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com