Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EKI-7758F Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # EKI-7758F
Description  4G4 SFP Gigabit Managed Redundant Industrial Ethernet Switch
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

EKI-7758F Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  EKI-7758F Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.advantech.com/products
Online Download
Features
RoHS
COMPLIANT
2002/95/EC
EKI-7758F
Specifications
Communications
Standard
IEEE 802.3, 802.3u, 802.3x, 802.3z, 802.1D, 802.1w,
802.1p, 802.1Q, 802.1X, 802.3ad, 802.3ab
LAN
100Base-T(X), 10/1000Base-T, Optional 100Base-FX,
1000Base-SX/LX/LHX/XD/ZX/EZX
Transmission Distance Ethernet : Up to 100m (4- wire Cat.5e, Cat.6 RJ-45
cable suggested for Gigabit port)
SFP: Up to 110 km (depends on SFP)
Transmission Speed
Gigabit Copper:10/100/1000 Mbps, Auto-Negotiation
SFP: Up to 1000 Mbps
Interface
Connectors
4 x RJ-45 (Ethernet)
4 x SFP (mini-GBIC) ports
6-pin removable screw terminal (Power & Relay)
LED Indicators
System: PWR, R.M., PWR1, PWR2, P-Fail
Gigabit Copper: Link/Activity, Speed
SFP: Link/Activity
Console
RS-232 (RJ-45)
Network Management
Configuration
Web browser, Telnet, Serial consloe, TFTP, SNMPv1/
v2c/v3, Port Speed/Duplex Configuration
VLAN
IEEE 802.1Q, GVRP, Port-based VLAN
Redundancy
ADVANTECH X-Ring (Recovery time < 10ms at 30pcs
full loading ring structure), Dual Homing, Couple Ring,
802.1w/D RSTP/STP
Security
IP Access security, port security, DHCP Server, Port
and IP Binding, 802.1X Port Access Control
Traffic Control
IGMP Snooping/Query for multicast group
management Port Trunking, Static/802.3ad LACP
Rate limit and storm control
IEEE 802.1p QoS CoS/TOS/DSCP priority queuing
IEEE 802.3x flow control
Diagnostics
Port Mirroring, Real-time traffic statistic, MAC Address
Table, SNTP, Syslog, E-Mail Alert, SNMP Trap, RMON
Mechanism
Enclosure
IP30, metal shell with solid mounting kits
Dimensions (W x H x D) 79 x 152 x 105 mm
Mounting
DIN-rail, wall
Power
Power Consumption
Max. 17 W
Power Input
12~ 48 VDC, redundant dual inputs
Fault Output
1 Relay Output
Protection
ESD (Ethernet)
4,000 VDC
Surge (EFT for power) 3,000 VDC
Power Reverse
Present
Overload
3.5 A @ 12 VDC (Fuse)
Environment
Operating Temperature -10 ~ 60° C (14 ~ 140° F)
Storage Temperature
-40 ~ 85° C (-40 ~ 185° F)
Operating Humidity
5 ~ 95% (non-condensing)
Storage Humidity
0 ~ 95% (non-condensing)
MTBF
289,777 hours
Certifications
Safety
UL 60950-1, CAN/CSA-C22.2 No.60950
EMC
EU: EN55011, EN61000-6-4, EN55022 Class A,
EN61000-3-2/3, EN55024,
IEC61000-4-2/3/4/5/6/8, EN61000-6-2
Shock
IEC60068-2-27
Freefall
IEC60068-2-32
Vibration
IEC60068-2-6
Ordering Information
EKI-7758F
4G+4 SFP Managed Gigabit Ethernet Switch
Introduction
EKI-7758F supports 8 Gigabit ports with 4 x Ethernet and 4 x SFP. To create reliability in your network, the EKI-7758F comes equipped with a proprietary redundant network protocol
-- X-Ring that was developed by Advantech, which provides users with an easy way to establish a redundant Ethernet network with ultra high-speed recovery time less than 10 ms.
Furthermore, EKI-7758F also supports many advanced network standards to optimize network performance, ease maintenance issues, and secure network safety.
All Gigabit Ethernet ports for 4 Copper and 4 SFP
SFP sockets for easy and flexible fiber expansion
Redundancy: Gigabit X-Ring (ultra high-speed recovery time < 10ms),
RSTP/STP (802.1w/1D)
Management: Web, Telnet, Serial Console, SNMP
Control: VLAN/GVRP, QoS, IGMP Snooping/Query, LACP, Rate Limit
Security: IP/MAC and port binding, DHCP Server, IP access list, 802.1X
Diagnostic: Port statistic, Port Mirroring, RMON, Trap, Email Alert, Syslog
Dual 12 ~ 48 VDC power input and 1 relay output
4G+4 SFP Gigabit Managed Redundant
Industrial Ethernet Switch


Similar Part No. - EKI-7758F

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EKI-7758F ADVANTECH-EKI-7758F Datasheet
325Kb / 2P
   4G4 SFP Gigabit Managed Redundant Industrial Ethernet Switch
EKI-7758F ADVANTECH-EKI-7758F_15 Datasheet
325Kb / 2P
   4G4 SFP Gigabit Managed Redundant Industrial Ethernet Switch
More results

Similar Description - EKI-7758F

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EKI-7758F ADVANTECH-EKI-7758F_15 Datasheet
325Kb / 2P
   4G4 SFP Gigabit Managed Redundant Industrial Ethernet Switch
EKI-7712G-4F ADVANTECH-EKI-7712G-4F Datasheet
411Kb / 2P
   8G4G SFP Port Gigabit Managed Redundant Industrial Switch
22-Jun-2021
EKI-7708E-4F ADVANTECH-EKI-7708E-4F Datasheet
324Kb / 2P
   4FE4G SFP Port Gigabit Managed Redundant Industrial Switch
21-Nov-2017
EKI-7708G-4F ADVANTECH-EKI-7708G-4F Datasheet
324Kb / 2P
   4GE4G SFP Port Gigabit Managed Redundant Industrial Switch
21-Nov-2017
EKI-7708E-4FP ADVANTECH-EKI-7708E-4FP Datasheet
330Kb / 2P
   4FE4G SFP Port Gigabit Managed Redundant Industrial PoE Switch
21-Nov-2017
EKI-7712G-4FP ADVANTECH-EKI-7712G-4FP Datasheet
408Kb / 2P
   8GE4G SFP Port Gigabit Managed Redundant Industrial PoE Switch
22-Jun-2021
EKI-7708G-4FP ADVANTECH-EKI-7708G-4FP Datasheet
330Kb / 2P
   4GE4G SFP Port Gigabit Managed Redundant Industrial PoE Switch
21-Nov-2017
EKI-7712E-4F ADVANTECH-EKI-7712E-4F Datasheet
412Kb / 2P
   8FE4G SFP Port Managed Redundant Industrial Switch
22-Jun-2021
EKI-7720E-4F ADVANTECH-EKI-7720E-4F Datasheet
429Kb / 2P
   16FE4G SFP Port Managed Redundant Industrial Switch
22-Jun-2021
EKI-7712E-4FP ADVANTECH-EKI-7712E-4FP Datasheet
409Kb / 2P
   8FE4G SFP Port Managed Redundant Industrial PoE Switch
22-Jun-2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com