Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS1-TYL1-01-MT Datasheet(PDF) 4 Page - Marktech Corporate

Part # LS1-TYL1-01-MT
Description  SPECIFICATION FOR COTCO LED LAMP
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

LS1-TYL1-01-MT Datasheet(HTML) 4 Page - Marktech Corporate

  LS1-TYL1-01-MT Datasheet HTML 1Page - Marktech Corporate LS1-TYL1-01-MT Datasheet HTML 2Page - Marktech Corporate LS1-TYL1-01-MT Datasheet HTML 3Page - Marktech Corporate LS1-TYL1-01-MT Datasheet HTML 4Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4/4
COTCO-D-074
REV.1
Model No. LS1-TYL1-01-MT
Doc. No.
02 03Nov04
G
Grra
ap
ph
hs
s
FIG.6 SPATIAL DISTRIBUTION.
-90
-60
-30
90
0
30
60
0%
20%
40%
60%
80%
WAVE LENGTH.
500
I (RELATIVE INTENSITY)
Half Power WL=20nm
FIG.4 RELATIVE INTENSITY VS.
Domi WL= 591nm
50% Power Angle :
300
0%
400
100%
50%
25%
75%
WL(nm)
Ie(%)
0
600 700
800
100%
FIG.2 REVERSE CURRENT VS.
REVERSE VOLTAGE.
-40
-60
Vr(V)
-50
Ir(uA)
-50.0
-30.0
-40.0
-20.0
-20
-30
-10.0
0.0
-10
3.0
FIG.1 FORWARD CURRENT VS.
FORWARD VOLTAGE.
0.0
2.0
40.0
20.0
60.0
2.4
2.2
2.8
2.6
If (mA)
100.0
80.0
Vf(V)
100.0
1.0
FIG.3 FORWARD CURRENT.
0.0
0.0
60.0
20.0 40.0
80.0
4.0
2.0
3.0
5.0
If(mA)
T ( C)
TEMPERATURE. DERATING BASED ON Tjmax=110 C
FIG.5 MAXIMUM FORWARD DC CURRENT VS
Rth j-a=350 C/W
20
0
0
20
60
80
40
40
60
80
100
Rth j-s=250 C/W
100
IF(mA)
Rth test condition: Mounted on PC Board FR 4(pad size>=16mm
2)
Items
Signatures
Date
Revision History
Prepared by
Meiliping
2004/11/11
DOC. No.
CHANGE DESCRIPTION
Checked by
TangShR
2004/11/11
02 03Nov04
Change Dimension Drawing, IV Rank&form, max current from
50 to 20, PD from 150 to 55, Graphs; cancel Rthj-s
Approved by
Thomson
2004/11/11
03 11Nov04
Change max current from 20 to 50, PD from 55 to
130;Change Graphs: FIG5.
ECN#
ECN-H20040299
Data is subject to change without prior notice.
Copyright@2002 Cotco International Ltd.
Obsoletes Doc: 02 03Nov04


Similar Part No. - LS1-TYL1-01-MT

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
LS1-TYL1-01 MARKTECH-LS1-TYL1-01 Datasheet
96Kb / 2P
   AlGalnP Amber Side SMD LED
More results

Similar Description - LS1-TYL1-01-MT

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
LC512THR1-25Q MARKTECH-LC512THR1-25Q Datasheet
111Kb / 3P
   SPECIFICATION FOR COTCO LED LAMP
LO566AYL4-70G-MT MARKTECH-LO566AYL4-70G-MT Datasheet
63Kb / 3P
   SPECIFICATION FOR COTCO LED LAMP
LO566PBL4-70H-MT MARKTECH-LO566PBL4-70H-MT Datasheet
47Kb / 3P
   SPECIFICATION FOR COTCO LED LAMP
LO566TYL4-70G-MT MARKTECH-LO566TYL4-70G-MT Datasheet
68Kb / 3P
   SPECIFICATION FOR COTCO LED LAMP
LS1-TRO1-01-MT MARKTECH-LS1-TRO1-01-MT Datasheet
190Kb / 4P
   SPECIFICATION FOR COTCO LED LAMP
logo
Cree, Inc
LC503PBG1-30Q-A3 CREE-LC503PBG1-30Q-A3 Datasheet
168Kb / 4P
   SPECIFICATION FOR COTCO LED LAMP
logo
List of Unclassifed Man...
LC512TWN1-25G-A1 ETC2-LC512TWN1-25G-A1 Datasheet
165Kb / 5P
   SPECIFICATION FOR COTCO LED LAMP
logo
Marktech Corporate
LC503AHR2-30Q-A-MT MARKTECH-LC503AHR2-30Q-A-MT Datasheet
225Kb / 4P
   SPECIFICATION FOR COTCO LED LAMP
LC503AYL1-15P-A-MT MARKTECH-LC503AYL1-15P-A-MT Datasheet
229Kb / 4P
   SPECIFICATION FOR COTCO LED LAMP
LC512TYL1-25Q-A-MT MARKTECH-LC512TYL1-25Q-A-MT Datasheet
188Kb / 4P
   SPECIFICATION FOR COTCO LED LAMP
LD-300CBL2-C5-MT MARKTECH-LD-300CBL2-C5-MT Datasheet
117Kb / 4P
   SPECIFICATION FOR COTCO LED LAMP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com