Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMSZ5240B Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # MMSZ5240B
Description  500mW, 5% Tolerance SMD Zener Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MMSZ5240B Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  MMSZ5240B Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MMSZ5240B Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MMSZ5240B Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MMSZ5221B~MMSZ5263B
500mW, 5% Tolerance SMD Zener Diode
Small Signal Diode
Rating and Sharacteristic Curves
FIG 1 Typical Forward Characteristics
1
10
100
1000
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
0
0
1
10
100
01
23
45
678
9
10 11 12
Ta=25°C
0
100
200
300
400
500
600
0
50
100
150
200
FIG 3 Zener Breakdown Characteristics
0
0
1
10
100
10
20
30
40
50
60
Ta=25°C
Ta=150°C
Ta=25°C
FIG 6 Effect of Zener Voltage on Impedence
1
10
100
1000
1
10
100
FIG 5 Typical Capacitance
1
10
100
1000
1
10
100
Bias at 50% of VZ(Nom)
1V Bias
Iz=20m
Iz=5m
Iz=1mA
Zener Voltage (V)
Forward Voltage (V)
FIG 2 Zener Breakdown Characteristics
Zener Voltage (V)
FIG 4 Admissible Power Disspation Curve
Zener Voltage (V)
Ambient Tempeture (°C)
Zener Voltage (V)
0.01
0.1
Version : B09


Similar Part No. - MMSZ5240B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMSZ5240B PANJIT-MMSZ5240B Datasheet
82Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Microdiode Electronics ...
MMSZ5240B CHENDA-MMSZ5240B Datasheet
1,011Kb / 4P
   Surface mount zener diode
logo
Pan Jit International I...
MMSZ5240B PANJIT-MMSZ5240B Datasheet
74Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
MMSZ5240B DIOTEC-MMSZ5240B Datasheet
135Kb / 2P
   SMD Planar Zener Diodes
logo
Taiwan Semiconductor Co...
MMSZ5240B TSC-MMSZ5240B Datasheet
170Kb / 4P
   500mW, 5% Tolerance SMD Zener Diode
More results

Similar Description - MMSZ5240B

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZT52C2V4 TSC-BZT52C2V4 Datasheet
145Kb / 3P
   500mW, 5% Tolerance SMD Zener Diode
MMSZ5221B TSC-MMSZ5221B_14 Datasheet
155Kb / 6P
   500mW, 5% Tolerance SMD Zener Diode
MMSZ5221B TSC-MMSZ5221B_10 Datasheet
170Kb / 4P
   500mW, 5% Tolerance SMD Zener Diode
BZT55C2V4 TSC-BZT55C2V4 Datasheet
130Kb / 3P
   500mW, 5% Tolerance SMD Zener Diode
BZY55C2V4 TSC-BZY55C2V4 Datasheet
299Kb / 3P
   500mW,5% Tolerance SMD Zener Diode
BZX79C2V0 TSC-BZX79C2V0_11 Datasheet
360Kb / 4P
   500mW,5% Tolerance Zener Diode
BZX79C2V4 TSC-BZX79C2V4 Datasheet
330Kb / 4P
   500mW,5% Tolerance Zener Diode
BZV55C2V4 TSC-BZV55C2V4 Datasheet
1Mb / 4P
   500mW,5% Tolerance Zener Diode
BZT55B2V4 TSC-BZT55B2V4 Datasheet
128Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
BZX55B2V4 TSC-BZX55B2V4 Datasheet
126Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com