Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTZJ39 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # MTZJ39
Description  500mW Hermetically Sealed Glass Zener Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MTZJ39 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  MTZJ39 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MTZJ39 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MTZJ39 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd MTZJ39 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd MTZJ39 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
RATINGS AND CHARACTERISTIC CURVES (MTZJ SERIERS )
REVERSE VOLTAGE:VR(V)
VR-IR CHARACTERISTICS
IR DISRESION MAP
REVERSE VOLTAGE:VR(V)
VR-Ct CHARACTERISTICS
Ct DISRESION MAP
ZENER VOLTAGE:Vz(V)
Vz-Iz CHARACTERISTICS
ZENER CURRENT(mA)
Zz-Iz CHARACTERISTICS
Vz DISRESION MAP
0.0001
0.001
0.01
0.1
1
10
100
1000
10000
0 1 2 3 4 5 6 7 8 9 1011121314151617
Ta=125℃
Ta=75℃
Ta=25℃
Ta=-25℃
Ta=175℃
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Ta=25℃
VR=17V
n=30pcs
AVE:0.118nA
1
10
100
1000
0
2
4
6
8
10
12
14
16
18
f=1MHz
20
30
40
50
60
70
AVE:32.3pF
Ta=25℃
f=1MHz
VR=0V
n=10pcs
0.001
0.01
0.1
1
10
19
21
23
25
Ta=-25℃
Ta=125℃
Ta=75℃
Ta=25℃
Ta=175℃
1
10
100
1000
0.1
1
10
20.9
21
21.1
21.2
21.3
21.4
AVE:21.12V
Ta=25℃
IZ=5mA
n=30pcs
Version: A07


Similar Part No. - MTZJ39

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
MTZJ39 BILIN-MTZJ39 Datasheet
101Kb / 3P
   ZENER DIODES
logo
SynSemi, Inc.
MTZJ39 SYNSEMI-MTZJ39 Datasheet
35Kb / 2P
   ZENER DIODES
logo
EIC discrete Semiconduc...
MTZJ39 EIC-MTZJ39 Datasheet
64Kb / 2P
   ZENER DIODES
logo
Micro Commercial Compon...
MTZJ39 MCC-MTZJ39 Datasheet
281Kb / 5P
   500 mW Zener Diode
logo
Leshan Radio Company
MTZJ39A LRC-MTZJ39A Datasheet
34Kb / 2P
   MTZJ SERIES ZENER DIODES
More results

Similar Description - MTZJ39

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MTZJ2V0SA TSC-MTZJ2V0SA Datasheet
242Kb / 7P
   500mW, Hermetically Sealed Glass Zener Diodes
logo
Guangdong Juxing Electr...
LLZ2V0 JUXING-LLZ2V0 Datasheet
636Kb / 3P
   500mW Hermetically Sealed Glass Zener Diodes
logo
Taiwan Semiconductor Co...
MTZJ2V0A TSC-MTZJ2V0A Datasheet
334Kb / 8P
   500mW, Hermetically Sealed Glass Zener Diodes
logo
Microsemi Corporation
1N6309 MICROSEMI-1N6309_V01 Datasheet
481Kb / 6P
   VOIDLESS HERMETICALLY SEALED 500mW GLASS ZENER DIODES
Rev. 2
logo
Shenzhen Luguang Electr...
BZX55C2V0 LUGUANG-BZX55C2V0 Datasheet
78Kb / 2P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
BZX55C LUGUANG-BZX55C Datasheet
81Kb / 2P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
logo
Taiwan Semiconductor Co...
LLZ2V0 TSC-LLZ2V0 Datasheet
151Kb / 3P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
LLZ5221B TSC-LLZ5221B Datasheet
129Kb / 3P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
LLZ2V0 TSC-LLZ2V0_09 Datasheet
76Kb / 3P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
LS4448 TSC-LS4448 Datasheet
91Kb / 2P
   500mW Hermetically Sealed Glass Fast Switching Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com