Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTZJ20 Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Part # MTZJ20
Description  500mW Hermetically Sealed Glass Zener Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MTZJ20 Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  MTZJ20 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MTZJ20 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MTZJ20 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd MTZJ20 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd MTZJ20 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
ELECTRICAL CHARACTERISTICS (TA=25OC unless otherwise noted)
Type
ZZT @ IZT ZZK @ IZK
IZK
IR
Number
Nom
Min
Max
IZT
Ohms
Ohms
mA
uA
VR
(V)
(V)
(V)
mA
Max.
Max.
Max.
V
A
2.6%
12.43
12.11
12.75
B
2.6%
12.88
12.55
13.21
C
2.6%
13.33
12.99
13.66
A
2.5%
13.79
13.44
14.13
B
2.6%
14.26
13.89
14.62
C
2.5%
14.72
14.35
15.09
A
2.6%
15.19
14.80
15.57
B
2.6%
15.65
15.25
16.04
C
2.5%
16.10
15.69
16.51
A
2.5%
16.64
16.22
17.06
B
2.5%
17.26
16.82
17.70
C
2.6%
17.88
17.42
18.33
A
2.5%
18.49
18.02
18.96
B
2.5%
19.11
18.63
19.59
C
2.5%
19.73
19.23
20.22
D
2.5%
20.22
19.72
20.72
A
2.2%
20.68
20.15
21.2
B
2.5%
21.18
20.64
21.71
C
2.5%
21.63
21.08
22.17
D
2.5%
22.08
21.52
22.63
A
2.5%
22.62
22.05
23.18
B
2.5%
23.19
22.61
23.77
C
2.5%
23.72
23.12
24.31
D
2.5%
24.24
23.63
24.85
A
2.5%
24.89
24.26
25.52
B
2.5%
25.62
24.97
26.26
C
2.5%
26.29
25.63
26.95
D
2.5%
26.97
26.29
27.64
A
2.5%
27.69
26.99
28.39
B
2.5%
28.42
27.70
29.13
C
2.5%
29.09
28.36
29.82
D
2.5%
29.77
29.02
30.51
A
2.5%
30.45
29.68
31.22
B
2.5%
31.10
30.32
31.88
C
2.5%
31.70
30.90
32.50
D
2.5%
32.30
31.49
33.11
A
2.5%
32.97
32.14
33.79
B
2.5%
33.64
32.79
34.49
C
2.5%
34.27
33.40
35.13
D
2.5%
34.89
34.01
35.77
A
2.5%
35.58
34.68
36.47
B
2.5%
36.28
35.36
37.19
C
2.5%
36.93
36.00
37.85
D
2.5%
37.58
36.63
38.52
Notes: 1. The zener voltage subdivision (VZ) is measured 40mS after diode is powered up.
2. The operating resistance (ZZT and ZZK) is measured by superimposing a minute
altermation current in the regulated current (I Z).
3. when ordering, please specify tolerance A,B,C or D.
Version: A07
0.2
30
T
Vz @ Izt
Tolerance
5
85
250
0.5
0.2
25
5
75
250
0.5
0.2
27
5
65
250
0.5
0.2
21
5
55
250
0.5
0.2
23
5
45
250
0.5
0.2
17
5
35
200
0.5
0.2
19
5
30
200
0.5
55
5
200
0.5
0.5
15
0.2
12
5
45
150
0.5
0.2
13
5
40
150
0.5
0.2
10
5
40
110
0.5
0.2
11
5
35
110
0.5
MTZJ36
MTZJ39
MTZJ24
MTZJ27
MTZJ30
MTZJ33
MTZJ16
MTZJ18
MTZJ20
MTZJ22
MTZJ13
MTZJ15


Similar Part No. - MTZJ20

ManufacturerPart #DatasheetDescription
logo
Rohm
MTZJ20 ROHM-MTZJ20 Datasheet
102Kb / 2P
   500mW Zenor Mini Diode
logo
Galaxy Semi-Conductor H...
MTZJ20 BILIN-MTZJ20 Datasheet
101Kb / 3P
   ZENER DIODES
logo
SynSemi, Inc.
MTZJ20 SYNSEMI-MTZJ20 Datasheet
35Kb / 2P
   ZENER DIODES
logo
Taiwan Semiconductor Co...
MTZJ20 TSC-MTZJ20 Datasheet
334Kb / 8P
   500mW, Hermetically Sealed Glass Zener Diodes
logo
EIC discrete Semiconduc...
MTZJ20 EIC-MTZJ20 Datasheet
64Kb / 2P
   ZENER DIODES
More results

Similar Description - MTZJ20

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MTZJ2V0SA TSC-MTZJ2V0SA Datasheet
242Kb / 7P
   500mW, Hermetically Sealed Glass Zener Diodes
logo
Guangdong Juxing Electr...
LLZ2V0 JUXING-LLZ2V0 Datasheet
636Kb / 3P
   500mW Hermetically Sealed Glass Zener Diodes
logo
Taiwan Semiconductor Co...
MTZJ2V0A TSC-MTZJ2V0A Datasheet
334Kb / 8P
   500mW, Hermetically Sealed Glass Zener Diodes
logo
Microsemi Corporation
1N6309 MICROSEMI-1N6309_V01 Datasheet
481Kb / 6P
   VOIDLESS HERMETICALLY SEALED 500mW GLASS ZENER DIODES
Rev. 2
logo
Shenzhen Luguang Electr...
BZX55C2V0 LUGUANG-BZX55C2V0 Datasheet
78Kb / 2P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
BZX55C LUGUANG-BZX55C Datasheet
81Kb / 2P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
logo
Taiwan Semiconductor Co...
LLZ2V0 TSC-LLZ2V0 Datasheet
151Kb / 3P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
LLZ5221B TSC-LLZ5221B Datasheet
129Kb / 3P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
LLZ2V0 TSC-LLZ2V0_09 Datasheet
76Kb / 3P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
LS4448 TSC-LS4448 Datasheet
91Kb / 2P
   500mW Hermetically Sealed Glass Fast Switching Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com