Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT5300-UG Datasheet(PDF) 2 Page - Marktech Corporate

Part # MT5300-UG
Description  5.0mm ROUND LED LAMP
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MT5300-UG Datasheet(HTML) 2 Page - Marktech Corporate

  MT5300-UG Datasheet HTML 1Page - Marktech Corporate MT5300-UG Datasheet HTML 2Page - Marktech Corporate MT5300-UG Datasheet HTML 3Page - Marktech Corporate MT5300-UG Datasheet HTML 4Page - Marktech Corporate MT5300-UG Datasheet HTML 5Page - Marktech Corporate MT5300-UG Datasheet HTML 6Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MT5300-UG
5.0 mm ROUND LED
LAMP
VER.: 01
Date: 2007/03/22
Page: 1/5
Description
This true green lamp is made with InGaN/Sapphire chip and water clear
epoxy resin.
AK
Notes:
1. All dimensions are in mm.
2. Tolerance is±0.25mm unless otherwise noted.
Description
LED Chip
Part No.
Material
Emitting Color
Lens Color
MT5300-UG
InGaN/Sapphire
True green
Water clear


Similar Part No. - MT5300-UG

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT5300-UGS MARKTECH-MT5300-UGS Datasheet
162Kb / 6P
   5.0mm ROUND LED LAMP
More results

Similar Description - MT5300-UG

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT5150-BLS MARKTECH-MT5150-BLS Datasheet
162Kb / 6P
   5.0mm ROUND LED LAMP
MT4118A-HRSB-A MARKTECH-MT4118A-HRSB-A Datasheet
136Kb / 6P
   5.0mm ROUND LED LAMP
MT4118-HR-A MARKTECH-MT4118-HR-A Datasheet
136Kb / 6P
   5.0mm ROUND LED LAMP
MT5150-UG MARKTECH-MT5150-UG Datasheet
163Kb / 6P
   5.0mm ROUND LED LAMP
MT5150-UYS MARKTECH-MT5150-UYS Datasheet
163Kb / 6P
   5.0mm ROUND LED LAMP
MT7418A-UR-A MARKTECH-MT7418A-UR-A Datasheet
136Kb / 6P
   5.0mm ROUND LED LAMP
MT7418-UR-A MARKTECH-MT7418-UR-A Datasheet
136Kb / 6P
   5.0mm ROUND LED LAMP
MT5150-UGS MARKTECH-MT5150-UGS Datasheet
163Kb / 6P
   5.0mm ROUND LED LAMP
MT5150-UR MARKTECH-MT5150-UR Datasheet
162Kb / 6P
   5.0mm ROUND LED LAMP
MT5300-BLS MARKTECH-MT5300-BLS Datasheet
162Kb / 6P
   5.0mm ROUND LED LAMP
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com