Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC38050 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # UCC38050
Description  TRANSITION MODE PFC CONTROLLER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC38050 Datasheet(HTML) 4 Page - Texas Instruments

  UCC38050 Datasheet HTML 1Page - Texas Instruments UCC38050 Datasheet HTML 2Page - Texas Instruments UCC38050 Datasheet HTML 3Page - Texas Instruments UCC38050 Datasheet HTML 4Page - Texas Instruments UCC38050 Datasheet HTML 5Page - Texas Instruments UCC38050 Datasheet HTML 6Page - Texas Instruments UCC38050 Datasheet HTML 7Page - Texas Instruments UCC38050 Datasheet HTML 8Page - Texas Instruments UCC38050 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
UCC28050, UCC28051
UCC38050, UCC38051
SLUS515F−SEPTEMBER 2002 − REVISED MARCH 2009
4
www.ti.com
ELECTRICAL CHARACTERISTICS
TA = 0_C to 70_C for the UCC3805x, –40_C to 105_C for the UCC2805x, TA = TJ, VCC = 12 V.
supply
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VCC operating voltage
18
V
Shunt voltage
IVCC = 25 mA
18
19
20
V
Supply current, off
VCC = VCC turn−on threshold –300 mV
75
125
µA
Supply current, disabled
VO_SNS = 0.5 V
2
4
Supply current, on
75 kHz,
CL = 0 nF
4
6
mA
Supply current, dynamic operating
75 kHz,
CL = 1 nF
5
7
mA
UVLO
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VCC turn-on threshold
UCCx8050
15.4
15.8
16.4
VCC turn-on threshold
UCCx8051
12.0
12.5
13.0
VCC turn-off threshold
9.4
9.7
10.0
V
UVLO hysteresis
UCCx8050
5.8
6.3
6.8
V
UVLO hysteresis
UCCx8051
2.3
2.8
3.3
voltage amplifier (VO_SNS)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Input voltage (VREF)
UCC3805x
2.46
2.50
2.54
V
Input voltage (VREF)
UCC2805x
2.45
2.50
2.55
V
Input bias current
0.5
µA
VCOMP high
VO_SNS = 2.1 V
4.5
5.5
V
VCOMP low
VO_SNS = 2.55 V
1.80
2.45
V
gM
TJ = 25 _C,
VCOMP= 3.5 V
60
90
130
µS
Source current
UCCx8050
VO_SNS = 2.1 V,
VCOMP= 3.5 V
−0.2
−1.0
mA
Source current
UCCx8051
VO_SNS = 2.1 V,
VCOMP= 2.5 V
−200
−300
−400
µA
Sink current
VO_SNS = 2.7 V
VCOMP= 3.5 V
0.2
1.0
mA
over voltage protection / enable
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Overvoltage reference
UCCx8050
VREF +
0.165
VREF +
0.190
VREF +
0.210
V
Overvoltage reference
UCCx8051
VREF +
0.150
VREF +
0.180
VREF +
0.210
V
Hysteresis
UCCx8050
175
200
225
mV
Hysteresis
UCCx8051
150
180
210
mV
Enable threshold
UCCx8050
0.62
0.67
0.72
V
Enable threshold
UCCx8051
0.18
0.23
0.28
V
Enable hysteresis
0.05
0.10
0.20
V
multiplier
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Multiplier gain constant (k)
VMULTIN = 0.5 V,
COMP = 3.5 V
0.43
0.65
0.87
1/V
Dynamic input range, VMULTIN INPUT
0 to 2.5
0 to 3.5
V
Dynamic input range, COMP INPUT
2.5 to 3.8
2.5 to 4.0
V
Input bias current, MULTIN
0.1
1.0
µA


Similar Part No. - UCC38050

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC38050 TI-UCC38050 Datasheet
556Kb / 32P
[Old version datasheet]   ADVANCED PFC/PWW COMBINATION CONTROLLER WITH TRAILING-EDGE/TRAILING-EDGE MODULATION
UCC38050 TI1-UCC38050 Datasheet
1Mb / 32P
[Old version datasheet]   TRANSITION MODE PFC CONTROLLER
UCC38050D TI1-UCC38050D Datasheet
1Mb / 32P
[Old version datasheet]   TRANSITION MODE PFC CONTROLLER
UCC38050DG4 TI1-UCC38050DG4 Datasheet
1Mb / 32P
[Old version datasheet]   TRANSITION MODE PFC CONTROLLER
UCC38050DR TI1-UCC38050DR Datasheet
1Mb / 32P
[Old version datasheet]   TRANSITION MODE PFC CONTROLLER
More results

Similar Description - UCC38050

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6562AT STMICROELECTRONICS-L6562AT Datasheet
492Kb / 25P
   Transition-mode PFC controller
L6562A_0708 STMICROELECTRONICS-L6562A_0708 Datasheet
547Kb / 26P
   Transition-mode PFC controller
logo
Texas Instruments
UCC28050 TI-UCC28050_15 Datasheet
1Mb / 31P
[Old version datasheet]   TRANSITION MODE PFC CONTROLLER
logo
ADTech
ADT6011 ADTECH-ADT6011 Datasheet
264Kb / 5P
   Transition Mode PFC controller
logo
STMicroelectronics
L6562 STMICROELECTRONICS-L6562 Datasheet
249Kb / 16P
   TRANSITION-MODE PFC CONTROLLER
logo
Texas Instruments
UCC28050 TI1-UCC28050_13 Datasheet
1Mb / 32P
[Old version datasheet]   TRANSITION MODE PFC CONTROLLER
logo
STMicroelectronics
L6563 STMICROELECTRONICS-L6563_07 Datasheet
720Kb / 39P
   Advanced transition-mode PFC controller
logo
Diodes Incorporated
AL6562A DIODES-AL6562A Datasheet
693Kb / 16P
   Transition Mode PFC LED Controller
AL6562 DIODES-AL6562 Datasheet
800Kb / 16P
   Transition Mode PFC LED Controller
logo
STMicroelectronics
DAP005 STMICROELECTRONICS-DAP005 Datasheet
530Kb / 39P
   Advanced transition-mode PFC controller
February 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com