Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC38051 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # UCC38051
Description  TRANSITION MODE PFC CONTROLLER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC38051 Datasheet(HTML) 8 Page - Texas Instruments

Back Button UCC38051 Datasheet HTML 4Page - Texas Instruments UCC38051 Datasheet HTML 5Page - Texas Instruments UCC38051 Datasheet HTML 6Page - Texas Instruments UCC38051 Datasheet HTML 7Page - Texas Instruments UCC38051 Datasheet HTML 8Page - Texas Instruments UCC38051 Datasheet HTML 9Page - Texas Instruments UCC38051 Datasheet HTML 10Page - Texas Instruments UCC38051 Datasheet HTML 11Page - Texas Instruments UCC38051 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
UCC28050, UCC28051
UCC38050, UCC38051
SLUS515F−SEPTEMBER 2002 − REVISED MARCH 2009
8
www.ti.com
BLOCK DESCRIPTION
UVLO and Reference Block
This block generates a precision reference voltage used to obtain tightly controlled UVLO threshold. In addition
to generating a 2.5-V reference for the non-inverting terminal of the gM amplifier, it generates the reference
voltages for blocks such as OVP, enable, zero power and multiplier. An internal rail of 7.5 V is also generated
to drive all the internal blocks.
Error Amplifier
The voltage error amplifier in UCC3805x is a transcoductance amplifier with a typical transconductance value
of 90
µS. The advantage in using a transconductance amplifier is that the inverting input of the amplifier is solely
determined by the external resistive-divider from the output voltage and not the transient behavior of the
amplifier itself. This allows the VO_SNS pin to be used for sensing over voltage conditions.
The sink and source capability of the error amplifier is approximately 10
µA during normal operation of the
amplifier. But when the VO_SNS pin voltage is beyond the normal operating conditions (VO_SNS >1.05
× VREF,
VO_SNS < 0.88
× VREF), additional circuitry to enhance the slew-rate of the amplifier is activated. Enhanced
slew-rate of the compensation capacitor results in a faster start-up and transient response. This prevents the
output voltage from drifting too high or too low, which can happen if the compensation capacitor were to be
slewed by the normal slewing current of 10-
µA. When VO_SNS rises above the normal range, the enhanced
sink current capability is in excess of 1 mA. When VO_SNS falls below the normal range, the UCC38050 can
source more than 1 mA and the UCC38051 sources approximately 300
µA. The limited source current in the
UCC38051 helps to gradually increase the error voltage on the COMP pin preventing a step increase in line
current. The actual rate of increase of VCOMP depends on the compensation network connected to the COMP
pin.
Zero Current Detection and Re-Start Timer Blocks
When the boost inductor current becomes zero, the voltage at the power MOSFET drain end falls. This is
indirectly sensed with a secondary winding that is connected to the ZCD pin. The internal active clamp circuitry
prevents the voltage from going to a negative or a high positive value. The clamp has the sink and source
capability of 10 mA. The resistor value in series with the secondary winding should be chosen to limit the ZCD
current to less than 10 mA. The rising edge threshold of the ZCD comparator can be as high as 2.0 V. The
auxiliary winding should be chosen such that the positive voltage (when the power MOSFET is off) at the ZCD
pin is in excess of 2.0 V.
The restart timer attempts to set the gate drive high in case the gate drive remains off for more than 400
µs
nominally. The minimum guaranteed time period of the timer is 200
µs. This translates to a minimum switching
frequency of 5 kHz. In other words, the boost inductor value should be chosen for switching frequencies greater
than 5 kHz.
Enable Block
The gate drive signal is held low if the voltage at the VO_SNS pin is less than the ENABLE threshold. This feature
can be used to disable the converter by pulling VO_SNS low. If the output feedback path is broken, VO_SNS
is pulled to ground and the output is disabled to protect the power stage.


Similar Part No. - UCC38051

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC38051 TI1-UCC38051 Datasheet
1Mb / 32P
[Old version datasheet]   TRANSITION MODE PFC CONTROLLER
UCC38051D TI1-UCC38051D Datasheet
1Mb / 32P
[Old version datasheet]   TRANSITION MODE PFC CONTROLLER
UCC38051DG4 TI1-UCC38051DG4 Datasheet
1Mb / 32P
[Old version datasheet]   TRANSITION MODE PFC CONTROLLER
UCC38051P TI1-UCC38051P Datasheet
1Mb / 32P
[Old version datasheet]   TRANSITION MODE PFC CONTROLLER
UCC38051PE4 TI1-UCC38051PE4 Datasheet
1Mb / 32P
[Old version datasheet]   TRANSITION MODE PFC CONTROLLER
More results

Similar Description - UCC38051

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6562AT STMICROELECTRONICS-L6562AT Datasheet
492Kb / 25P
   Transition-mode PFC controller
L6562A_0708 STMICROELECTRONICS-L6562A_0708 Datasheet
547Kb / 26P
   Transition-mode PFC controller
logo
Texas Instruments
UCC28050 TI-UCC28050_15 Datasheet
1Mb / 31P
[Old version datasheet]   TRANSITION MODE PFC CONTROLLER
logo
ADTech
ADT6011 ADTECH-ADT6011 Datasheet
264Kb / 5P
   Transition Mode PFC controller
logo
STMicroelectronics
L6562 STMICROELECTRONICS-L6562 Datasheet
249Kb / 16P
   TRANSITION-MODE PFC CONTROLLER
logo
Texas Instruments
UCC28050 TI1-UCC28050_13 Datasheet
1Mb / 32P
[Old version datasheet]   TRANSITION MODE PFC CONTROLLER
logo
STMicroelectronics
L6563 STMICROELECTRONICS-L6563_07 Datasheet
720Kb / 39P
   Advanced transition-mode PFC controller
logo
Diodes Incorporated
AL6562A DIODES-AL6562A Datasheet
693Kb / 16P
   Transition Mode PFC LED Controller
AL6562 DIODES-AL6562 Datasheet
800Kb / 16P
   Transition Mode PFC LED Controller
logo
STMicroelectronics
DAP005 STMICROELECTRONICS-DAP005 Datasheet
530Kb / 39P
   Advanced transition-mode PFC controller
February 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com