Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28050PE4 Datasheet(PDF) 6 Page - Texas Instruments

Part # UCC28050PE4
Description  TRANSITION MODE PFC CONTROLLER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28050PE4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button UCC28050PE4 Datasheet HTML 2Page - Texas Instruments UCC28050PE4 Datasheet HTML 3Page - Texas Instruments UCC28050PE4 Datasheet HTML 4Page - Texas Instruments UCC28050PE4 Datasheet HTML 5Page - Texas Instruments UCC28050PE4 Datasheet HTML 6Page - Texas Instruments UCC28050PE4 Datasheet HTML 7Page - Texas Instruments UCC28050PE4 Datasheet HTML 8Page - Texas Instruments UCC28050PE4 Datasheet HTML 9Page - Texas Instruments UCC28050PE4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
UCC28050, UCC28051
UCC38050, UCC38051
SLUS515F−SEPTEMBER 2002 − REVISED MARCH 2009
6
www.ti.com
BLOCK DIAGRAM
UDG−02008
1
2
5
6
7
8
3
4
40 k
W
5 pF
+
+
+
x
x
MULT
2.5 V
2.3 V
+
+
OVP
ENABLE
2.7/2.5 V
gm VOL.
ERROR AMP
0.67/0.57 V
0.23/0.15 V
PWM
SQ
Q
R
+
TIMER
+
VREFAND
BIAS REG
VREF
INT. BIAS
1.7/1.4 V
UVLO
VREF
GOOD
OVP
V0_SNS
COMP
MULTIN
CS
ZCD
GND
DRV
VCC
REF
ZERO
POWER
DETECT
PIN DESCRIPTIONS
VO_SNS (Pin 1): This pin senses the boost regulator output voltage through a voltage divider. Internally, this
pin is the inverting input to the transconductance amplifier (with a nominal value of 2.5 V) and also is input to
the OVP comparator. Additionally, pulling this pin below the ENABLE threshold turns off the output switching,
ensuring that the gate drive is held off while the boost output is pre-charging and also ensuring no runaway if
feedback path is open.
COMP (Pin 2): Output of the transconductance error amplifier. Loop compensation components are connected
between this pin and ground. The output current capability of this pin is 10-
µA under normal conditions, but
increases to about 1-mA when the differential input is greater than the specified values in the specifications
table. This voltage is one of the inputs to the multiplier, with a dynamic input range of 2.5 V to 3.8 V. During zero
power or overvoltage conditions, this pin goes below 2.5 V nominal. When it goes below 2.3 V, the zero power
comparator is activated which prevents the gate drive from switching.
MULTIN (Pin 3): This pin senses the instantaneous boost regulator input voltage through a voltage divider. The
voltage acts as one of the inputs to the internal multiplier. Recommended operating range is 0 V to 2.5 V at high
line.
PIN DESCRIPTIONS (continued)
CS (Pin 4): This pin senses the instantaneous switch current in the boost switch and uses it as the internal ramp
for PWM comparator. The internal circuitry filters out switching noise spikes without requiring external
components. In addition, an external R-C filter may be required to suppress the noise spikes. An internal clamp
on the multiplier output terminates the switching cycle if this pin voltage exceeds 1.7 V. Additional external
filtering may be required. CS threshold is approximately equal to:


Similar Part No. - UCC28050PE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28050PE4 TI1-UCC28050PE4 Datasheet
1Mb / 32P
[Old version datasheet]   TRANSITION MODE PFC CONTROLLER
More results

Similar Description - UCC28050PE4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6562AT STMICROELECTRONICS-L6562AT Datasheet
492Kb / 25P
   Transition-mode PFC controller
L6562A_0708 STMICROELECTRONICS-L6562A_0708 Datasheet
547Kb / 26P
   Transition-mode PFC controller
logo
Texas Instruments
UCC28050 TI-UCC28050_15 Datasheet
1Mb / 31P
[Old version datasheet]   TRANSITION MODE PFC CONTROLLER
logo
ADTech
ADT6011 ADTECH-ADT6011 Datasheet
264Kb / 5P
   Transition Mode PFC controller
logo
STMicroelectronics
L6562 STMICROELECTRONICS-L6562 Datasheet
249Kb / 16P
   TRANSITION-MODE PFC CONTROLLER
logo
Texas Instruments
UCC28050 TI1-UCC28050_13 Datasheet
1Mb / 32P
[Old version datasheet]   TRANSITION MODE PFC CONTROLLER
logo
STMicroelectronics
L6563 STMICROELECTRONICS-L6563_07 Datasheet
720Kb / 39P
   Advanced transition-mode PFC controller
logo
Diodes Incorporated
AL6562A DIODES-AL6562A Datasheet
693Kb / 16P
   Transition Mode PFC LED Controller
AL6562 DIODES-AL6562 Datasheet
800Kb / 16P
   Transition Mode PFC LED Controller
logo
STMicroelectronics
DAP005 STMICROELECTRONICS-DAP005 Datasheet
530Kb / 39P
   Advanced transition-mode PFC controller
February 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com