Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS339CD14C4 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS339CD14C4
Description  Low Power Low Offset Quad Comparators
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS339CD14C4 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS339CD14C4 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS339CD14C4 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS339CD14C4 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS339CD14C4 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS339CD14C4 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS339CD14C4 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS339CD14C4 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TS339
Low Power Low Offset Quad Comparators
1/7
Version: A09
DIP-14
SOP-14
General Description
The TS339 is quad independent precision voltage comparators capable of single-supply or split-supply operation. The
specifications as low as 2.0 mV make this device an excellent ground level with single-supply operation. Input offset-
voltage selection for many applications in consumer automotive, and It is designed to permit a common mode range-
to- industrial electronics.
Absolute Maximum Rating
Parameter
Symbol
Limit
Unit
Supply Voltage
VCC
+36 or ±18
V
Differential Input Voltage
VIDR
36
V
Input Common Mode Voltage Range
VICR
-0.3 to 36
V
Input Current
IIN
50
mA
Output Short Circuit Duration (note 1)
tsc
Continuous
Operating Temperature Range
TOPR
0 ~ +70
oC
Junction Temperature
TJ
+150
oC
Storage Temperature Range
TSTG
-65 ~ +150
oC
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are
individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and reliability may be affected.
Note 1. The maximum output current may be as high as 20mA, independent of the magnitude of VCC Output short
circuits to VCC can cause excessive heating and eventual destruction
Features
Low input bias current: 25nA (Typ)
Low input offset current: ±5nA (Typ)
Low input offset voltage
Input common mode voltage range to GND
Low output saturation voltage: 130mV (Typ)
TTL and CMOS compatible
Ordering Information
Part No.
Package
Packing
TS339CD14 C4
DIP-14
50pcs / Tube
TS339CS14 RL
SOP-14
2.5Kpcs / 13” Reel
Block Diagram
Pin Definition:
1. Output 2
14. Output 3
2. Output 1
13. Output 4
3. Vcc
12. Gnd
4. Input 1 (-)
11. Input 4 (+)
5. Input 1 (+) 10. Input 4 (-)
6. Input 2 (-)
9. Input 3 (+)
7. Input 2 (+)
8. Input 3 (-)


Similar Part No. - TS339CD14C4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS339CD STMICROELECTRONICS-TS339CD Datasheet
124Kb / 9P
   Micropower Quad CMOS Voltage Comparators
logo
Taiwan Semiconductor Co...
TS339CD TSC-TS339CD Datasheet
137Kb / 6P
   Quad Voltage Comparator
logo
STMicroelectronics
TS339CDT STMICROELECTRONICS-TS339CDT Datasheet
124Kb / 9P
   Micropower Quad CMOS Voltage Comparators
More results

Similar Description - TS339CD14C4

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR339 LRC-LR339 Datasheet
134Kb / 6P
   Low Power Low Offset Voltage Quad Comparators
logo
BCD Semiconductor Manuf...
AS339,339A BCDSEMI-AS339,339A Datasheet
729Kb / 11P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
Diodes Incorporated
AS339 DIODES-AS339 Datasheet
432Kb / 12P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
National Semiconductor ...
LM139 NSC-LM139 Datasheet
465Kb / 19P
   Low Power Low Offset Voltage Quad Comparators
LM2901EP NSC-LM2901EP Datasheet
750Kb / 17P
   Low Power Low Offset Voltage Quad Comparators
logo
Tiger Electronic Co.,Lt...
LM2901D TGS-LM2901D Datasheet
249Kb / 4P
   Low Power Low Offset Voltage Quad Comparators
logo
Texas Instruments
LM139AQML TI1-LM139AQML_16 Datasheet
1Mb / 29P
[Old version datasheet]   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
National Semiconductor ...
LM139JAN NSC-LM139JAN Datasheet
770Kb / 20P
   Low Power Low Offset Voltage Quad Comparators
logo
Tiger Electronic Co.,Lt...
LM339D TGS-LM339D Datasheet
2Mb / 4P
   Low Power Low Offset Voltage Quad Comparators
logo
List of Unclassifed Man...
AZ339 ETC1-AZ339 Datasheet
246Kb / 9P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com