Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPS-93100BG Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # SPS-93100BG
Description  3.3V / 1550 nm / 2.5 Gbps SFP LC SINGLE-MODE TRANSCEIVER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPS-93100BG Datasheet(HTML) 1 Page - Optoway Technology Inc

  SPS-93100BG Datasheet HTML 1Page - Optoway Technology Inc SPS-93100BG Datasheet HTML 2Page - Optoway Technology Inc SPS-93100BG Datasheet HTML 3Page - Optoway Technology Inc SPS-93100BG Datasheet HTML 4Page - Optoway Technology Inc SPS-93100BG Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Optoway
SPS-93100G
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
1/1/2008 V2.0
1
SPS-93100G / SPS-93100BG / SPS-93100AG
(RoHS Compliant)
3.3V / 1550 nm / 2.5 Gbps SFP LC SINGLE-MODE TRANSCEIVER
**********************************************************************************************************************************************************************
FEATURES
l Hot-Pluggable SFP Footprint LC Optical Transceiver
l Small Form-Factor Pluggable (SFP) MSA compatible
l Compliant with SONET OC-48 ELR / SDH STM-16
l Compliant with Fibre Channel 1x/2x SM-LC-L FC-PI
l Compliant with IEEE 802.3z 1000BASE
l 1550 nm DFB LD Transmitter
l APD High Sensitivity Receiver
l 28 dB Power Budget at Least
l Distance up to 100 km
l AC/AC Coupling according to MSA
l Single +3.3 V Power Supply
l RoHS Compliant
l 0 to 70oC Operation: SPS-93100G
l -10 to 85oC Operation: SPS-93100BG
l -40 to 85oC Operation: SPS-93100AG
l Class 1 Laser International Safety Standard IEC-60825
Compliant
APPLICATIONS
l ATM Switches and Routers
l SONET / SDH Switch Infrastructure
l XDSL Applications
l Metro Edge Switching
DESCRIPTION
The SPS-93100G series single mode transceivers is small
form factor pluggable module for bi-directional serial
optical data communications such as SONET OC-48 / SDH
STM-16, Gigabit Ethernet 1000BASE-LX and Fibre
Channel 1x/2x SM-LC-L FC-PI. It is with the SFP 20-pin
connector to allow hot plug capability. This module is
designed for single mode fiber and operates at a nominal
wavelength of 1550 nm. A guaranteed minimum optical
link budget of 28 dB is offered which can correspond to a
link distance of over 100 km (assuming worst case fiber loss
of 0.22 dB/km). The transmitter section uses a multiple
quantum well 1550 nm DFB laser and is a class 1 laser
compliant according to International Safety Standard
IEC-60825. The receiver section uses an integrated InGaAs
detector preamplifier (IDP) mounted in an optical header
and a limiting post-amplifier IC.
LASER SAFETY
This single mode transceiver is a Class 1 laser product. It
complies with IEC-60825 and FDA 21 CFR 1040.10 and
1040.11.
The transceiver must be operated within the
specified temperature and voltage limits. The optical ports
of the module shall be terminated with an optical connector
or with a dust plug.
ORDER INFORMATION
P/No.
Bit Rate
(Gb/s)
SONET
/SDH
Distance
(km)
Wavelength
(nm)
Package
Temp.
(
oC)
TX Power
(dBm)
RX Sens.
(dBm)
RoHS
Compliant
SPS-93100G
2.488
ELR
100
1550 DFB
LC SFP
0 to 70
5 to 0
-28
Yes
SPS-93100BG
2.488
ELR
100
1550 DFB
LC SFP
-10 to 85
5 to 0
-28
Yes
SPS-93100AG
2.488
ELR
100
1550 DFB
LC SFP
-40 to 85
5 to 0
-28
Yes
Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Units
Notes
Storage Temperature
Tstg
-40
85
oC
Operating Case Temperature
Topr
0
-10
-40
70
85
85
oC
SPS-93100G
SPS-93100BG
SPS-93100AG
Power Supply Voltage
Vcc
-0.5
3.6
V
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Units / Notes
Power Supply Voltage
Vcc
3.13
3.3
3.47
V
Operating Case Temperature
Topr
0
-10
-10
70
85
85
oC / SPS-93100G
oC / SPS-93100BG
oC / SPS-93100AG
Power Supply Current
ICC (TX+RX)
230
300
mA
Data Rate
622
2488
2670
Mb/s / 1
1. OC-48, Gigabit Ethernet and 1x/2x Fiber Channel compliant.


Similar Part No. - SPS-93100BG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-93100BG OPTOWAY-SPS-93100BG Datasheet
150Kb / 4P
   3.3V / 1550 nm / 2.5 Gbps SFP LC SINGLE-MODE TRANSCEIVER
More results

Similar Description - SPS-93100BG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-93120G OPTOWAY-SPS-93120G Datasheet
149Kb / 4P
   3.3V / 1550 nm / 2.5 Gbps SFP LC SINGLE-MODE TRANSCEIVER
SPS-9340G OPTOWAY-SPS-9340G_08 Datasheet
148Kb / 5P
   3.3V / 1550 nm / 2.5 Gbps SFP LC SINGLE-MODE TRANSCEIVER
SPS-93160G OPTOWAY-SPS-93160G Datasheet
148Kb / 5P
   3.3V / 1550 nm / 2.5 Gbps SFP LC SINGLE-MODE TRANSCEIVER
SPS-93100G OPTOWAY-SPS-93100G Datasheet
150Kb / 4P
   3.3V / 1550 nm / 2.5 Gbps SFP LC SINGLE-MODE TRANSCEIVER
SPS-9380G OPTOWAY-SPS-9380G_08 Datasheet
149Kb / 5P
   3.3V / 1550 nm / 2.5 Gbps SFP LC SINGLE-MODE TRANSCEIVER
SPS-9380G OPTOWAY-SPS-9380G Datasheet
150Kb / 4P
   3.3V / 1550 nm / 2.5 Gbps SFP LC SINGLE-MODE TRANSCEIVER
SPS-9340G OPTOWAY-SPS-9340G Datasheet
149Kb / 4P
   3.3V / 1550 nm / 2.5 Gbps SFP LC SINGLE-MODE TRANSCEIVER
SPS-93120G OPTOWAY-SPS-93120G_08 Datasheet
149Kb / 5P
   3.3V / 1550 nm / 2.5 Gbps SFP LC SINGLE-MODE TRANSCEIVER
SPS-93120WG OPTOWAY-SPS-93120WG_08 Datasheet
150Kb / 5P
   3.3V / 1550 nm / 2.5 Gbps Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-9380WG OPTOWAY-SPS-9380WG Datasheet
150Kb / 4P
   3.3V / 1550 nm / 2.5 Gbps Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com