Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS1937 Datasheet(PDF) 6 Page - Taiwan Semiconductor Company, Ltd

Part # TS1937
Description  Boost (Step-up) WLED Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1937 Datasheet(HTML) 6 Page - Taiwan Semiconductor Company, Ltd

  TS1937 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS1937 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS1937 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS1937 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS1937 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS1937 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS1937 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS1937 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
TS1937
Boost (Step-up) WLED Driver
6/8
Version: C07
Application Information (Continue)
2. Using a Filtered PWM Signal
The filtered PWM signal can be considered as an adjustable DC voltage. It can be used to replace the variable DC
voltage source in dimming control. The circuit is shown as follow:
Dimming Control using a Filtered PWM Signal
LED Current Control
The LED current is controlled by the feedback resistor (R1). The feedback reference is 95mV. The LED current is
95mV/R1. In order to have accurate LED current, precision resistors are preferred (1% is recommended). The formula
and table 3 for R1 selection are shown below.
R1 = 95mV/ILED
ILED (mA)
R1(Ω)
5
19.1
10
9.53
12
7.87
15
6.34
20
4.75
Duty
Iout ( mA)
0%
20
20%
17.4
30%
15
40%
12.4
50%
10
60%
8
70%
6.4
80%
4.07
100%
0
PWM : 2V ; 1KHz ; Vin=3.6V


Similar Part No. - TS1937

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS19370 TSC-TS19370 Datasheet
193Kb / 8P
   Boost (Step-up) WLED Driver with OVP
TS19370CX6RF TSC-TS19370CX6RF Datasheet
193Kb / 8P
   Boost (Step-up) WLED Driver with OVP
TS19370CX6RF TSC-TS19370CX6RF Datasheet
124Kb / 8P
   Boost (Step-up) WLED Driver with OVP
TS19370 TSC-TS19370_10 Datasheet
124Kb / 8P
   Boost (Step-up) WLED Driver with OVP
TS19371 TSC-TS19371 Datasheet
222Kb / 8P
   Boost (Step-up) WLED Driver with OVP
More results

Similar Description - TS1937

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS19371 TSC-TS19371_14 Datasheet
484Kb / 8P
   Boost (Step-up) WLED Driver with OVP
TS19371 TSC-TS19371 Datasheet
222Kb / 8P
   Boost (Step-up) WLED Driver with OVP
TS19371 TSC-TS19371_10 Datasheet
226Kb / 10P
   Boost (Step-up) WLED Driver with OVP
TS19370 TSC-TS19370 Datasheet
193Kb / 8P
   Boost (Step-up) WLED Driver with OVP
TS19370 TSC-TS19370_10 Datasheet
124Kb / 8P
   Boost (Step-up) WLED Driver with OVP
logo
SG Micro Corp
SGM3727 SGMICRO-SGM3727 Datasheet
367Kb / 13P
   High Efficiency 38V Step-Up WLED Driver
logo
Taiwan Semiconductor Co...
TS1916 TSC-TS1916 Datasheet
875Kb / 10P
   1.7A Boost WLED Driver
logo
ACE Technology Co., LTD...
ACE7168R ACE-ACE7168R Datasheet
286Kb / 4P
   Asynchronies Boost WLED Driver
VER 1.1
logo
Richtek Technology Corp...
RT8511B RICHTEK-RT8511B Datasheet
134Kb / 11P
   43V Asynchronous Boost WLED Driver
logo
Global Mixed-mode Techn...
G5966 GMT-G5966 Datasheet
85Kb / 1P
   Boost WLED Driver for Backlights
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com