Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS2507 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS2507
Description  0.5A / 330KHz PWM Buck Controller
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2507 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS2507 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2507 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2507 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2507 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2507 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2507 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS2507 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS2507 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS2507 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TS2507
0.5A / 330KHz PWM Buck Controller
2/9
Version: A07
Electrical Specifications (VIN=12V, Ta=25oC unless otherwise noted)
Block Diagram
Pin Assignment
Name
Description
Name
Description
EN
Shutdown Control Input.
H:normal operation (Step-down)
L:Shutdown mode
Gate
Gate drive for external P-channel MOSFET.
Comp
Compensation pin
LX
LX is the current sense input.
OCSET
Add an external resistor to set max switch output
current.
Vss
GND pin
Vcc
IC power supply pin
FB
Feedback pin
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Feedback Voltage
VFB
IOUT=0.1A
0.784
0.800
0.816
V
Quiescent Current
Iq
VFB=1.2V force driver off
--
3
5
mA
Feedback Bias Current
IFB
IOUT=0.1A
--
0.1
0.5
uA
Shutdown Supply Current
ISD
VEN =0V
--
2
10
uA
OCSET pin bias current
IOCSET
95
110
125
uA
Line Regulation
∆VOUT/VOUT
VCC = 5V~24V, IOUT=0.2A
--
0.6
1.2
%
Load Regulation
∆VOUT/VOUT
IOUT = 0.1 to 5A
--
0.3
0.5
%
Oscillation Frequency
FOSC
SW pin
260
330
400
KHz
VSH
High (regulator ON)
2.0
--
--
EN Pin Logic input
threshold voltage
VSL
Low (regulator OFF)
--
--
0.8
V
ISH
VEN=2.5V (ON)
--
20
--
uA
EN Pin Input Current
ISL
VEN=0.3V (OFF)
--
-10
--
uA
Soft-Start Time
TSS
0.3
4
8
ms
LX Rise Time
TLXR
CLX=1000pF
--
45
--
LX Fall Time
TLXF
CLX=1000pF
--
45
--
nS
IOUT = 2A
--
92
--
Efficiency
EFFI
VOUT = 5V
IOUT = 3A
--
91
--
%
Thermal shutdown Temp
TSD
--
125
--


Similar Part No. - TS2507

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
TS250 MACOM-TS250 Datasheet
323Kb / 22P
   PolySwitch Resettable Devices Telecommunications & Networking Devices
TS250-130 MACOM-TS250-130 Datasheet
570Kb / 18P
   PolySwitch??Resettable Device Short Form Catalog
logo
List of Unclassifed Man...
TS250-130 ETC2-TS250-130 Datasheet
20Kb / 1P
   PolySwitch Surface-mount Resettable Devices
logo
Tyco Electronics
TS250-130-RA MACOM-TS250-130-RA Datasheet
570Kb / 18P
   PolySwitch??Resettable Device Short Form Catalog
TS250-130-RB MACOM-TS250-130-RB Datasheet
570Kb / 18P
   PolySwitch??Resettable Device Short Form Catalog
More results

Similar Description - TS2507

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS2508A TSC-TS2508A_12 Datasheet
203Kb / 8P
   3A / 330KHz PWM Buck Converter
TS2508A TSC-TS2508A Datasheet
246Kb / 8P
   3A / 330KHz PWM Buck Converter
TS2508 TSC-TS2508 Datasheet
242Kb / 8P
   2A / 330KHz PWM Buck Converter
logo
Unisonic Technologies
SR2803 UTC-SR2803 Datasheet
211Kb / 6P
   330KHZ, 3A SYNCHRONOUS BUCK CONTROLLER
SR2803 UTC-SR2803_15 Datasheet
226Kb / 5P
   330KHZ, 3A SYNCHRONOUS BUCK CONTROLLER
logo
Taiwan Semiconductor Co...
TS3404 TSC-TS3404 Datasheet
131Kb / 5P
   PWM Buck Controller
logo
Diodes Incorporated
AP2004 DIODES-AP2004 Datasheet
246Kb / 8P
   PWM BUCK CONTROLLER
AP2004 Rev. 2
AP2008 DIODES-AP2008_09 Datasheet
125Kb / 8P
   PWM BUCK CONTROLLER
AP2008 Rev. 2
AP2004 DIODES-AP2004_09 Datasheet
199Kb / 8P
   PWM BUCK CONTROLLER
AP2004 Rev. 3
logo
Anachip Corp
AP2004 ANACHIP-AP2004 Datasheet
175Kb / 8P
   PWM Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com