Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS2507 Datasheet(PDF) 8 Page - Taiwan Semiconductor Company, Ltd

Part # TS2507
Description  0.5A / 330KHz PWM Buck Controller
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2507 Datasheet(HTML) 8 Page - Taiwan Semiconductor Company, Ltd

  TS2507 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2507 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2507 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2507 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2507 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2507 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS2507 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS2507 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS2507 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
TS2507
0.5A / 330KHz PWM Buck Controller
8/9
Version: A07
SOP-8 Mechanical Drawing
Marking Diagram
Y = Year Code
M = Month Code
(A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug, I=Sep,
J=Oct, K=Nov, L=Dec)
L = Lot Code
SOP-8 DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX.
A
4.80
5.00
0.189
0.196
B
3.80
4.00
0.150
0.157
C
1.35
1.75
0.054
0.068
D
0.35
0.49
0.014
0.019
F
0.40
1.25
0.016
0.049
G
1.27BSC
0.05BSC
K
0.10
0.25
0.004
0.009
M
P
5.80
6.20
0.229
0.244
R
0.25
0.50
0.010
0.019


Similar Part No. - TS2507

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
TS250 MACOM-TS250 Datasheet
323Kb / 22P
   PolySwitch Resettable Devices Telecommunications & Networking Devices
TS250-130 MACOM-TS250-130 Datasheet
570Kb / 18P
   PolySwitch??Resettable Device Short Form Catalog
logo
List of Unclassifed Man...
TS250-130 ETC2-TS250-130 Datasheet
20Kb / 1P
   PolySwitch Surface-mount Resettable Devices
logo
Tyco Electronics
TS250-130-RA MACOM-TS250-130-RA Datasheet
570Kb / 18P
   PolySwitch??Resettable Device Short Form Catalog
TS250-130-RB MACOM-TS250-130-RB Datasheet
570Kb / 18P
   PolySwitch??Resettable Device Short Form Catalog
More results

Similar Description - TS2507

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS2508A TSC-TS2508A_12 Datasheet
203Kb / 8P
   3A / 330KHz PWM Buck Converter
TS2508A TSC-TS2508A Datasheet
246Kb / 8P
   3A / 330KHz PWM Buck Converter
TS2508 TSC-TS2508 Datasheet
242Kb / 8P
   2A / 330KHz PWM Buck Converter
logo
Unisonic Technologies
SR2803 UTC-SR2803 Datasheet
211Kb / 6P
   330KHZ, 3A SYNCHRONOUS BUCK CONTROLLER
SR2803 UTC-SR2803_15 Datasheet
226Kb / 5P
   330KHZ, 3A SYNCHRONOUS BUCK CONTROLLER
logo
Taiwan Semiconductor Co...
TS3404 TSC-TS3404 Datasheet
131Kb / 5P
   PWM Buck Controller
logo
Diodes Incorporated
AP2004 DIODES-AP2004 Datasheet
246Kb / 8P
   PWM BUCK CONTROLLER
AP2004 Rev. 2
AP2008 DIODES-AP2008_09 Datasheet
125Kb / 8P
   PWM BUCK CONTROLLER
AP2008 Rev. 2
AP2004 DIODES-AP2004_09 Datasheet
199Kb / 8P
   PWM BUCK CONTROLLER
AP2004 Rev. 3
logo
Anachip Corp
AP2004 ANACHIP-AP2004 Datasheet
175Kb / 8P
   PWM Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com