Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS2596S Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS2596S
Description  2A / 150KHz Buck Dc-Dc Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2596S Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS2596S Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2596S Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2596S Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2596S Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2596S Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2596S Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS2596S Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS2596S Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS2596S Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TS2596S
2A / 150KHz Buck Dc-Dc Converter
2/9
Version: B07
Thermal Information
Parameter
Symbol
Maximum
Unit
Thermal Resistance* (Junction to Case)
ӨJC
15
oC/W
Thermal Resistance* (Junction to Ambient)
ӨJA
70
oC/W
Note: ӨJA is measured with the PCB copper area (need connect to GROUND pins) of approximately 1.5 in
2 (Multi-layer)
Electrical Specifications (All Output Voltage Version)
(Ta = 25
oC unless otherwise noted, VIN=12V for 3.3V, 5V, Adj version. ILOAD =0.2A)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Output Feedback
VFB
4.5V≤ VIN ≤24V
0.2A≤ ILOAD ≤2A
1.193
1.180
1.23
1.267
1.280
V
Efficiency
ADJ
η
VIN =12V, ILOAD =2A
76
--
--
%
Output Feedback
VFB
4.75V≤ VIN ≤24V
0.2A≤ ILOAD ≤2A
3.168
3.135
3.3V
3.432
3.465
V
Efficiency
3.3V
η
VIN =12V, ILOAD =2A
80
--
--
%
Output Feedback
VFB
7V≤ VIN ≤24V
0.2A≤ ILOAD ≤2A
4..80
4.75
5
5.20
5.25
V
Efficiency
5V
η
VIN =12V, ILOAD =2A
84
--
--
%
Feedback Bias Current
IFB
VFB =1.3V (Adj version only)
--
-10
-100
nA
Oscillator Frequency
FOSC
127
150
173
KHz
Soft-Start Time
TSS
Rising edge of EN on to ICL
--
3
--
mS
Current Limit
ICL
Pear Current, no outside circuit
VFB =0V force driver on
2.4
--
--
A
Oscillator Frequency of Short Circuit
Protect
FSCP
When current limit occurred and
VFB <0.5V, Ta = 25
oC
--
60
--
KHz
Saturation Voltage
VSAT
IOUT=2A, No outside circuit
VFB =0V force driver on
--
1.15
1.50
V
VIL
Low (regulator ON)
--
0.6
ON/OFF Pin Logic Input Threshold
Voltage
VIH
High (regulator OFF)
2.0
1.3
--
V
IL
VLOGIC =2.5V (OFF)
--
-0.1
-0.5
ON/OFF Pin Logic Input Current
IH
VLOGIC =0.5V (ON)
--
--
-0.01
µA
Maximum Duty Cycle (ON)
VFB =0V force driver on
--
100
--
Maximum Duty Cycle (OFF)
DC
VFB =12V force driver off
--
0
--
%
Quiescent Current
IQ
VFB =12V force driver off
--
4
8
mA
ON/OFF pin=5V
--
100
Standby Quiescent Current
ISTBY
VIN =24V
--
45
100
µA
SW pin = 0
No outside circuit,
VFB =12V force driver off
--
--
-200
µA
SW Pin Leakage
Current
SW pin = -1
ISWL
VIN =24V
--
-5
--
mA


Similar Part No. - TS2596S

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS2596S TSC-TS2596S Datasheet
578Kb / 10P
   2A / 150KHz Buck Dc-Dc Converter
TS2596SCP5 TSC-TS2596SCP5 Datasheet
578Kb / 10P
   2A / 150KHz Buck Dc-Dc Converter
TS2596SCS TSC-TS2596SCS Datasheet
578Kb / 10P
   2A / 150KHz Buck Dc-Dc Converter
TS2596SCSRL TSC-TS2596SCSRL Datasheet
718Kb / 9P
   2A / 150KHz Buck Dc-Dc Converter
TS2596S TSC-TS2596S_09 Datasheet
718Kb / 9P
   2A / 150KHz Buck Dc-Dc Converter
More results

Similar Description - TS2596S

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS2596S TSC-TS2596S Datasheet
578Kb / 10P
   2A / 150KHz Buck Dc-Dc Converter
logo
YOBON TECHNOLOGIES,INC.
YB1693 YOBON-YB1693 Datasheet
296Kb / 8P
   2A / 150KHz Buck DC-DC Converter
logo
Taiwan Semiconductor Co...
TS2596S TSC-TS2596S_09 Datasheet
718Kb / 9P
   2A / 150KHz Buck Dc-Dc Converter
logo
Diodes Incorporated
AP1509 DIODES-AP1509_10 Datasheet
213Kb / 13P
   150KHz, 2A PWM BUCK DC/DC CONVERTER
DS31016 Rev. 4 - 2
logo
HTC Korea TAEJIN Techno...
TJ1509A HTC-TJ1509A Datasheet
795Kb / 8P
   150kHz, 2A PWM Buck DC/DC Converter
logo
Orister Corporation
RS1509 ORISTER-RS1509 Datasheet
204Kb / 8P
   150KHz, 2A PWM Buck DC/DC Converter
logo
List of Unclassifed Man...
AX1509 ETC2-AX1509 Datasheet
223Kb / 8P
   150KHz, 2A PWM Buck DC/DC Converter
logo
Anachip Corp
AP1509 ANACHIP-AP1509 Datasheet
150Kb / 8P
   150KHz, 2A PWM Buck DC/DC Converter
logo
Advanced Power Electron...
APE1701 A-POWER-APE1701 Datasheet
150Kb / 9P
   150KHz, 2A PWM BUCK DC/DC CONVERTER
logo
TECHCODE SEMICONDUCTOR,...
TD1509 TECHCODE-TD1509 Datasheet
806Kb / 17P
   2A 150KHz PWM Buck DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com